データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TEA1795T データシート(PDF) 6 Page - NXP Semiconductors

部品番号 TEA1795T
部品情報  GreenChip synchronous rectifier controller
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PHILIPS [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TEA1795T データシート(HTML) 6 Page - NXP Semiconductors

Back Button TEA1795T Datasheet HTML 2Page - NXP Semiconductors TEA1795T Datasheet HTML 3Page - NXP Semiconductors TEA1795T Datasheet HTML 4Page - NXP Semiconductors TEA1795T Datasheet HTML 5Page - NXP Semiconductors TEA1795T Datasheet HTML 6Page - NXP Semiconductors TEA1795T Datasheet HTML 7Page - NXP Semiconductors TEA1795T Datasheet HTML 8Page - NXP Semiconductors TEA1795T Datasheet HTML 9Page - NXP Semiconductors TEA1795T Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
TEA1795T
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 1 — 4 November 2010
6 of 14
NXP Semiconductors
TEA1795T
GreenChip synchronous rectifier controller
8.
Limiting values
[1]
Equivalent to discharging a 100 pF capacitor through a 1.5 k
Ω series resistor.
[2]
Equivalent to discharging a 200 pF capacitor through a 0.75
μH coil and a 10 Ω resistor.
9.
Thermal characteristics
Table 3.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134). All voltages are measured
with respect to ground (pin 2); positive currents flow into the chip. Voltage ratings are valid provided
other ratings are not violated; current ratings are valid provided the other ratings are not violated.
Symbol
Parameter
Conditions
Min
Max
Unit
Voltages
VCC
supply voltage
continuous
−0.4
+38
V
Vsense(D)A
drain sense voltage A
continuous
-
120
V
Vsense(D)B
drain sense voltage B
continuous
-
120
V
Currents
Idrv(G)A
gate driver current A
δ <10%
−0.8
+3.0
A
Idrv(G)B
gate driver current B
δ <10%
−0.8
+3.0
A
II(DSA)
input current on pin DSA
−3-
mA
II(DSB)
input current on pin DSB
−3-
mA
II(SSA)
input current on pin SSA
−1+1
mA
II(SSB)
input current on pin SSB
−1+1
mA
General
Ptot
total power dissipation
Tamb <80 °C
-
0.45
W
Tstg
storage temperature
−55
+150
°C
Tj
junction temperature
−40
+150
°C
ElectroStatic Discharge voltage (ESD)
VESD
electrostatic discharge
voltage
class 2
human body
model
[1]
-
2000
V
machine model
[2]
-200
V
charged device
model
-500
V
Table 4.
Thermal characteristics
Symbol
Parameter
Conditions
Typ
Unit
Rth(j-a)
thermal resistance from junction
to ambient
JEDEC test board
150
K/W
Rth(j-c)
thermal resistance from junction
to case
JEDEC test board
100
K/W


同様の部品番号 - TEA1795T

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
TEA1791AT PHILIPS-TEA1791AT Datasheet
262Kb / 13P
   GreenChip synchronous rectifier controller
Rev. 01-7 June 2010
TEA1791T NXP-TEA1791T Datasheet
71Kb / 11P
   GreenChip synchronous rectifier controller
Rev. 01-3 February 2009
TEA1791T NXP-TEA1791T Datasheet
257Kb / 12P
   GreenChip synchronous rectifier controller
Rev. 02-7 June 2010
TEA1791T/N1 NXP-TEA1791T/N1 Datasheet
71Kb / 11P
   GreenChip synchronous rectifier controller
Rev. 01-3 February 2009
TEA1791T/N1 NXP-TEA1791T/N1 Datasheet
257Kb / 12P
   GreenChip synchronous rectifier controller
Rev. 02-7 June 2010
More results

同様の説明 - TEA1795T

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
TEA1792ATS NXP-TEA1792ATS Datasheet
324Kb / 13P
   GreenChip synchronous rectifier controller
Rev. 1-10 August 2012
TEA1761T NXP-TEA1761T Datasheet
83Kb / 13P
   GreenChip synchronous rectifier controller
Rev. 02-25 April 2007
TEA1998TS NXP-TEA1998TS Datasheet
230Kb / 18P
   GreenChip synchronous rectifier controller
Rev. 1-16 February 2017
TEA2093TS NXP-TEA2093TS Datasheet
273Kb / 19P
   GreenChip synchronous rectifier controller
Rev. 1 ??7 June 2022
TEA1892ATS PHILIPS-TEA1892ATS Datasheet
138Kb / 13P
   GreenChip synchronous rectifier controller
Rev. 1-10 April 2014
TEA1762T PHILIPS-TEA1762T Datasheet
81Kb / 15P
   GreenChip synchronous rectifier controller
Rev. 02-25 April 2007
TEA1792AT NXP-TEA1792AT Datasheet
330Kb / 13P
   GreenChip synchronous rectifier controller
Rev. 1-10 August 2012
TEA1999TK NXP-TEA1999TK Datasheet
255Kb / 21P
   GreenChip synchronous rectifier controller
Rev. 2-3 November 2017
TEA1993TS NXP-TEA1993TS Datasheet
207Kb / 20P
   GreenChip synchronous rectifier controller
Rev.1.1-14 September 2016
TEA1791T NXP-TEA1791T_V01 Datasheet
257Kb / 12P
   GreenChip synchronous rectifier controller
Rev. 02-7 June 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com