データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TPA6132A2 データシート(PDF) 7 Page - Texas Instruments

部品番号 TPA6132A2
部品情報  TPA6132A2 25-mW DirectPath??Stereo Headphone Amplifier With Pop Suppression
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

TPA6132A2 データシート(HTML) 7 Page - Texas Instruments

Back Button TPA6132A2_15 Datasheet HTML 3Page - Texas Instruments TPA6132A2_15 Datasheet HTML 4Page - Texas Instruments TPA6132A2_15 Datasheet HTML 5Page - Texas Instruments TPA6132A2_15 Datasheet HTML 6Page - Texas Instruments TPA6132A2_15 Datasheet HTML 7Page - Texas Instruments TPA6132A2_15 Datasheet HTML 8Page - Texas Instruments TPA6132A2_15 Datasheet HTML 9Page - Texas Instruments TPA6132A2_15 Datasheet HTML 10Page - Texas Instruments TPA6132A2_15 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
1
10
40
10
100
1000
R -LoadResistance-
L
W
V
=2.5V,1% THD+N
DD
V
=3.6V,10% THD+N
DD
f=1kHz
V
=2.5V,10% THD+N
DD
V
=3.6V,1% THD+N
DD
0
5
10
15
20
25
30
10
100
200
R -LoadResistance-
L
W
THD+N=1%,
V
=3.6V
DD
HPVSSandFlyingCap=2.2 F
m
HPVSSandFlyingCap=1 F
m
HPVSSandFlyingCap=0.47 F
m
2.5
3
3.5
4
4.5
5
5.5
V
-SupplyVoltage-V
DD
THD+N=1%
THD+N=10%
0
5
10
15
20
25
30
35
40
45
50
R =16
L
W
THD+N=1%
THD+N=10%
2.5
3
3.5
4
4.5
5
5.5
V
-SupplyVoltage-V
DD
0
5
10
15
20
25
30
35
40
45
50
R =32
L
W
0.001
0.01
0.1
1
20
100
1k
10k
20k
f-Frequency-Hz
P =20mWperChannel
O
P =10mWperChannel
O
P =1mWperChannel
O
R =32
,
V
=3.6V
L
DD
W
0.001
0.01
0.1
1
20
100
1k
10k
20k
f-Frequency-Hz
P =20mWperChannel
O
P =1mWperChannel
O
R =32
,
V
=5V
L
DD
W
P =10mWperChannel
O
TPA6132A2
www.ti.com
SLOS597A – DECEMBER 2008 – REVISED OCTOBER 2014
Typical Characteristics (continued)
Figure 7. Total Harmonic Distortion + Noise vs Frequency
Figure 8. Total Harmonic Distortion + Noise vs Frequency
Figure 9. Output Power vs Supply Voltage
Figure 10. Output Power vs Supply Voltage
Figure 11. Output Power vs Load Resistance
Figure 12. Output Power vs Load Resistance
Copyright © 2008–2014, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: TPA6132A2


同様の部品番号 - TPA6132A2_15

メーカー部品番号データシート部品情報
logo
Texas Instruments
TPA6132A2 TI1-TPA6132A2_17 Datasheet
1Mb / 28P
[Old version datasheet]   25-mW DirectPath Stereo Headphone Amplifier With Pop Suppression
More results

同様の説明 - TPA6132A2_15

メーカー部品番号データシート部品情報
logo
Texas Instruments
TPA6132A2 TI1-TPA6132A2_17 Datasheet
1Mb / 28P
[Old version datasheet]   25-mW DirectPath Stereo Headphone Amplifier With Pop Suppression
TPA6136A2 TI-TPA6136A2 Datasheet
921Kb / 22P
[Old version datasheet]   25-mW DIRECTPATH STEREO HEADPHONE AMPLIFIER WITH POP SUPPRESSION
TPA6136A2 TI-TPA6136A2_15 Datasheet
1Mb / 23P
[Old version datasheet]   25-mW DIRECTPATH??STEREO HEADPHONE AMPLIFIER WITH POP SUPPRESSION
logo
TEXAS ADVANCED OPTOELEC...
TPA6132A2 TAOS-TPA6132A2 Datasheet
1,001Kb / 22P
   25-mW DIRECTPATH??STEREO HEADPHONE AMPLIFIER WITH POP SUPPRESSION
logo
Texas Instruments
TPA6132A2 TI-TPA6132A2 Datasheet
1,001Kb / 22P
[Old version datasheet]   25-mW DIRECTPATH??STEREO HEADPHONE AMPLIFIER WITH POP SUPPRESSION
TPA6132A2 TI1-TPA6132A2 Datasheet
1Mb / 28P
[Old version datasheet]   Stereo Headphone Amplifier With Pop Suppression
TPA6133A2 TI1-TPA6133A2 Datasheet
1Mb / 18P
[Old version datasheet]   138-mW DIRECTPATH STEREO HEADPHONE AMPLIFIER
TPA6133A2 TI1-TPA6133A2_14 Datasheet
1Mb / 19P
[Old version datasheet]   138-mW DIRECTPATH??STEREO HEADPHONE AMPLIFIER
TPA6133A2 TI1-TPA6133A2_15 Datasheet
1Mb / 26P
[Old version datasheet]   138-mW DirectPath Stereo Headphone Amplifier
TPA6133A2 TI1-TPA6133A2_17 Datasheet
1Mb / 26P
[Old version datasheet]   138-mW DirectPath Stereo Headphone Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com