データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TEA1716T データシート(PDF) 2 Page - NXP Semiconductors

部品番号 TEA1716T
部品情報  Resonant power supply control IC with PFC
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PHILIPS [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TEA1716T データシート(HTML) 2 Page - NXP Semiconductors

  TEA1716T Datasheet HTML 1Page - NXP Semiconductors TEA1716T Datasheet HTML 2Page - NXP Semiconductors TEA1716T Datasheet HTML 3Page - NXP Semiconductors TEA1716T Datasheet HTML 4Page - NXP Semiconductors TEA1716T Datasheet HTML 5Page - NXP Semiconductors TEA1716T Datasheet HTML 6Page - NXP Semiconductors TEA1716T Datasheet HTML 7Page - NXP Semiconductors TEA1716T Datasheet HTML 8Page - NXP Semiconductors TEA1716T Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 47 page
background image
TEA1716T
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 3 — 30 November 2012
2 of 47
NXP Semiconductors
TEA1716T
Resonant power supply control IC with PFC
2.
Features and benefits
2.1 General features
Integrated PFC and HBC controllers
Universal mains supply operation from 70 V to 276 V (AC)
High level of integration resulting in a low external component count and a cost
effective design
Integrated Burst mode sensing
Compliant with Energy Using Product Directive (EuP) lot 6
Enable input to enable only the PFC or both the PFC and HBC controllers
On-chip high-voltage start-up source
Stand-alone operation or IC supplied from external DC source
2.2 PFC controller features
Boundary mode operation with on-time control
Valley/zero-voltage switching for minimum switching losses
Frequency limiting to reduce switching losses
Accurate boost voltage regulation
Burst mode switching with soft-start and soft stop
2.3 HBC controller features
Integrated high-voltage level shifter
Adjustable minimum and maximum frequency
Maximum 500 kHz half-bridge switching frequency
Adaptive non-overlap time
Burst mode switching
2.4 Protection features
Safe restart mode for system fault conditions
General latched protection input for output overvoltage protection or external
temperature protection
Protection timer for time-out and restart
Overtemperature protection
Soft (re)start for both controllers
Undervoltage protection for mains (brownout), boost, IC supply and output voltage
Overcurrent regulation and protection for both controllers
Accurate overvoltage protection for the boost voltage
Capacitive mode protection for the HBC controller


同様の部品番号 - TEA1716T

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
TEA1713 NXP-TEA1713 Datasheet
333Kb / 2P
   Higher integration for higher effi ciency in power supplies
2010
TEA1713T NXP-TEA1713T Datasheet
359Kb / 45P
   Resonant power supply control IC with PFC
Rev. 01-22 December 2009
TEA1713T NXP-TEA1713T Datasheet
366Kb / 47P
   Resonant power supply control IC with PFC
Rev. 2-9 February 2011
TEA1713T NXP-TEA1713T_11 Datasheet
366Kb / 47P
   Resonant power supply control IC with PFC
Rev. 2-9 February 2011
More results

同様の説明 - TEA1716T

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
TEA1713T NXP-TEA1713T_11 Datasheet
366Kb / 47P
   Resonant power supply control IC with PFC
Rev. 2-9 February 2011
SSL4120T NXP-SSL4120T Datasheet
400Kb / 47P
   Resonant power supply control IC with PFC
Rev. 1-21 June 2012
TEA1713T NXP-TEA1713T Datasheet
359Kb / 45P
   Resonant power supply control IC with PFC
Rev. 01-22 December 2009
SSL4120 NXP-SSL4120 Datasheet
631Kb / 48P
   Resonant power supply controller IC with PFC for LED lighting
Rev. 1-8 January 2013
logo
Infineon Technologies A...
ICL5101 INFINEON-ICL5101 Datasheet
1Mb / 44P
   Resonant controller IC with PFC for LED driver
Rev. 1.3, 2016-01-15
ICL5101 INFINEON-ICL5101_15 Datasheet
1Mb / 44P
   Resonant controller IC with PFC for LED driver
Rev. 1.2, 2015-09-23
ICL5101 INFINEON-ICL5101_16 Datasheet
1Mb / 44P
   Resonant controller IC with PFC for LED driver
Rev. 1.3, 2016-01-15
logo
Fuji Electric
FA5502 FUJI-FA5502 Datasheet
215Kb / 23P
   POWER SUPPLY CONTROL IC
logo
International Rectifier
IR1150 IRF-IR1150_15 Datasheet
925Kb / 16P
   PFC ONE CYCLE CONTROL PFC IC
IRS2166DSPBF IRF-IRS2166DSPBF Datasheet
501Kb / 20P
   PFC BALLAST CONTROL IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com