データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TLE4998S8D データシート(PDF) 7 Page - Infineon Technologies AG

部品番号 TLE4998S8D
部品情報  High Performance Programmable Dual Linear Hall Sensor
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  INFINEON [Infineon Technologies AG]
ホームページ  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4998S8D データシート(HTML) 7 Page - Infineon Technologies AG

Back Button TLE4998S8D Datasheet HTML 3Page - Infineon Technologies AG TLE4998S8D Datasheet HTML 4Page - Infineon Technologies AG TLE4998S8D Datasheet HTML 5Page - Infineon Technologies AG TLE4998S8D Datasheet HTML 6Page - Infineon Technologies AG TLE4998S8D Datasheet HTML 7Page - Infineon Technologies AG TLE4998S8D Datasheet HTML 8Page - Infineon Technologies AG TLE4998S8D Datasheet HTML 9Page - Infineon Technologies AG TLE4998S8D Datasheet HTML 10Page - Infineon Technologies AG TLE4998S8D Datasheet HTML 11Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
TLE4998S8D Grade1
Overview
Technical Product Description
7
Revision 1.0, 2013-02-22
1Overview
Figure 1-1
SMD package PG-TDSO-8-2 for the TLE4998S8D
1.1
Features
Integration of two individual Linear Hall sensor IC’s with Single Edge Nibble Transmission (SENT) open-drain
output signal (SAE J2716)
20-bit Digital Signal Processing (DSP)
Digital temperature and stress compensation
16-bit overall resolution
Operating automotive temperature range -40°C to 125°C
Minimal drift of output signal over temperature and lifetime
Programmable parameters stored in EEPROM with single-bit error correction:
– SENT unit time
– Magnetic range and sensitivity (gain), polarity of the output slope
– Offset
– Bandwidth
– Clamping levels
– Customer temperature compensation coefficients for all common magnets
– Memory lock
Re-programmable until memory lock
Supply voltage 4.5-5.5 V (4.1-16 V extended range)
Operation between -200 mT and +200 mT within three ranges
Reverse-polarity and overvoltage protection for all pins
Output short-circuit protection
On-board diagnostics (overvoltage, EEPROM error, start up)
Output of internal magnetic field values and temperature
Programming and operation of multiple sensors with common power supply
Two-point calibration of magnetic transfer function without iteration steps
High immunity against mechanical stress, EMC, ESD
Characteristic
Supply Voltage
Supply Current
Sensitivity Range
Interface
Temperature
Programmable
Dual Die
Linear Hall
Sensor
4.5~5.5 V
6 mA
±50mT
±100mT
±200mT
SENT (Single
Edge Nibble
Transmission)
Open Drain Output
-40°C to
125°C
Table 1-1
Ordering Information
Product Name
Marking
Ordering Code
Package
TLE4998S8D
tbd
tbd
PG-TDSO-8-2


同様の部品番号 - TLE4998S8D

メーカー部品番号データシート部品情報
logo
Infineon Technologies A...
TLE4998S8D INFINEON-TLE4998S8D Datasheet
1Mb / 24P
   High Performance Programmable Single/Dual Linear Hall Sensor
Revision 1.1, 2017-07
TLE4998S8D INFINEON-TLE4998S8D Datasheet
248Kb / 2P
   XENSIV™ magnetic position sensors – world’s first fully ISO 26262 compliant linear Hall sensor for high precision applications
05 / 2019
More results

同様の説明 - TLE4998S8D

メーカー部品番号データシート部品情報
logo
Infineon Technologies A...
TLE4998C8D INFINEON-TLE4998C8D Datasheet
1Mb / 28P
   High Performance Programmable Dual Linear Hall Sensor
Revision 1.0, 2014-05-21
TLE4998P8D INFINEON-TLE4998P8D Datasheet
1Mb / 21P
   High Performance Programmable Dual Linear Hall Sensor
Revision 1.0, 2014-05-21
TLE4998C8 INFINEON-TLE4998C8 Datasheet
1Mb / 27P
   High Performance Programmable Single/Dual Linear Hall Sensor
Revision 1.1, 2017-01
TLE4998P8 INFINEON-TLE4998P8 Datasheet
1Mb / 21P
   High Performance Programmable Single/Dual Linear Hall Sensor
Revision 1.1, 2017-01
TLE4998S8 INFINEON-TLE4998S8 Datasheet
1Mb / 24P
   High Performance Programmable Single/Dual Linear Hall Sensor
Revision 1.1, 2017-07
TLE4997A8D INFINEON-TLE4997A8D Datasheet
1Mb / 19P
   Programmable Linear Dual Hall Sensor
Revision 1.0, 2014-05-21
logo
Melexis Microelectronic...
MLX90277 MELEXIS-MLX90277 Datasheet
416Kb / 21P
   Dual Programmable Linear Hall Effect Sensor
logo
Infineon Technologies A...
TLE4998C3C INFINEON-TLE4998C3C Datasheet
1Mb / 42P
   Programmable Linear Hall Sensor
Rev 1.1, Sep 2009
TLE4998P3C INFINEON-TLE4998P3C Datasheet
1Mb / 32P
   Programmable Linear Hall Sensor
Rev 1.1, Sep 2009
TLE4998S INFINEON-TLE4998S Datasheet
1Mb / 39P
   Programmable Linear Hall Sensor
V 1.0, July 2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com