データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TLE5012BD データシート(PDF) 9 Page - Infineon Technologies AG

部品番号 TLE5012BD
部品情報  GMR-Based Dual Die Angle Sensor
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  INFINEON [Infineon Technologies AG]
ホームページ  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE5012BD データシート(HTML) 9 Page - Infineon Technologies AG

Back Button TLE5012BD Datasheet HTML 5Page - Infineon Technologies AG TLE5012BD Datasheet HTML 6Page - Infineon Technologies AG TLE5012BD Datasheet HTML 7Page - Infineon Technologies AG TLE5012BD Datasheet HTML 8Page - Infineon Technologies AG TLE5012BD Datasheet HTML 9Page - Infineon Technologies AG TLE5012BD Datasheet HTML 10Page - Infineon Technologies AG TLE5012BD Datasheet HTML 11Page - Infineon Technologies AG TLE5012BD Datasheet HTML 12Page - Infineon Technologies AG TLE5012BD Datasheet HTML 13Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
TLE5012BD
Dual Die Angle Output
Data Sheet
9
Rev. 1.1, 2015-03-12
3
Dual Die Angle Output
The bottom sensor element of the TLE5012BD is flipped relative to the orientation of the top sensor element
Therefore the rotation direction sensed by the bottom element is opposite to the top element. This is advantageous
for safety critical applications, as the two sensor elements do generally not output the same angle. Figure 3-1
shows the output of the two sensor ICs for a given external magnetic field orientation.
Figure 3-1 Dual die angle output
For applications where an identical angle output of both ICs is desired, the rotation direction and angle offset of
one sensor IC can be reconfigured by changing the settings in the ANG_BASE and ANG_DIR registers via SSC
interface.
12
IFA2
(IIF_A / HS1 / PWM / SPC)
O
Die 2 Interface A:
IIF Phase A / Hall Switch Signal 1 /
PWM / SPC output
13
IFA1
(IIF_A / HS1 / PWM / SPC)
O
Die 1 Interface A:
IIF Phase A / Hall Switch Signal 1 /
PWM / SPC output
14
VDD1
-
Die 1 Supply Voltage
15
GND1
-
Die 1 Ground
16
IFB1
(IIF_B / HS2)
O
Die 1 Interface B:
IIF Phase B / Hall Switch Signal 2
1) External clock feature is not available in IIF or HSM interface mode
Table 2-1
Pin Description (cont’d)
Pin No.
Symbol
In/Out
Function
90°
180°
270°
360 °
90°
180 °
270 °
360°
top sensor output
bottom sensor output
external magnetic field angle


同様の部品番号 - TLE5012BD

メーカー部品番号データシート部品情報
logo
Infineon Technologies A...
TLE5012B INFINEON-TLE5012B Datasheet
2Mb / 50P
   Giant Magneto Resistance (GMR)-based principle
Rev. 2.0, 2014-02
TLE5012B-E9000-MS2GO INFINEON-TLE5012B-E9000-MS2GO Datasheet
2Mb / 22P
   TLx5012B 2go Evaluation Kit
Rev. 1.0 2018-09-27
TLE5012BE1000 INFINEON-TLE5012BE1000 Datasheet
2Mb / 22P
   TLx5012B 2go Evaluation Kit
Rev. 1.0 2018-09-27
TLE5012BE3005 INFINEON-TLE5012BE3005 Datasheet
2Mb / 22P
   TLx5012B 2go Evaluation Kit
Rev. 1.0 2018-09-27
TLE5012BE5000 INFINEON-TLE5012BE5000 Datasheet
2Mb / 22P
   TLx5012B 2go Evaluation Kit
Rev. 1.0 2018-09-27
More results

同様の説明 - TLE5012BD

メーカー部品番号データシート部品情報
logo
Infineon Technologies A...
TLE5014SP16E0001 INFINEON-TLE5014SP16E0001 Datasheet
892Kb / 29P
   GMR-based Angle Sensor
Rev. 1.1 2019-04-04
TLI5012BE1000 INFINEON-TLI5012BE1000_15 Datasheet
2Mb / 37P
   GMR-Based Angle Sensor
Rev. 1.1, 2015-09
TLE5014SP16E0002 INFINEON-TLE5014SP16E0002 Datasheet
912Kb / 29P
   GMR-based Angle Sensor
Rev. 1.1 2019-04-04
TLE5009-E2000 INFINEON-TLE5009-E2000 Datasheet
1Mb / 32P
   GMR-Based Angular Sensor
Rev. 1.1, 2012-04
TLE5010 INFINEON-TLE5010 Datasheet
2Mb / 56P
   GMR Based Angular Sensor
V 0.9, May 2007
TLE5011 INFINEON-TLE5011_11 Datasheet
577Kb / 45P
   GMR Angle Sensor
March 2011
TLE5011 INFINEON-TLE5011 Datasheet
1Mb / 43P
   GMR Angle Sensor
May 2010 V1.1
TLI5012 INFINEON-TLI5012 Datasheet
2Mb / 44P
   GMR-Based Angular Sensor for Rotary Switches
V 0.41, 2009-03
TLE5012 INFINEON-TLE5012_10 Datasheet
1Mb / 64P
   GMR-Based Angular Sensor for Rotor-Position Sensing
V 1.0, 2010-11
TLE5012 INFINEON-TLE5012 Datasheet
2Mb / 57P
   GMR-Based Angular Sensor for Rotor Position Sensing
V 0.46, 2009-09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com