データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LS03-15B12SR2S データシート(PDF) 2 Page - MORNSUN Science& Technology Ltd.

部品番号 LS03-15B12SR2S
部品情報  3W, AC/DC converter
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MORNSUN [MORNSUN Science& Technology Ltd.]
ホームページ  http://www.mornsun-power.com
Logo MORNSUN - MORNSUN Science& Technology Ltd.

LS03-15B12SR2S データシート(HTML) 2 Page - MORNSUN Science& Technology Ltd.

  LS03-15B12SR2S Datasheet HTML 1Page - MORNSUN Science& Technology Ltd. LS03-15B12SR2S Datasheet HTML 2Page - MORNSUN Science& Technology Ltd. LS03-15B12SR2S Datasheet HTML 3Page - MORNSUN Science& Technology Ltd. LS03-15B12SR2S Datasheet HTML 4Page - MORNSUN Science& Technology Ltd. LS03-15B12SR2S Datasheet HTML 5Page - MORNSUN Science& Technology Ltd. LS03-15B12SR2S Datasheet HTML 6Page - MORNSUN Science& Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
AC/DC Converter
LS03-15BxxSR2S(-F) Series
2015.03.17-A/2
Page 2 of 6
MORNSUN Guangzhou Science & Technology Co., Ltd. reserves the copyright and right of final interpretation
Ripple & Noise
20MHz bandwidth
(peak-peak value)
LS03-15B03SR2S(-F)/ LS03-15B05SR2S(-F)
--
70
150
mV
LS03-15B09SR2S(-F)/LS03-15B12SR2S(-F)/
LS03-15B15SR2S(-F)/ LS03-15B24SR2S(-F)
--
50
Temperature Coefficient
--
±0.15
--
%/°C
Stand-by Power
--
--
0.5
W
Short Circuit Protection
Continuous, self-recovery
Over-current Protection
110%lo self-recovery
Min. Load
10
--
--
%
Note: ①② When LS03-15B03SR2S and LS03-15B05SR2S working in -20℃~-40℃ and 55℃~85℃temperature range output filter capacitor C2 need 270μF/16V
solid-state capacitor.
Ripple and noise are measured by “parallel cable” method, please see AC-DC Converter Application Notes for specific operation.
General Specifications
Item
Operating Conditions
Min.
Typ.
Max.
Unit
Isolation Voltage
Input-output
Test time: 1min
3000
--
--
VAC
Operating Temperature
-40
--
+85
Storage Temperature
-40
--
+105
Storage Humidity
--
--
85
%RH
Switching Frequency
--
--
60
kHz
Power Derating
-40℃~-20℃
2--
--
%/℃
+55℃~+85℃
1.33
--
--
Safety Standard
IEC60950/EN60950/UL60950
Safety-regulated Certification
IEC60950/EN60950/UL60950
Safety Class
CLASS II
MTBF
MIL-HDBK-217F@25°C > 300,000 h
Physical Specifications
Package Dimensions
Refer to the Dimensions
Weight
6 g(Typ.)
Cooling method
Free convection
EMC Specifications
EMI
CE
CISPR22/EN55022, CLASS A (See Fig. 1 for typical application circuit)
CISPR22/EN55022, CLASS B (See Fig. 2 for recommended circuit)
RE
CISPR22/EN55022, CLASS A (See Fig. 1 for typical application circuit)
CISPR22/EN55022, CLASS B (See Fig. 2 for recommended circuit)
EMS
ESD
IEC/EN61000-4-2
±4KV
Perf. Criteria B
RS
IEC/EN61000-4-3
10V/m (See Fig. 2 for recommended circuit)
perf. Criteria A
EFT
IEC/EN61000-4-4
±2KV (See Fig. 1 for typical application circuit)
perf. Criteria B
IEC/EN61000-4-4
±4KV (See Fig. 2 for recommended circuit)
perf. Criteria B
Surge
IEC/EN61000-4-5
±1KV (See Fig. 1 for typical application circuit)
perf. Criteria B
IEC/EN61000-4-5
±1KV/2KV (See Fig. 2 for recommended circuit)
perf. Criteria B
CS
IEC/EN61000-4-6
10 Vr.m.s (See Fig. 2 for recommended circuit)
perf. Criteria A
PFM
IEC/EN61000-4-8
10A/m (See Fig. 2 for recommended circuit)
perf. Criteria A
Voltage dips, short interruptions and
voltage variations immunity
IEC/EN61000-4-11
0%-70% (See Fig. 2 for recommended circuit)
perf. Criteria B
1


同様の部品番号 - LS03-15B12SR2S

メーカー部品番号データシート部品情報
logo
MORNSUN Science& Techno...
LS03-15B12SR2S MORNSUN-LS03-15B12SR2S Datasheet
344Kb / 6P
   AC/DC Converter
More results

同様の説明 - LS03-15B12SR2S

メーカー部品番号データシート部品情報
logo
MORNSUN Science& Techno...
LD03-16B03 MORNSUN-LD03-16B03 Datasheet
989Kb / 4P
   3W, AC/DC converter
LS03-16B03SS MORNSUN-LS03-16B03SS Datasheet
1Mb / 5P
   3W, AC/DC converter
LO03-10B03 MORNSUN-LO03-10B03 Datasheet
556Kb / 4P
   3W, AC-DC converter
LD03-10B03R2 MORNSUN-LD03-10B03R2_15 Datasheet
328Kb / 5P
   3W, AC-DC converter
LDE03-20B03W MORNSUN-LDE03-20B03W Datasheet
1Mb / 5P
   3W/5W, AC-DC converter
LDE03-20B03 MORNSUN-LDE03-20B03 Datasheet
1Mb / 6P
   3W/5W, AC-DC converter
LS03-05B03SC MORNSUN-LS03-05B03SC Datasheet
381Kb / 4P
   3W,HIGH VOLTAGE DC-DC(AC-DC) CONVERTER
LS03-05B03S MORNSUN-LS03-05B03S Datasheet
887Kb / 5P
   3W, AC-DC (High Voltage DC-DC) CONVERTER
LS03-05B05K MORNSUN-LS03-05B05K Datasheet
392Kb / 4P
   3W,HIGH VOLTAGE DC-DC(AC-DC) CONVERTER
LS03-05B05KC MORNSUN-LS03-05B05KC Datasheet
403Kb / 4P
   3W, HIGH VOLTAGE DC-DC(AC-DC) CONVERTER
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com