データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LS03-15B15SR2S データシート(PDF) 3 Page - MORNSUN Science& Technology Ltd.

部品番号 LS03-15B15SR2S
部品情報  3W, AC/DC converter
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MORNSUN [MORNSUN Science& Technology Ltd.]
ホームページ  http://www.mornsun-power.com
Logo MORNSUN - MORNSUN Science& Technology Ltd.

LS03-15B15SR2S データシート(HTML) 3 Page - MORNSUN Science& Technology Ltd.

  LS03-15B15SR2S Datasheet HTML 1Page - MORNSUN Science& Technology Ltd. LS03-15B15SR2S Datasheet HTML 2Page - MORNSUN Science& Technology Ltd. LS03-15B15SR2S Datasheet HTML 3Page - MORNSUN Science& Technology Ltd. LS03-15B15SR2S Datasheet HTML 4Page - MORNSUN Science& Technology Ltd. LS03-15B15SR2S Datasheet HTML 5Page - MORNSUN Science& Technology Ltd. LS03-15B15SR2S Datasheet HTML 6Page - MORNSUN Science& Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
AC/DC Converter
LS03-15BxxSR2S(-F) Series
2015.03.17-A/2
Page 3 of 6
MORNSUN Guangzhou Science & Technology Co., Ltd. reserves the copyright and right of final interpretation
Product Characteristic Curve
40
100
60
80
-20
55
85
-40
Input voltage:
100~340VDC
110~240VAC
Ambient Temperature( )
Temperature Derating Curve
40
100
60
80
100
340
400
70
VDC
110
240
264
85
VAC
Input Voltage
Input Voltage Deratin g Curve
Ambient temperatu re:25
Note: ①Input voltage should be derated based on temperature derating when it is 85-110VAC/240~264VAC/70~100VDC/340~400VDC;
This product is suitable for use in natural air cooling environments, if in a closed environment, please contact our company’s FAE.
LS03-15B05SR2S(-F)
LS03-15B12SR2S(-F)
LS03-15B24SR2S(-F)
66
68
70
72
74
76
78
80
82
84
85
110
120
220
230
240
264
Input Voltage(VAC)
LS03-15BXXSR2S(-F) AC Input
Efficiency Vs Input Voltage (Full Load)
110VAC
230VAC
40
45
50
55
60
65
70
75
80
85
90
10
20
30
40
50
60
70
80
90
100
Output Power Percentage(%)
LS03-15B12SR2S(-F) AC Input
Efficiency Vs Output Load
LS03-15B05SR2S(-F)
LS03-15B12SR2S(-F)
LS03-15B24SR2S(-F)
66
68
70
72
74
76
78
80
82
84
70
100
150
200
250
300
350
400
Input Voltage(VDC)
LS03-15BXXSR2S(-F) DC Input
Efficiency Vs Input Voltage (Full Load)
200VDC
300VDC
40
45
50
55
60
65
70
75
80
85
90
10
20
30
40
50
60
70
80
90
100
Output Power Percentage(%)
LS03-15B12SR2S(-F) DC Input
Efficiency Vs Output Load
Design Reference
1. Typical application circuit
1
+Vo
-Vo
10
12
AC(L)
AC(N)
C1
+
5
3
MOV1
7
ACDC
C2
C3 TVS
RL
+
L1
+
C4
L2
CY0
FUSE
NTC
Fig. 1
Note: ①is Pi filter circuit.


同様の部品番号 - LS03-15B15SR2S

メーカー部品番号データシート部品情報
logo
MORNSUN Science& Techno...
LS03-15B15SR2S MORNSUN-LS03-15B15SR2S Datasheet
344Kb / 6P
   AC/DC Converter
More results

同様の説明 - LS03-15B15SR2S

メーカー部品番号データシート部品情報
logo
MORNSUN Science& Techno...
LD03-16B03 MORNSUN-LD03-16B03 Datasheet
989Kb / 4P
   3W, AC/DC converter
LS03-16B03SS MORNSUN-LS03-16B03SS Datasheet
1Mb / 5P
   3W, AC/DC converter
LO03-10B03 MORNSUN-LO03-10B03 Datasheet
556Kb / 4P
   3W, AC-DC converter
LD03-10B03R2 MORNSUN-LD03-10B03R2_15 Datasheet
328Kb / 5P
   3W, AC-DC converter
LDE03-20B03W MORNSUN-LDE03-20B03W Datasheet
1Mb / 5P
   3W/5W, AC-DC converter
LDE03-20B03 MORNSUN-LDE03-20B03 Datasheet
1Mb / 6P
   3W/5W, AC-DC converter
LS03-05B03SC MORNSUN-LS03-05B03SC Datasheet
381Kb / 4P
   3W,HIGH VOLTAGE DC-DC(AC-DC) CONVERTER
LS03-05B03S MORNSUN-LS03-05B03S Datasheet
887Kb / 5P
   3W, AC-DC (High Voltage DC-DC) CONVERTER
LS03-05B05K MORNSUN-LS03-05B05K Datasheet
392Kb / 4P
   3W,HIGH VOLTAGE DC-DC(AC-DC) CONVERTER
LS03-05B05KC MORNSUN-LS03-05B05KC Datasheet
403Kb / 4P
   3W, HIGH VOLTAGE DC-DC(AC-DC) CONVERTER
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com