データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM2696MXA データシート(PDF) 5 Page - Texas Instruments

部品番号 LM2696MXA
部品情報  LM2696 3A, Constant On Time Buck Regulator
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

LM2696MXA データシート(HTML) 5 Page - Texas Instruments

  LM2696MXA Datasheet HTML 1Page - Texas Instruments LM2696MXA Datasheet HTML 2Page - Texas Instruments LM2696MXA Datasheet HTML 3Page - Texas Instruments LM2696MXA Datasheet HTML 4Page - Texas Instruments LM2696MXA Datasheet HTML 5Page - Texas Instruments LM2696MXA Datasheet HTML 6Page - Texas Instruments LM2696MXA Datasheet HTML 7Page - Texas Instruments LM2696MXA Datasheet HTML 8Page - Texas Instruments LM2696MXA Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
-40
-20
0
20
40
60
80
100 120
TEMPERATURE (
oC)
3.635
3.64
3.645
3.65
3.655
3.66
3.665
3.67
-20
20
60
100
140
TEMPERATURE (
oC)
0.6
0.7
0.8
0.9
1.0
1.1
1.2
1.3
1.4
1.5
-60
VIH (V)
0
40
80
120
-40
VIL (V)
0
2
4
6
8
10
12
14
16
18
20
4.5
7.5
10.5 13.5 16.5
24
VIN (V)
19.5 22.5
-40 -20
0
20
40
60
80
100 120
TEMPERATURE (
oC)
0
2
4
6
8
10
12
14
16
4.5
7.5
10.5
13.5 16.5
24
VIN (V)
19.5 22.5
1.05
1.1
1.15
1.2
1.25
1.3
1.35
1.4
1.45
1.5
1
-40 -20
0
20
40
60
80
100 120
TEMPERATURE (
oC)
1.12
1.14
1.16
1.18
1.2
1.22
1.24
1.26
1.28
1.30
1.32
LM2696
www.ti.com
SNVS375B – OCTOBER 2005 – REVISED APRIL 2013
TYPICAL PERFORMANCE CHARACTERISTICS
IQ vs Temp
IQ vs VIN
Figure 2.
Figure 3.
IQ in Shutdown vs Temp
IQ vs VIN in Shutdown
Figure 4.
Figure 5.
Shutdown Thresholds vs Temp
EXTVCC vs Temp
Figure 6.
Figure 7.
Copyright © 2005–2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LM2696


同様の部品番号 - LM2696MXA

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LM2696MXA NSC-LM2696MXA Datasheet
833Kb / 19P
   3A, Constant On Time Buck Regulator
LM2696MXAX NSC-LM2696MXAX Datasheet
833Kb / 19P
   3A, Constant On Time Buck Regulator
More results

同様の説明 - LM2696MXA

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LM2696 NSC-LM2696 Datasheet
833Kb / 19P
   3A, Constant On Time Buck Regulator
logo
ON Semiconductor
FAN53730 ONSEMI-FAN53730 Datasheet
1Mb / 31P
   Buck Regulator 3A, Constant On Time (COT)
June, 2023 - Rev. 0
logo
Texas Instruments
LM5017MRX_NOPB TI1-LM5017MRX_NOPB Datasheet
1Mb / 19P
[Old version datasheet]   600mA Constant On-Time Synchronous Buck Regulator
LM25019 TI1-LM25019_16 Datasheet
1Mb / 28P
[Old version datasheet]   100-mA Constant On-Time Synchronous Buck Regulator
LM25017 TI-LM25017 Datasheet
337Kb / 19P
[Old version datasheet]   48V, 650mA Constant On-Time Synchronous Buck Regulator
LM5008A TI1-LM5008A_14 Datasheet
1Mb / 22P
[Old version datasheet]   350 mA Constant On-Time Buck Switching Regulator
LM5018 TI1-LM5018 Datasheet
414Kb / 17P
[Old version datasheet]   100V, 300mA Constant On-Time Synchronous Buck Regulator
LM25018 TI-LM25018 Datasheet
337Kb / 18P
[Old version datasheet]   48V, 325mA Constant On-Time Synchronous Buck Regulator
LM25019 TI-LM25019 Datasheet
331Kb / 18P
[Old version datasheet]   48V, 100mA Constant On-Time Synchronous Buck Regulator
LM5017 TI1-LM5017 Datasheet
431Kb / 19P
[Old version datasheet]   100V, 600mA Constant On-Time Synchronous Buck Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com