データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM2698 データシート(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
部品番号 LM2698
部品情報  LM2698 SIMPLE SWITCHER짰 1.35A Boost Regulator
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

LM2698 データシート(HTML) 5 Page - Texas Instruments

  LM2698 Datasheet HTML 1Page - Texas Instruments LM2698 Datasheet HTML 2Page - Texas Instruments LM2698 Datasheet HTML 3Page - Texas Instruments LM2698 Datasheet HTML 4Page - Texas Instruments LM2698 Datasheet HTML 5Page - Texas Instruments LM2698 Datasheet HTML 6Page - Texas Instruments LM2698 Datasheet HTML 7Page - Texas Instruments LM2698 Datasheet HTML 8Page - Texas Instruments LM2698 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
LM2698
www.ti.com
SNVS153E – MAY 2001 – REVISED APRIL 2013
Electrical Characteristics
Specifications in standard type face are for TJ = 25°C and those with boldface type apply over the full Operating
Temperature Range ( TJ = −40°C to +125°C)Unless otherwise specified. VIN =2.2V and IL = 0A, unless otherwise specified.
Min
Typ
Max
Symbol
Parameter
Conditions
Units
(1)
(2)
(1)
IQ
Quiescent Current
FB = 0V (Not Switching)
1.3
2.0
mA
VSHDN = 0V
5
10
µA
VFB
Feedback Voltage
1.2285
1.26
1.2915
V
ICL
Switch Current Limit
VIN = 2.7V
(3)
1.35
1.9
2.4
A
%VFB/ΔVIN
Feedback Voltage Line
2.2V
≤ VIN ≤ 12.0V
0.013
0.1
%/V
Regulation
IB
FB Pin Bias Current
0.5
20
nA
(4)
VIN
Input Voltage Range
2.2
12
V
gm
Error Amp Transconductance
ΔI = 5µA
40
135
290
µmho
AV
Error Amp Voltage Gain
120
V/V
DMAX
Maximum Duty Cycle
FSLCT = Ground
78
85
%
DMIN
Minimum Duty Cycle
FSLCT = Ground
15
%
FSLCT = VIN
30
fS
Switching Frequency
FSLCT = Ground
480
600
720
kHz
FSLCT = VIN
1
1.25
1.5
MHz
ISHDN
Shutdown Pin Current
VSHDN = VIN
0.01
0.1
µA
VSHDN = 0V
−0.5
-1
IL
Switch Leakage Current
VSW = 18V
0.01
3
µA
RDS(ON)
Switch RDS(ON)
VIN = 2.7V, ISW = 1A
0.2
0.4
THSHDN
SHDN Threshold Voltage
Output High
0.6
0.9
V
Output Low
0.3
0.6
V
UVP
On Threshold
1.95
2.05
2.2
V
Off Threshold
1.85
1.95
2.1
V
θJA
Thermal Resistance
Junction to Ambient
235
°C/W
(5)
Junction to Ambient
225
(6)
Junction to Ambient
220
(7)
Junction to Ambient
200
(8)
Junction to Ambient
195
(9)
(1)
All limits are specified at room temperature (standard typeface) and at temperature extremes (bold typeface). All room temperature limits
are 100% tested or specified through statistical analysis. All limits at temperature extremes are specified via correlation using standard
Statistical Quality Control (SQC) methods. All limits are used to calculate Average Outgoing Quality Level (AOQL).
(2)
Typical numbers are at 25°C and represent the most likely norm.
(3)
This is the switch current limit at 0% duty cycle. The switch current limit will change as a function of duty cycle. See Typical performance
Characteristics section for ICL vs. VIN
(4)
Bias current flows into FB pin.
(5)
Junction to ambient thermal resistance (no external heat sink) for the MSO8 package with minimal trace widths (0.010 inches) from the
pins to the circuit. See "Scenario 'A'" in the Power Dissipation section.
(6)
Junction to ambient thermal resistance for the MSO8 package with minimal trace widths (0.010 inches) from the pins to the circuit and
approximately 0.0191 sq. in. of copper heat sinking. See "Scenario 'B'" in the Power Dissipation section.
(7)
Junction to ambient thermal resistance for the MSO8 package with minimal trace widths (0.010 inches) from the pins to the circuit and
approximately 0.0465 sq. in. of copper heat sinking. See "Scenario 'C'" in the Power Dissipation section.
(8)
Junction to ambient thermal resistance for the MSO8 package with minimal trace widths (0.010 inches) from the pins to the circuit and
approximately 0.2523 sq. in. of copper heat sinking. See "Scenario 'D'" in the Power Dissipation section.
(9)
Junction to ambient thermal resistance for the MSO8 package with minimal trace widths (0.010 inches) from the pins to the circuit and
approximately 0.0098 sq. in. of copper heat sinking on the top layer and 0.0760 sq. in. of copper heat sinking on the bottom layer, with
three 0.020 in. vias connecting the planes. See "Scenario 'E'" in the Power Dissipation section.
Copyright © 2001–2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LM2698


同様の部品番号 - LM2698

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LM2698 NSC-LM2698 Datasheet
503Kb / 17P
   SIMPLE SWITCHER 1.35A Boost Regulator
LM2698MM-ADJ NSC-LM2698MM-ADJ Datasheet
503Kb / 17P
   SIMPLE SWITCHER 1.35A Boost Regulator
LM2698MMX-ADJ NSC-LM2698MMX-ADJ Datasheet
503Kb / 17P
   SIMPLE SWITCHER 1.35A Boost Regulator
More results

同様の説明 - LM2698

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LM2698 NSC-LM2698 Datasheet
503Kb / 17P
   SIMPLE SWITCHER 1.35A Boost Regulator
LM2585 NSC-LM2585_07 Datasheet
983Kb / 28P
   SIMPLE SWITCHER짰 3A Flyback Regulator
LM2587 NSC-LM2587_04 Datasheet
810Kb / 27P
   SIMPLE SWITCHER짰 5A Flyback Regulator
logo
Texas Instruments
LM2587EVAL TI1-LM2587EVAL Datasheet
4Mb / 32P
[Old version datasheet]   LM2587 SIMPLE SWITCHER짰 5A Flyback Regulator
LM2585 TI-LM2585_15 Datasheet
3Mb / 32P
[Old version datasheet]   LM2585 SIMPLE SWITCHER짰 3A Flyback Regulator
logo
National Semiconductor ...
LM1577 NSC-LM1577_05 Datasheet
1Mb / 31P
   SIMPLE SWITCHER짰 Step-Up Voltage Regulator
logo
Texas Instruments
LM2577SX-ADJNOPB TI1-LM2577SX-ADJNOPB Datasheet
4Mb / 42P
[Old version datasheet]   SIMPLE SWITCHER짰 Step-Up Voltage Regulator
LM2576S-5.0-NOPB TI1-LM2576S-5.0-NOPB Datasheet
3Mb / 37P
[Old version datasheet]   SIMPLE SWITCHER짰 3A Step-Down Voltage Regulator
LM2586 TI1-LM2586_13 Datasheet
2Mb / 38P
[Old version datasheet]   SIMPLE SWITCHER짰 3A Flyback Regulator with Shutdown
logo
National Semiconductor ...
LM1575 NSC-LM1575_07 Datasheet
848Kb / 28P
   SIMPLE SWITCHER짰 1A Step-Down Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com