データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM2717 データシート(PDF) 1 Page - Texas Instruments

部品番号 LM2717
部品情報  LM2717 Dual Step-Down DC/DC Converter
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

LM2717 データシート(HTML) 1 Page - Texas Instruments

  LM2717_15 Datasheet HTML 1Page - Texas Instruments LM2717_15 Datasheet HTML 2Page - Texas Instruments LM2717_15 Datasheet HTML 3Page - Texas Instruments LM2717_15 Datasheet HTML 4Page - Texas Instruments LM2717_15 Datasheet HTML 5Page - Texas Instruments LM2717_15 Datasheet HTML 6Page - Texas Instruments LM2717_15 Datasheet HTML 7Page - Texas Instruments LM2717_15 Datasheet HTML 8Page - Texas Instruments LM2717_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
LM2717
www.ti.com
SNVS253D – MAY 2005 – REVISED MARCH 2013
LM2717 Dual Step-Down DC/DC Converter
Check for Samples: LM2717
1
FEATURES
DESCRIPTION
The LM2717 is composed of two PWM DC/DC buck
2
Fixed 3.3V Output Buck Converter with a 2.2A,
(step-down) converters. The first converter is used to
0.16
Ω, Internal Switch
generate a fixed output voltage of 3.3V. The second
Adjustable Buck Converter with a 3.2A, 0.16
Ω,
converter is used to generate an adjustable output
Internal Switch
voltage. Both converters feature low RDSON (0.16Ω)
internal switches for maximum efficiency. Operating
Operating Input Voltage Range of 4V to 20V
frequency
can
be
adjusted
anywhere
between
Input Undervoltage Protection
300kHz and 600kHz allowing the use of small
300kHz to 600kHz Pin Adjustable Operating
external components. External soft-start pins for each
Frequency
enables the user to tailor the soft-start times to a
specific application. Each converter may also be shut
Over Temperature Protection
down independently with its own shutdown pin. The
Small 24-Lead TSSOP Package
LM2717 is available in a low profile 24-lead TSSOP
package ensuring a low profile overall solution.
APPLICATIONS
TFT-LCD Displays
Handheld Devices
Portable Applications
Laptop Computers
Typical Application Circuit
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2005–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


同様の部品番号 - LM2717_15

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LM2717-ADJ NSC-LM2717-ADJ Datasheet
812Kb / 16P
   Dual Step-Down DC/DC Converter
LM2717-ADJ NSC-LM2717-ADJ Datasheet
395Kb / 16P
   Dual Step-Down DC/DC Converter
logo
Texas Instruments
LM2717-ADJ TI-LM2717-ADJ Datasheet
1Mb / 24P
[Old version datasheet]   LM2717-ADJ Dual Step-Down DC/DC Converter
logo
National Semiconductor ...
LM2717-ADJ NSC-LM2717-ADJ_08 Datasheet
395Kb / 16P
   Dual Step-Down DC/DC Converter
logo
Texas Instruments
LM2717-ADJ TI-LM2717-ADJ_15 Datasheet
1Mb / 24P
[Old version datasheet]   LM2717-ADJ Dual Step-Down DC/DC Converter
More results

同様の説明 - LM2717_15

メーカー部品番号データシート部品情報
logo
Texas Instruments
LM2717-ADJ TI-LM2717-ADJ_15 Datasheet
1Mb / 24P
[Old version datasheet]   LM2717-ADJ Dual Step-Down DC/DC Converter
logo
National Semiconductor ...
LM2717 NSC-LM2717 Datasheet
673Kb / 12P
   Dual Step-down DC/DC Converter
LM2717-ADJ NSC-LM2717-ADJ Datasheet
812Kb / 16P
   Dual Step-Down DC/DC Converter
LM2717 NSC-LM2717_08 Datasheet
324Kb / 14P
   Dual Step-Down DC/DC Converter
LM2717-ADJ NSC-LM2717-ADJ_08 Datasheet
395Kb / 16P
   Dual Step-Down DC/DC Converter
logo
Texas Instruments
LM3370 TI1-LM3370_15 Datasheet
4Mb / 33P
[Old version datasheet]   Dual Synchronous Step-Down DC-DC Converter
logo
Rohm
BP5226-18 ROHM-BP5226-18 Datasheet
478Kb / 3P
   Step-down DC/DC converter
logo
Texas Instruments
LM3212 TI1-LM3212_16 Datasheet
981Kb / 25P
[Old version datasheet]   Step-Down DC-DC Converter
LM53625-Q1 TI1-LM53625-Q1_16 Datasheet
5Mb / 55P
[Old version datasheet]   Step-Down DC-DC Converter
TPS57140-Q1 TI1-TPS57140-Q1_16 Datasheet
2Mb / 53P
[Old version datasheet]   Step-Down DC-DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com