データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM2717-ADJ データシート(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
部品番号 LM2717-ADJ
部品情報  LM2717-ADJ Dual Step-Down DC/DC Converter
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

LM2717-ADJ データシート(HTML) 9 Page - Texas Instruments

Back Button LM2717-ADJ Datasheet HTML 5Page - Texas Instruments LM2717-ADJ Datasheet HTML 6Page - Texas Instruments LM2717-ADJ Datasheet HTML 7Page - Texas Instruments LM2717-ADJ Datasheet HTML 8Page - Texas Instruments LM2717-ADJ Datasheet HTML 9Page - Texas Instruments LM2717-ADJ Datasheet HTML 10Page - Texas Instruments LM2717-ADJ Datasheet HTML 11Page - Texas Instruments LM2717-ADJ Datasheet HTML 12Page - Texas Instruments LM2717-ADJ Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
-40
-20
0
20
40
60
80
AMBIENT TEMPERATURE (
oC)
2.8
2.9
3
3.1
3.2
3.3
3.4
VOUT = 3.3V
VOUT = 5V
-40
-20
0
20
40
60
80
AMBIENT TEMPERATURE (
oC)
1.4
1.45
1.5
1.55
1.6
1.65
1.7
VOUT = 3.3V
VOUT = 5V
5
7
9
11
13
15
17
19
INPUT VOLTAGE (V)
1
1.2
1.4
1.6
1.8
2
2.2
2.4
VOUT = 3.3V
VOUT = 5V
5
9
13
17
INPUT VOLTAGE (V)
2.2
2.4
2.6
2.8
3
3.2
3.4
3.6
3.8
4
7
11
15
19
VOUT = 3.3V
VOUT = 5V
0
0.5
1
1.5
2
2.5
LOAD CURRENT (A)
0
10
20
30
40
50
60
70
80
90
100
V
IN = 18V
0
0.5
1
1.5
2
2.5
LOAD CURRENT (A)
0
10
20
30
40
50
60
70
80
90
100
V
IN = 18V
LM2717-ADJ
www.ti.com
SNVS407C – DECEMBER 2005 – REVISED MARCH 2013
Typical Performance Characteristics (continued)
Buck 2 Efficiency vs. Load Current(VOUT = 15V)
Buck 2 Efficiency vs. Load Current(VOUT = 5V)
Figure 8.
Figure 9.
Buck 1 Switch Current Limit vs. Input Voltage
Buck 2 Switch Current Limit vs. Input Voltage
Figure 10.
Figure 11.
Buck 1 Switch Current Limit vs. Temperature(VIN = 12V)
Buck 2 Switch Current Limit vs. Temperature(VIN = 12V)
Figure 12.
Figure 13.
Copyright © 2005–2013, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: LM2717-ADJ


同様の部品番号 - LM2717-ADJ

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LM2717-ADJ NSC-LM2717-ADJ Datasheet
812Kb / 16P
   Dual Step-Down DC/DC Converter
LM2717-ADJ NSC-LM2717-ADJ Datasheet
395Kb / 16P
   Dual Step-Down DC/DC Converter
LM2717-ADJ NSC-LM2717-ADJ_08 Datasheet
395Kb / 16P
   Dual Step-Down DC/DC Converter
More results

同様の説明 - LM2717-ADJ

メーカー部品番号データシート部品情報
logo
Texas Instruments
LM2717 TI-LM2717_15 Datasheet
957Kb / 17P
[Old version datasheet]   LM2717 Dual Step-Down DC/DC Converter
logo
National Semiconductor ...
LM2717 NSC-LM2717 Datasheet
673Kb / 12P
   Dual Step-down DC/DC Converter
LM2717-ADJ NSC-LM2717-ADJ Datasheet
812Kb / 16P
   Dual Step-Down DC/DC Converter
LM2717 NSC-LM2717_08 Datasheet
324Kb / 14P
   Dual Step-Down DC/DC Converter
LM2717-ADJ NSC-LM2717-ADJ_08 Datasheet
395Kb / 16P
   Dual Step-Down DC/DC Converter
logo
Texas Instruments
LM3370 TI1-LM3370_15 Datasheet
4Mb / 33P
[Old version datasheet]   Dual Synchronous Step-Down DC-DC Converter
logo
Rohm
BP5226-18 ROHM-BP5226-18 Datasheet
478Kb / 3P
   Step-down DC/DC converter
logo
Texas Instruments
LM3212 TI1-LM3212_16 Datasheet
981Kb / 25P
[Old version datasheet]   Step-Down DC-DC Converter
LM53625-Q1 TI1-LM53625-Q1_16 Datasheet
5Mb / 55P
[Old version datasheet]   Step-Down DC-DC Converter
TPS57140-Q1 TI1-TPS57140-Q1_16 Datasheet
2Mb / 53P
[Old version datasheet]   Step-Down DC-DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com