データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TL-SF1016DS データシート(PDF) 3 Page - List of Unclassifed Manufacturers

部品番号 TL-SF1016DS
部品情報  10/100Mbps Desktop/Rackmount Switch
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ETC2 [List of Unclassifed Manufacturers]
ホームページ  
Logo ETC2 - List of Unclassifed Manufacturers

TL-SF1016DS データシート(HTML) 3 Page - List of Unclassifed Manufacturers

  TL-SF1016DS Datasheet HTML 1Page - List of Unclassifed Manufacturers TL-SF1016DS Datasheet HTML 2Page - List of Unclassifed Manufacturers TL-SF1016DS Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Specifications:
TL-SF1016DS
TL-SF1024D
IEEE 802.3,
IEEE 802.3u,
IEEE 802.3x
16*10/100Mbps RJ45 ports
YES
YES
Windows 8/7/Vista/XP/2000, Linux, Mac OS
Store and Forward
3.2 Gbps
8 K
YES
YES
Up to 75%
Power, 100Mbps, Link/Act
294*180*44 mm
0°C~40°C (32°F~104°F)
-40°C~70°C (-40°F~158°F)
10%~90% non-condensing
5%~90% non-condensing
16-port 10/100Mbps
desktop/rackmount switch
IEEE 802.3,
IEEE 802.3u,
IEEE 802.3x
24*10/100Mbps RJ45 ports
YES
YES
Windows 8/7/Vista/XP/2000, Linux, Mac OS
Store and Forward
4.8 Gbps
8 K
YES
YES
Up to 75%
Power, 100Mbps, Link/Act
294*180*44 mm
0°C~40°C (32°F~104°F)
-40°C~70°C (-40°F~158°F)
10%~90% non-condensing
5%~90% non-condensing
24-port 10/100Mbps
desktop/rackmount switch
* Maximum power savings when compared to a TP-LINK conventional switch, the real saving rate may vary based on the usage condition.
Datasheet
www.tp-link.com
Copyright © 2013 TP-LINK Technologies Co., Ltd. All rights reserved.
Product Picture
Model
Standards
Network Ports
Auto Negotiation
Auto MDI/MDIX
Systems
Forwarding Mode
Switch Capacity
MAC Address Table
Flow Conrol
Fanless
Power Saving
LED
Dimensions
Operating Temperature
Storage Temperature
Operating Humidity
Storage Humidity
Ordering Information


同様の部品番号 - TL-SF1016DS

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
TL-SF1016D ETC2-TL-SF1016D Datasheet
477Kb / 2P
   16-Port 10/100M Desktop Switch
More results

同様の説明 - TL-SF1016DS

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
TL-SF1005D ETC2-TL-SF1005D Datasheet
1Mb / 2P
   5-Port 10/100Mbps Desktop Switch
TL-SF1008P ETC2-TL-SF1008P Datasheet
661Kb / 3P
   8-Port 10/100Mbps Desktop Switch with 4-Port PoE
logo
Zarlink Semiconductor I...
MDS212 ZARLINK-MDS212 Datasheet
1Mb / 111P
   12-Port 10/100Mbps Ethernet Switch
MDS213 ZARLINK-MDS213 Datasheet
1Mb / 120P
   12-Port 10/100Mbps 1Gbps Ethernet Switch
logo
List of Unclassifed Man...
TE100-S16R ETC2-TE100-S16R Datasheet
465Kb / 2P
   16-Port 10/100Mbps Fast Ethernet Switch
IP1718LF ETC2-IP1718LF Datasheet
774Kb / 33P
   18-port 10/100Mbps Smart Switch Controller
logo
Advantech Co., Ltd.
EKI-3528-AE ADVANTECH-EKI-3528-AE Datasheet
901Kb / 2P
   8-port 10/100Mbps Unmanaged Industrial Ethernet Switch
logo
TP-Link Technologies Co...
TL-SG105 TP-LINK-TL-SG105 Datasheet
491Kb / 3P
   10/100/1000Mbps Desktop Switch
logo
Advantech Co., Ltd.
EKI-3525-AE ADVANTECH-EKI-3525-AE Datasheet
901Kb / 2P
   5-port 10/100Mbps Unmanaged Industrial Ethernet Switch
logo
Level One
FSW-2450 LVL1-FSW-2450 Datasheet
631Kb / 2P
   24-Port 10/100 Rackmount Switch
More results


Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com