データシートサーチシステム |
|
TL-SG1016D データシート(PDF) 2 Page - List of Unclassifed Manufacturers |
|
TL-SG1016D データシート(HTML) 2 Page - List of Unclassifed Manufacturers |
2 / 3 page TL-SG1008 / TL-SG1016D / TL-SG1024D 8/16/24-Port Gigabit Switch TP-LINK Green Technology This new generation TL-SG1008/TL-SG1016D/TL-SG1024D Gigabit Switch features the latest innovative energy-ecient technologies that can greatly expand your network capacity with much less power. It automatically adjusts power consump- tion according to the link status and cable length to limit the carbon footprint of your network. It also complies with the EU’S RoHS, prohibiting the use of certain hazardous materials. Besides, 80% of the packaging material can be recycled. High Performance All 8/16/24 ports are Gigabit RJ-45 ports which can provide large le transferring and also be compatible with 10Mbps and 100Mbps Ethernet devices. Featuring non-blocking switching architecture,TL-SG1008/TL-SG1016D/TL-SG1024D forwards and lters packets at full wire-speed for maximum throughput. With 10KB Jumbo frame,the performance of large les transfers is improved signicantly. And IEEE 802.3x ow control for Full Duplex mode and backpressure for Half Duplex mode alleviate the trac congestion and make The TL-SG1008/TL-SG1016D/TL- SG1024D work reliably. It’s a perfect choice to update your network to Gigabit while protecting your previous investment properly. Easy to Use The auto features of this gigabit switch make installation plug and play and hassle- free. No conguring is required. Auto MDI/MDIX eliminates the need for crossover cables. Auto-negotiation on each port senses the link speed of a network device (10, 100, or 1000 Mbps) and intelligently adjusts for compatibility and optimal perfor- mance. Green Technology Saving power 75%/70%/60% Recyclable packaging material High Performance IEEE 802.3x ow control Non-blocking switching architecture 16/32/48 Gbps Switching Capacity Store and forward Auto-MDI/MDIX Auto-negotiation MAC address auto-learning and auto-aging 10KB Jumbo frame Easy to use Plug and Play design Quiet/Fanless design Datasheet www.tp-link.com Copyright © 2011 TP-LINK Technologies Co., Ltd. All rights reserved. 24 /7 Globaltechnicalsupport Details:http://www.tp-link.com/ support/Localesupport.asp German/Austrian/Swiss users are not included |
同様の部品番号 - TL-SG1016D |
|
同様の説明 - TL-SG1016D |
|
|
リンク URL |
プライバシーポリシー |
ALLDATASHEET.JP |
ALLDATASHEETはお客様のビジネスに役立ちますか? [ DONATE ] |
Alldatasheetは | 広告 | お問い合わせ | プライバシーポリシー | リンク交換 | メーカーリスト All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |