データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM2841 データシート(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
部品番号 LM2841
部品情報  Input Step-Down DC/DC Regulator in Thin SOT
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

LM2841 データシート(HTML) 7 Page - Texas Instruments

Back Button LM2841 Datasheet HTML 3Page - Texas Instruments LM2841 Datasheet HTML 4Page - Texas Instruments LM2841 Datasheet HTML 5Page - Texas Instruments LM2841 Datasheet HTML 6Page - Texas Instruments LM2841 Datasheet HTML 7Page - Texas Instruments LM2841 Datasheet HTML 8Page - Texas Instruments LM2841 Datasheet HTML 9Page - Texas Instruments LM2841 Datasheet HTML 10Page - Texas Instruments LM2841 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
Max Duty
Cycle Limit
OSC
DC
LIMIT
SET
+
+
-
+
PWM
Comp
RESET
FET
Driver
BUCK
DRIVE
+
-
Error
Amp
FB
Bandgap
Soft
Start
Thermal
Shutdown
TSD
SHDN
Inductor
Current
Measurement
CB
SW
GND
UVLO
Comp
BG
UVLO
Voltage
Regulator
VIN
LM2841, LM2842
www.ti.com
SNVS540H – MARCH 2009 – REVISED APRIL 2013
BLOCK DIAGRAM
Figure 13. Block Diagram
OPERATION
PROTECTION
The LM2840/1/2 has dedicated protection circuitry running during normal operation to protect the IC. The thermal
shutdown circuitry turns off the power device when the die temperature reaches excessive levels. The UVLO
comparator protects the power device during supply power startup and shutdown to prevent operation at
voltages less than the minimum input voltage. A gate drive (CB) under-voltage lockout is included to ensure that
there is enough gate drive voltage to drive the MOSFET before the device tries to start switching. The
LM2840/1/2 also features a shutdown mode decreasing the supply current to approximately 16 µA.
CONTINUOUS CONDUCTION MODE
The LM2840/1/2 contains a current-mode, PWM buck regulator. A buck regulator steps the input voltage down to
a lower output voltage. In continuous conduction mode (when the inductor current never reaches zero at steady
state), the buck regulator operates in two cycles. The power switch is connected between VIN and SW. In the first
cycle of operation the transistor is closed and the diode is reverse biased. Energy is collected in the inductor and
the load current is supplied by COUT and the rising current through the inductor. During the second cycle the
transistor is open and the diode is forward biased due to the fact that the inductor current cannot instantaneously
change direction. The energy stored in the inductor is transferred to the load and output capacitor. The ratio of
these two cycles determines the output voltage. The output voltage is defined approximately as: D=VOUT/VIN and
D’ = (1-D) where D is the duty cycle of the switch. D and D' will be required for design calculations.
DESIGN PROCEDURE
This section presents guidelines for selecting external components.
SETTING THE OUTPUT VOLTAGE
The output voltage is set using the feedback pin and a resistor divider connected to the output as shown on the
front page schematic. The feedback pin voltage 0.765V, so the ratio of the feedback resistors sets the output
voltage according to the following equation: VOUT=0.765V(1+(R1/R2))
Typically R2 will be given as 100
Ω-10 kΩ for a starting value. To solve for R1 given R2 and VOUT use
R1=R2((VOUT/0.765V)-1).
Copyright © 2009–2013, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LM2841 LM2842


同様の部品番号 - LM2841

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LM2841 NSC-LM2841 Datasheet
324Kb / 14P
   300 mA/600 mA up to 42V Input Step-Down DC/DC Regulator in Thin SOT-23
logo
Texas Instruments
LM2841 TI1-LM2841 Datasheet
845Kb / 19P
[Old version datasheet]   LM2840/LM2841/LM2842/ LM2840-Q1/LM2841-Q1/LM2842-Q1 100/300/600 mA 42V Input Step-Down DC/DC Regulator in Thin SOT
logo
National Semiconductor ...
LM2841XMK-ADJL NSC-LM2841XMK-ADJL Datasheet
324Kb / 14P
   300 mA/600 mA up to 42V Input Step-Down DC/DC Regulator in Thin SOT-23
logo
Texas Instruments
LM2841XMK-ADJL TI1-LM2841XMK-ADJL Datasheet
271Kb / 15P
[Old version datasheet]   100/300/600 mA 42V Input Step-Down DC/DC Regulator in Thin SOT-23
LM2841XMK-ADJL/NOPB TI1-LM2841XMK-ADJL/NOPB Datasheet
845Kb / 19P
[Old version datasheet]   LM2840/LM2841/LM2842/ LM2840-Q1/LM2841-Q1/LM2842-Q1 100/300/600 mA 42V Input Step-Down DC/DC Regulator in Thin SOT
More results

同様の説明 - LM2841

メーカー部品番号データシート部品情報
logo
Texas Instruments
LM2840 TI1-LM2840 Datasheet
271Kb / 15P
[Old version datasheet]   100/300/600 mA 42V Input Step-Down DC/DC Regulator in Thin SOT-23
LM2734Z TI1-LM2734Z_16 Datasheet
1Mb / 36P
[Old version datasheet]   Thin SOT 1-A Load Step-Down DC-DC Regulator
LM2734 TI1-LM2734 Datasheet
1Mb / 31P
[Old version datasheet]   LM2734 Thin SOT 1A Load Step-Down DC-DC Regulator
LM2736YMKX TI-LM2736YMKX Datasheet
1Mb / 31P
[Old version datasheet]   LM2736 Thin SOT 750mA Load Step-Down DC-DC Regulator
LM2736XMK TI-LM2736XMK Datasheet
1Mb / 31P
[Old version datasheet]   LM2736 Thin SOT 750mA Load Step-Down DC-DC Regulator
LM2736YMK TI-LM2736YMK Datasheet
1Mb / 31P
[Old version datasheet]   LM2736 Thin SOT 750mA Load Step-Down DC-DC Regulator
LM2736XMK TI1-LM2736XMK Datasheet
1Mb / 31P
[Old version datasheet]   LM2736 Thin SOT 750mA Load Step-Down DC-DC Regulator
LM2736 TI-LM2736_15 Datasheet
1Mb / 36P
[Old version datasheet]   LM2736 Thin SOT 750 mA Load Step-Down DC-DC Regulator
LM2734Z TI-LM2734Z_15 Datasheet
1Mb / 32P
[Old version datasheet]   LM2734Z/LM2734ZQ Thin SOT 1A Load Step-Down DC-DC Regulator
LM2734 TI-LM2734_15 Datasheet
1Mb / 37P
[Old version datasheet]   LM2734 Thin SOT 1-A Load Step-Down DC-DC Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com