データシートサーチシステム |
|
LM2840-Q1 データシート(PDF) 3 Page - Texas Instruments |
|
|
LM2840-Q1 データシート(HTML) 3 Page - Texas Instruments |
3 / 20 page LM2841, LM2842 www.ti.com SNVS540H – MARCH 2009 – REVISED APRIL 2013 Absolute Maximum Ratings (1) (2) VIN -0.3V to +45V SHDN -0.3V to (VIN+0.3V) <45V SW Voltage -0.3V to +45V CB Voltage above SW Voltage 7V FB Voltage -0.3V to +5V Maximum Junction Temperature 150°C Power Dissipation(3) Internally Limited Lead Temperature 300°C Vapor Phase (60 sec.) 215°C Infrared (15 sec.) 220°C ESD Susceptibility(4) Human Body Model 2 kV (1) Absolute maximum ratings are limits beyond which damage to the device may occur. Operating Ratings are conditions for which the device is intended to be functional, but device parameter specifications may not be ensured. For ensured specifications and test conditions, see the Electrical Characteristics. (2) If Military/Aerospace specified devices are required, please contact the Texas Instruments Sales Office/ Distributors for availability and specifications. (3) The maximum allowable power dissipation is a function of the maximum junction temperature, TJ(MAX), the junction-to-ambient thermal resistance, θJA, and the ambient temperature, TA. The maximum allowable power dissipation at any ambient temperature is calculated using: PD (MAX) = (TJ(MAX) − TA)/θJA. Exceeding the maximum allowable power dissipation will cause excessive die temperature, and the regulator will go into thermal shutdown. Internal thermal shutdown circuitry protects the device from permanent damage. Thermal shutdown engages at TJ=175°C (typ.) and disengages at TJ= 155°C (typ). (4) Human Body Model, applicable std. JESD22-A114-C. Operating Conditions Operating Junction Temperature Range (1) −40°C to +125°C Storage Temperature −65°C to +150°C Input Voltage VIN 4.5V to 42V SW Voltage Up to 42V (1) All limits specified at room temperature (standard typeface) and at temperature extremes (bold typeface). All room temperature limits are 100% production tested. All limits at temperature extremes are ensured via correlation using standard Statistical Quality Control (SQC) methods. All limits are used to calculate Average Outgoing Quality Level (AOQL). Electrical Characteristics Specifications in standard type face are for TJ = 25°C and those with boldface type apply over the full Operating Temperature Range ( TJ = −40°C to +125°C). Minimum and Maximum limits are specified through test, design, or statistical correlation. Typical values represent the most likely parametric norm at TJ = +25°C, and are provided for reference purposes only. Unless otherwise stated the following conditions apply: VIN = 12V. Symbol Parameter Conditions Min (1) Typ (2) Max (1) Units IQ Quiescent current SHDN = 0V 16 40 µA Device On, Not Switching 1.30 1.75 mA Device On, No Load 1.35 1.85 RDSON Switch ON resistance See(3) 0.9 1.6 Ω ILSW Switch leakage current VIN = 42V 0.0 0.5 µA ICL Switch current limit LM2840 (4) 525 900 mA LM2841 (4) 525 900 mA LM2842 (4) 1.15 1.7 A IFB Feedback pin bias current LM2840/41/42 (5) 0.1 1.0 µA VFB FB Pin reference voltage 0.747 0.765 0.782 V (1) All limits specified at room temperature (standard typeface) and at temperature extremes (bold typeface). All room temperature limits are 100% production tested. All limits at temperature extremes are ensured via correlation using standard Statistical Quality Control (SQC) methods. All limits are used to calculate Average Outgoing Quality Level (AOQL). (2) Typical numbers are at 25°C and represent the most likely norm. (3) Includes the bond wires, RDSON from VIN pin to SW pin. (4) Current limit at 0% duty cycle. May be lower at higher duty cycle or input voltages below 6V. (5) Bias currents flow into pin. Copyright © 2009–2013, Texas Instruments Incorporated Submit Documentation Feedback 3 Product Folder Links: LM2841 LM2842 |
同様の部品番号 - LM2840-Q1 |
|
同様の説明 - LM2840-Q1 |
|
|
リンク URL |
プライバシーポリシー |
ALLDATASHEET.JP |
ALLDATASHEETはお客様のビジネスに役立ちますか? [ DONATE ] |
Alldatasheetは | 広告 | お問い合わせ | プライバシーポリシー | リンク交換 | メーカーリスト All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |