データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM3205 データシート(PDF) 4 Page - Texas Instruments

部品番号 LM3205
部品情報  LM3205 650mA Miniature, Adjustable, Step-Down DC-DC Converter for RF Power Amplifiers
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

LM3205 データシート(HTML) 4 Page - Texas Instruments

  LM3205_15 Datasheet HTML 1Page - Texas Instruments LM3205_15 Datasheet HTML 2Page - Texas Instruments LM3205_15 Datasheet HTML 3Page - Texas Instruments LM3205_15 Datasheet HTML 4Page - Texas Instruments LM3205_15 Datasheet HTML 5Page - Texas Instruments LM3205_15 Datasheet HTML 6Page - Texas Instruments LM3205_15 Datasheet HTML 7Page - Texas Instruments LM3205_15 Datasheet HTML 8Page - Texas Instruments LM3205_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
LM3205
SNVS388E – JULY 2005 – REVISED APRIL 2013
www.ti.com
ELECTRICAL CHARACTERISTICS
(1) (2) (3)
Limits in standard typeface are for TA = TJ = 25°C. Limits in boldface type apply over the full operating ambient temperature
range (
−30°C ≤ TA = TJ ≤ +85°C). Unless otherwise noted, all specifications apply to LM3205TL/LM3205SD with: PVIN = VDD
= EN = 3.6V.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
VFB, MIN
Feedback Voltage at
VCON = 0.32V
(3)
0.75
0.8
0.85
V
minimum setting
VFB, MAX
Feedback Voltage at
VCON = 1.44V, VIN = 4.2V
(3)
3.537
3.6
3.683
V
maximum setting
ISHDN
Shutdown supply current
EN = SW = VCON = 0V
(4)
0.01
2
µA
IQ
DC bias current into VDD
VCON = 2V, FB = 0V, No Switching
(5)
1
1.4
mA
RDSON(P) DSBGA
Pin-pin resistance for PFET
ISW = 200mA
200
140
m
230
RDSON(N) DSBGA
Pin-pin resistance for NFET ISW = -200mA
415
300
m
485
RDSON(P)WSON
Pin-pin resistance for PFET
ISW = 200mA
230
170
m
260
RDSON(N)WSON
Pin-pin resistance for NFET ISW = -200mA
445
330
m
515
ILIM,PFET
Switch peak current limit
See(6)
935
1100
1200
mA
FOSC
Internal oscillator frequency
1.7
2
2.3
MHz
VIH,EN
Logic high input threshold
1.2
V
VIL,EN
Logic low input threshold
0.5
V
IPIN,EN
Pin pull down current
5
10
µA
ZCON
VCON input resistance
100
k
Gain
VCON to VOUT Gain
0.32V
≤ VCON ≤ 1.44V
2.5
V/V
(1)
All voltages are with respect to the potential at the GND pins. The LM3205 is designed for mobile phone applications where turn-on after
power-up is controlled by the system controller and where requirements for a small package size overrule increased die size for internal
Under Voltage Lock-Out (UVLO) circuitry. Thus, it should be kept in shutdown by holding the EN pin low until the input voltage exceeds
2.7V.
(2)
Min and Max limits are specified by design, test, or statistical analysis. Typical numbers are not ensured, but do represent the most
likely norm. Due to the pulsed nature of the testing TA = TJ for the electrical characteristics table.
(3)
The parameters in the electrical characteristics table are tested under open loop conditions at PVIN = VDD = 3.6V. For performance over
the input voltage range and closed loop results refer to the datasheet curves.
(4)
Shutdown current includes leakage current of PFET.
(5)
IQ specified here is when the part is operating at 100% duty cycle.
(6)
Current limit is built-in, fixed, and not adjustable. Refer to datasheet curves for closed loop data and its variation with regards to supply
voltage and temperature. Electrical Characteristic table reflects open loop data (FB = 0V and current drawn from SW pin ramped up until
cycle by cycle limit is activated). Closed loop current limit is the peak inductor current measured in the application circuit by increasing
output current until output voltage drops by 10%.
4
Submit Documentation Feedback
Copyright © 2005–2013, Texas Instruments Incorporated
Product Folder Links: LM3205


同様の部品番号 - LM3205_15

メーカー部品番号データシート部品情報
logo
Texas Instruments
LM3205 TI1-LM3205_16 Datasheet
1Mb / 28P
[Old version datasheet]   Miniature, Adjustable, Step-Down DC-DC Converter
More results

同様の説明 - LM3205_15

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LM3208 NSC-LM3208 Datasheet
1Mb / 17P
   650mA Miniature, Adjustable, Step-Down DC-DC Converter for RF Power Amplifiers
LM3202 NSC-LM3202_06 Datasheet
3Mb / 16P
   650mA Miniature, Adjustable, Step-Down DC-DC Converter for RF Power Amplifiers
logo
Texas Instruments
LM3205 TI1-LM3205 Datasheet
1Mb / 24P
[Old version datasheet]   650mA Miniature, Adjustable, Step-Down DC-DC Converter for RF Power Amplifiers
logo
National Semiconductor ...
LM3202 NSC-LM3202 Datasheet
1Mb / 15P
   650mA Miniature, Adjustable, Step-Down DC-DC Converter for RF Power Amplifiers
LM3205 NSC-LM3205_09 Datasheet
1Mb / 18P
   650mA Miniature, Adjustable, Step-Down DC-DC Converter for RF Power Amplifiers
LM3205 NSC-LM3205 Datasheet
1Mb / 18P
   650mA Miniature, Adjustable, Step-Down DC-DC Converter for RF Power Amplifiers
logo
Global Mixed-mode Techn...
G5302 GMT-G5302 Datasheet
77Kb / 1P
   650mA Miniature, Adjustable, Step-Down DC-DC Converter for RF Power Amplifiers
logo
Texas Instruments
LM3208 TI-LM3208_15 Datasheet
3Mb / 25P
[Old version datasheet]   LM3208 650mA Miniature, Adjustable, Step-Down DC-DC Converter for RF Power Amplifiers
LM3208 TI1-LM3208 Datasheet
3Mb / 25P
[Old version datasheet]   650mA Miniature, Adjustable, Step-Down DC-DC Converter
logo
ams AG
AS1332 AMSCO-AS1332_07 Datasheet
2Mb / 20P
   650mA, Step-Down DC-DC Converter for RF Power Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com