データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM3671-Q1 データシート(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
部品番号 LM3671-Q1
部品情報  LM3671/-Q1 2-MHz, 600-mA Step-Down DC-DC Converter6
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

LM3671-Q1 データシート(HTML) 9 Page - Texas Instruments

Back Button LM3671-Q1 Datasheet HTML 5Page - Texas Instruments LM3671-Q1 Datasheet HTML 6Page - Texas Instruments LM3671-Q1 Datasheet HTML 7Page - Texas Instruments LM3671-Q1 Datasheet HTML 8Page - Texas Instruments LM3671-Q1 Datasheet HTML 9Page - Texas Instruments LM3671-Q1 Datasheet HTML 10Page - Texas Instruments LM3671-Q1 Datasheet HTML 11Page - Texas Instruments LM3671-Q1 Datasheet HTML 12Page - Texas Instruments LM3671-Q1 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 36 page
background image
VOUT
40 2s/DIV
3.6V
VIN
3.0V
20 mV/DIV
AC Coupled
VOUT = 1.5V
IOUT = 400 mA
0.10
1.00
10.00
100.00 1000.00
OUTPUT CURRENT (mA)
20
30
40
50
60
70
80
90
100
0.01
VIN = 2.7V
VIN = 2.7V
VIN = 4.5V
VIN = 3.6V
VOUT = 1.5V
0.10
1.00
10.00
100.00 1000.00
OUTPUT CURRENT (mA)
20
30
40
50
60
70
80
90
100
0.01
VIN = 3.0V
VIN = 3.0V
VIN = 4.5V
VIN = 3.6V
VOUT = 1.8V
LM3671, LM3671-Q1
www.ti.com
SNVS294R – NOVEMBER 2004 – REVISED NOVEMBER 2014
Typical Characteristics (continued)
LM3671MF/TL/LC, Circuit of Typical Application Circuit: Fixed-Voltage, VIN = 3.6 V, VOUT = 1.5 V, TA = 25°C, unless otherwise
noted.
L= 2.2 µH
L= 2.2 µH
Figure 13. Efficiency vs. Output Current
Figure 14. Efficiency vs. Output Current
L= 2.2 µH
L= 2.2 µH
Figure 16. Efficiency vs. Output Current
Figure 15. Efficiency vs. Output Current
Figure 18. Line Transient Response (PWM Mode)
Figure 17. Line Transient Response (PWM Mode)
Copyright © 2004–2014, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: LM3671 LM3671-Q1


同様の部品番号 - LM3671-Q1

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LM3671 NSC-LM3671 Datasheet
967Kb / 16P
   2MHz , 600mA Step-Down DC-DC Converter in SOT23-5
LM3671 NSC-LM3671 Datasheet
7Mb / 24P
   2MHz, 600mA Step-Down DC-DC Converter
logo
Texas Instruments
LM3671 TI1-LM3671 Datasheet
6Mb / 39P
[Old version datasheet]   LM3671, LM3671Q 2MHz, 600mA Step-Down DC-DC Converter
logo
National Semiconductor ...
LM3671LC-1.2 NSC-LM3671LC-1.2 Datasheet
7Mb / 24P
   2MHz, 600mA Step-Down DC-DC Converter
logo
Texas Instruments
LM3671LC-1.2/NOPB TI1-LM3671LC-1.2/NOPB Datasheet
6Mb / 39P
[Old version datasheet]   LM3671, LM3671Q 2MHz, 600mA Step-Down DC-DC Converter
More results

同様の説明 - LM3671-Q1

メーカー部品番号データシート部品情報
logo
ON Semiconductor
NCP1522B ONSEMI-NCP1522B_10 Datasheet
191Kb / 14P
   3 MHz, 600 mA Step-Down DC-DC Converter
December, 2010 ??Rev. 1
NCP1521B ONSEMI-NCP1521B_10 Datasheet
187Kb / 14P
   1.5 MHz, 600 mA Step-Down DC-DC Converter
December, 2010 ??Rev. 5
NCP1522B ONSEMI-NCP1522B Datasheet
206Kb / 14P
   3 MHz, 600 mA Step-Down DC-DC Converter
May, 2007 - Rev. 0
logo
Texas Instruments
LM3676 TI-LM3676_15 Datasheet
3Mb / 25P
[Old version datasheet]   2-MHz 600-mA Step-Down DC-DC Converter With Mode Control
LM3673 TI-LM3673_15 Datasheet
4Mb / 28P
[Old version datasheet]   2-MHz, 350-mA Step-Down DC-DC Converter
LM3674 TI-LM3674_15 Datasheet
4Mb / 26P
[Old version datasheet]   LM3674 2-MHz, 600-mA Step-Down DC-DC Converter in SOT-23
logo
Analog Devices
ADP2108AUJZ-1.0-R7 AD-ADP2108AUJZ-1.0-R7 Datasheet
1Mb / 20P
   Compact, 600 mA, 3 MHz, Step-Down DC-to-DC Converter
Rev. G
ADP2108 AD-ADP2108 Datasheet
1Mb / 16P
   Compact, 600 mA, 3 MHz, Step-Down DC-to-DC Converter
Rev. A
ADP2121 AD-ADP2121 Datasheet
1Mb / 20P
   600 mA, 6 MHz, Synchronous Step-Down DC-to-DC Converter
REV. B
ADP2108AUJZ-3.3-R7 AD-ADP2108AUJZ-3.3-R7 Datasheet
1Mb / 20P
   Compact, 600 mA, 3 MHz, Step-Down DC-to-DC Converter
Rev. G
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com