データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM3673 データシート(PDF) 11 Page - Texas Instruments

部品番号 LM3673
部品情報  2-MHz, 350-mA Step-Down DC-DC Converter
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

LM3673 データシート(HTML) 11 Page - Texas Instruments

Back Button LM3673_15 Datasheet HTML 7Page - Texas Instruments LM3673_15 Datasheet HTML 8Page - Texas Instruments LM3673_15 Datasheet HTML 9Page - Texas Instruments LM3673_15 Datasheet HTML 10Page - Texas Instruments LM3673_15 Datasheet HTML 11Page - Texas Instruments LM3673_15 Datasheet HTML 12Page - Texas Instruments LM3673_15 Datasheet HTML 13Page - Texas Instruments LM3673_15 Datasheet HTML 14Page - Texas Instruments LM3673_15 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
VOUT
TIME (4 Ps/DIV)
200 mA/DIV
IL
VSW
2V/DIV
20 mV/DIV
AC Coupled
VIN = 3.6V
VOUT = 1.5V
IOUT = 20 mA
LM3673
www.ti.com
SNVS434L – JULY 2006 – REVISED OCTOBER 2015
Feature Description (continued)
8.3.4 Current Limiting
A current limit feature allows the LM3673 to protect itself and external components during overload conditions.
PWM mode implements current limiting using an internal comparator that trips at 750 mA (typical). If the output is
shorted to ground the device enters a timed current limit mode where the NFET is turned on for a longer duration
until the inductor current falls below a low threshold. This allows the inductor current more time to decay, thereby
preventing runaway.
8.3.5 Soft Start
The LM3673 has a soft-start circuit that limits in-rush current during start-up. During start-up the switch current
limit is increased in steps. Soft start is activated only if EN goes from logic low to logic high after VIN reaches 2.7
V. Soft start is implemented by increasing switch current limit in steps of 70 mA, 140 mA, 280 mA, and 750 mA
(typical switch current limit). The start-up time thereby depends on the output capacitor and load current. Typical
start-up time with a 10-µF output capacitor and 150-mA load is 280 µs; with a 5-mA load start-up time is 240 µs.
8.3.6 Low Drop Out Operation (LDO)
The LM3673-ADJ can operate at 100% duty cycle (no switching; PMOS switch completely on) for LDO support of
the output voltage. In this way the output voltage is controlled down to the lowest possible input voltage. When
the device operates near 100% duty cycle, output voltage ripple is approximately 25 mV.
The minimum input voltage needed to support the output voltage is:
VIN, MIN = ILOAD × (RDSON, PFET + RINDUCTOR) + VOUT
where
ILOAD: Load current
RDSON, PFET: Drain-to-source resistance of PFET switch in the triode region
RINDUCTOR: Inductor resistance
(1)
8.4 Device Functional Modes
8.4.1 PFM Operation
At very light load, the converter enters PFM mode and operates with reduced switching frequency and supply
current to maintain high efficiency.
The part automatically transitions into PFM mode when either of two conditions occurs for a duration of 32 or
more clock cycles:
The NFET current reaches zero.
The peak PMOS switch current drops below the IMODE level (typically IMODE < 30 mA + VIN / 42 Ω ).
Figure 15. Typical PFM Operation
Copyright © 2006–2015, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LM3673


同様の部品番号 - LM3673_15

メーカー部品番号データシート部品情報
logo
Texas Instruments
LM3673 TI1-LM3673_14 Datasheet
5Mb / 23P
[Old version datasheet]   2MHz, 350mA Step-Down DC-DC Converter
More results

同様の説明 - LM3673_15

メーカー部品番号データシート部品情報
logo
ON Semiconductor
NCP1522B ONSEMI-NCP1522B_10 Datasheet
191Kb / 14P
   3 MHz, 600 mA Step-Down DC-DC Converter
December, 2010 ??Rev. 1
NCP1521B ONSEMI-NCP1521B_10 Datasheet
187Kb / 14P
   1.5 MHz, 600 mA Step-Down DC-DC Converter
December, 2010 ??Rev. 5
NCP1522B ONSEMI-NCP1522B Datasheet
206Kb / 14P
   3 MHz, 600 mA Step-Down DC-DC Converter
May, 2007 - Rev. 0
logo
Texas Instruments
LM3676 TI-LM3676_15 Datasheet
3Mb / 25P
[Old version datasheet]   2-MHz 600-mA Step-Down DC-DC Converter With Mode Control
LM3674 TI-LM3674_15 Datasheet
4Mb / 26P
[Old version datasheet]   LM3674 2-MHz, 600-mA Step-Down DC-DC Converter in SOT-23
logo
Analog Devices
ADP2139CB-1.8EVALZ AD-ADP2139CB-1.8EVALZ Datasheet
544Kb / 20P
   Compact, 800 mA, 3 MHz, Step-Down DC-to-DC Converter
REV. C
ADP2108AUJZ-1.0-R7 AD-ADP2108AUJZ-1.0-R7 Datasheet
1Mb / 20P
   Compact, 600 mA, 3 MHz, Step-Down DC-to-DC Converter
Rev. G
ADP2108 AD-ADP2108 Datasheet
1Mb / 16P
   Compact, 600 mA, 3 MHz, Step-Down DC-to-DC Converter
Rev. A
ADP2138 AD-ADP2138 Datasheet
520Kb / 16P
   Compact, 800 mA, 3 MHz, Step-Down DC-to-DC Converter
REV. 0
ADP2121 AD-ADP2121 Datasheet
1Mb / 20P
   600 mA, 6 MHz, Synchronous Step-Down DC-to-DC Converter
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com