データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM3673 データシート(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
部品番号 LM3673
部品情報  2-MHz, 350-mA Step-Down DC-DC Converter
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

LM3673 データシート(HTML) 6 Page - Texas Instruments

Back Button LM3673 Datasheet HTML 2Page - Texas Instruments LM3673 Datasheet HTML 3Page - Texas Instruments LM3673 Datasheet HTML 4Page - Texas Instruments LM3673 Datasheet HTML 5Page - Texas Instruments LM3673 Datasheet HTML 6Page - Texas Instruments LM3673 Datasheet HTML 7Page - Texas Instruments LM3673 Datasheet HTML 8Page - Texas Instruments LM3673 Datasheet HTML 9Page - Texas Instruments LM3673 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
-40
-20
0
20
40
60
80
100
TEMPERATURE (°C)
VIN = 2.7V
VIN = 3.6V
VIN = 4.5V
VIN = 3.6V
VIN = 4.5V
VIN = 2.7V
VIN = 2.7V
650
700
750
800
850
900
950
Closed Loop = Solid
Open Loop = Dash
-10
10
30
50
70
90
110
TEMPERATURE (
oC)
100
150
200
250
300
350
400
450
500
550
600
-30
NFET
VIN = 4.5V
PFET
VIN = 2.7V
VIN = 4.5V
VIN = 3.6V
VIN = 3.6V
VIN = 2.7V
-10
10
30
50
70
90
TEMPERATURE (°C)
0.00
0.05
0.10
0.15
0.20
0.25
0.30
0.35
0.40
-30
EN = GND
VIN = 3.6V
VIN = 2.7V
VIN = 5.5V
3.0
3.5
4.0
4.5
5.0
5.5
6.0
SUPPLY VOLTAGE (V)
10
12
14
16
18
20
2.5
TA = 85°C
EN = VIN
IOUT = 0 mA
TA = 25°C
TA = -30°C
LM3673
SNVS434L – JULY 2006 – REVISED OCTOBER 2015
www.ti.com
7.6 Typical Characteristics
LM3673TL typical application (Figure 17), VIN = 3.6 V, VOUT= 1.5 V, TA = 25°C, unless otherwise noted.
Figure 1. Quiescent Supply Current vs. Supply Voltage
Figure 2. Shutdown Current vs. Temperature
Figure 3. Feedback Bias Current vs. Temperature
Figure 4. Switching Frequency vs. Temperature
Figure 5. RDSON vs. Temperature
Figure 6. Open/Closed Loop Current Limit vs. Temperature
6
Submit Documentation Feedback
Copyright © 2006–2015, Texas Instruments Incorporated
Product Folder Links: LM3673


同様の部品番号 - LM3673

メーカー部品番号データシート部品情報
logo
Texas Instruments
LM3673 TI1-LM3673 Datasheet
5Mb / 23P
[Old version datasheet]   2MHz, 350mA Step-Down DC-DC Converter
LM3673 TI1-LM3673_14 Datasheet
5Mb / 23P
[Old version datasheet]   2MHz, 350mA Step-Down DC-DC Converter
More results

同様の説明 - LM3673

メーカー部品番号データシート部品情報
logo
ON Semiconductor
NCP1522B ONSEMI-NCP1522B_10 Datasheet
191Kb / 14P
   3 MHz, 600 mA Step-Down DC-DC Converter
December, 2010 ??Rev. 1
NCP1521B ONSEMI-NCP1521B_10 Datasheet
187Kb / 14P
   1.5 MHz, 600 mA Step-Down DC-DC Converter
December, 2010 ??Rev. 5
NCP1522B ONSEMI-NCP1522B Datasheet
206Kb / 14P
   3 MHz, 600 mA Step-Down DC-DC Converter
May, 2007 - Rev. 0
logo
Texas Instruments
LM3676 TI-LM3676_15 Datasheet
3Mb / 25P
[Old version datasheet]   2-MHz 600-mA Step-Down DC-DC Converter With Mode Control
LM3674 TI-LM3674_15 Datasheet
4Mb / 26P
[Old version datasheet]   LM3674 2-MHz, 600-mA Step-Down DC-DC Converter in SOT-23
logo
Analog Devices
ADP2139CB-1.8EVALZ AD-ADP2139CB-1.8EVALZ Datasheet
544Kb / 20P
   Compact, 800 mA, 3 MHz, Step-Down DC-to-DC Converter
REV. C
ADP2108AUJZ-1.0-R7 AD-ADP2108AUJZ-1.0-R7 Datasheet
1Mb / 20P
   Compact, 600 mA, 3 MHz, Step-Down DC-to-DC Converter
Rev. G
ADP2108 AD-ADP2108 Datasheet
1Mb / 16P
   Compact, 600 mA, 3 MHz, Step-Down DC-to-DC Converter
Rev. A
ADP2138 AD-ADP2138 Datasheet
520Kb / 16P
   Compact, 800 mA, 3 MHz, Step-Down DC-to-DC Converter
REV. 0
ADP2121 AD-ADP2121 Datasheet
1Mb / 20P
   600 mA, 6 MHz, Synchronous Step-Down DC-to-DC Converter
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com