データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM5000 データシート(PDF) 10 Page - Texas Instruments

部品番号 LM5000
部品情報  High Voltage Switch Mode Regulator
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

LM5000 データシート(HTML) 10 Page - Texas Instruments

Back Button LM5000_15 Datasheet HTML 6Page - Texas Instruments LM5000_15 Datasheet HTML 7Page - Texas Instruments LM5000_15 Datasheet HTML 8Page - Texas Instruments LM5000_15 Datasheet HTML 9Page - Texas Instruments LM5000_15 Datasheet HTML 10Page - Texas Instruments LM5000_15 Datasheet HTML 11Page - Texas Instruments LM5000_15 Datasheet HTML 12Page - Texas Instruments LM5000_15 Datasheet HTML 13Page - Texas Instruments LM5000_15 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
LM5000
SNVS176D – MAY 2004 – REVISED MARCH 2007
www.ti.com
BOOST REGULATOR OPERATION
The LM5000 utilizes a PWM control scheme to regulate the output voltage over all load conditions. The operation
can best be understood referring to the block diagram and Figure 21. At the start of each cycle, the oscillator
sets the driver logic and turns on the NMOS power device conducting current through the inductor, cycle 1 of
Figure 21 (a). During this cycle, the voltage at the COMP pin controls the peak inductor current. The COMP
voltage will increase with larger loads and decrease with smaller. This voltage is compared with the summation
of the SW volatge and the ramp compensation.The ramp compensation is used in PWM architectures to
eliminate the sub-harmonic oscillations that occur during duty cycles greater than 50%. Once the summation of
the ramp compensation and switch voltage equals the COMP voltage, the PWM comparator resets the driver
logic turning off the NMOS power device. The inductor current then flows through the output diode to the load
and output capacitor, cycle 2 of Figure 21 (b). The NMOS power device is then set by the oscillator at the end of
the period and current flows through the inductor once again.
The LM5000 has dedicated protection circuitry running during the normal operation to protect the IC. The
Thermal Shutdown circuitry turns off the NMOS power device when the die temperature reaches excessive
levels. The UVP comparator protects the NMOS power device during supply power startup and shutdown to
prevent operation at voltages less than the minimum input voltage. The OVP comparator is used to prevent the
output voltage from rising at no loads allowing full PWM operation over all load conditions. The LM5000 also
features a shutdown mode. An external capacitor sets the softstart time by limiting the error amp output range,
as the capacitor charges up via an internal 10µA current source.
The LM5000 is available in two operating frequency ranges. The LM5000-3 is pin selectable for either 300kHz
(FS Grounded) or 700kHz (FS Open). The LM5000-6 is pin selectable for either 600kHz (FS Grounded) or
1.3MHz (FS Open)
Operation
Figure 21. Simplified Boost Converter Diagram
(a) First Cycle of Operation (b) Second Cycle Of Operation
CONTINUOUS CONDUCTION MODE
The LM5000 is a current-mode, PWM regulator. When used as a boost regulator the input voltage is stepped up
to a higher output voltage. In continuous conduction mode (when the inductor current never reaches zero at
steady state), the boost regulator operates in two cycles.
In the first cycle of operation, shown in Figure 21 (a), the transistor is closed and the diode is reverse biased.
Energy is collected in the inductor and the load current is supplied by COUT.
10
Submit Documentation Feedback
Copyright © 2004–2007, Texas Instruments Incorporated
Product Folder Links: LM5000


同様の部品番号 - LM5000_15

メーカー部品番号データシート部品情報
logo
Texas Instruments
LM5000 TI1-LM5000_14 Datasheet
1Mb / 23P
[Old version datasheet]   High Voltage Switch Mode Regulator
More results

同様の説明 - LM5000_15

メーカー部品番号データシート部品情報
logo
Texas Instruments
LM5001 TI-LM5001_15 Datasheet
1Mb / 26P
[Old version datasheet]   High-Voltage Switch-Mode Regulator
logo
National Semiconductor ...
LM5000 NSC-LM5000 Datasheet
438Kb / 18P
   High Voltage Switch Mode Regulator
LM5001 NSC-LM5001_09 Datasheet
392Kb / 18P
   High Voltage Switch Mode Regulator
LM5000 NSC-LM5000_07 Datasheet
385Kb / 18P
   High Voltage Switch Mode Regulator
logo
Texas Instruments
LM5001 TI1-LM5001_14 Datasheet
1Mb / 24P
[Old version datasheet]   High Voltage Switch Mode Regulator
LM5000 TI1-LM5000_14 Datasheet
1Mb / 23P
[Old version datasheet]   High Voltage Switch Mode Regulator
LM5002 TI-LM5002_15 Datasheet
1Mb / 24P
[Old version datasheet]   High Voltage Switch Mode Regulator
logo
National Semiconductor ...
LM5001 NSC-LM5001 Datasheet
361Kb / 18P
   High Voltage Switch Mode Regulator
LM5002 NSC-LM5002_09 Datasheet
367Kb / 18P
   High Voltage Switch Mode Regulator
LM5002 NSC-LM5002 Datasheet
336Kb / 18P
   High Voltage Switch Mode Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com