データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM5008A データシート(PDF) 8 Page - Texas Instruments

部品番号 LM5008A
部品情報  100-V 350-mA Constant On-Time Buck Switching Regulator
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

LM5008A データシート(HTML) 8 Page - Texas Instruments

Back Button LM5008A_15 Datasheet HTML 4Page - Texas Instruments LM5008A_15 Datasheet HTML 5Page - Texas Instruments LM5008A_15 Datasheet HTML 6Page - Texas Instruments LM5008A_15 Datasheet HTML 7Page - Texas Instruments LM5008A_15 Datasheet HTML 8Page - Texas Instruments LM5008A_15 Datasheet HTML 9Page - Texas Instruments LM5008A_15 Datasheet HTML 10Page - Texas Instruments LM5008A_15 Datasheet HTML 11Page - Texas Instruments LM5008A_15 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
UVLO
7 V
SW Pin
Inductor
Current
Vin
t 2
ILIM
VCC
VIN
t1
t 3
IO
0V
VOUT
LM5008A
SNVS583F – MARCH 2009 – REVISED MARCH 2013
www.ti.com
Figure 10. Startup Sequence
Regulation Comparator
The feedback voltage at FB is compared to an internal 2.5V reference. In normal operation (the output voltage is
regulated), an on-time period is initiated when the voltage at FB falls below 2.5V. The buck switch will stay on for
the on-time, causing the FB voltage to rise above 2.5V. After the on-time period, the buck switch will stay off until
the FB voltage again falls below 2.5V. During start-up, the FB voltage will be below 2.5V at the end of each on-
time, resulting in the minimum off-time of 300 ns. Bias current at the FB pin is nominally 100 nA.
Over-Voltage Comparator
The feedback voltage at FB is compared to an internal 2.875V reference. If the voltage at FB rises above 2.875V
the on-time pulse is immediately terminated. This condition can occur if the input voltage, or the output load,
change suddenly. The buck switch will not turn on again until the voltage at FB falls below 2.5V.
On-Time Generator and Shutdown
The on-time for the LM5008A is determined by the RT resistor, and is inversely proportional to the input voltage
(Vin), resulting in a nearly constant frequency as Vin is varied over its range. The on-time equation for the
LM5008A is:
TON = 1.385 x 10
-10 x R
T / VIN
(4)
8
Submit Documentation Feedback
Copyright © 2009–2013, Texas Instruments Incorporated
Product Folder Links: LM5008A


同様の部品番号 - LM5008A_15

メーカー部品番号データシート部品情報
logo
Texas Instruments
LM5008A TI1-LM5008A_14 Datasheet
1Mb / 22P
[Old version datasheet]   350 mA Constant On-Time Buck Switching Regulator
More results

同様の説明 - LM5008A_15

メーカー部品番号データシート部品情報
logo
Texas Instruments
LM5008A TI-LM5008A Datasheet
1Mb / 23P
[Old version datasheet]   100-V 350-mA Constant On-Time Buck Switching Regulator
LM5008A TI1-LM5008A_14 Datasheet
1Mb / 22P
[Old version datasheet]   350 mA Constant On-Time Buck Switching Regulator
logo
National Semiconductor ...
LM5008A NSC-LM5008A Datasheet
402Kb / 16P
   100V, 350 mA Constant On-Time Buck Switching Regulator
logo
Texas Instruments
SM74301 TI1-SM74301 Datasheet
329Kb / 16P
[Old version datasheet]   SM74301 100V, 350 mA Constant On-Time Buck Switching Regulator
LM5009A TI-LM5009A_15 Datasheet
1Mb / 24P
[Old version datasheet]   100-V 150-mA Constant On-Time Buck Switching Regulator
LM5019 TI-LM5019_15 Datasheet
1Mb / 30P
[Old version datasheet]   100-V, 100-mA Constant On-Time Synchronous Buck Regulator
LM5019 TI1-LM5019_14 Datasheet
1Mb / 25P
[Old version datasheet]   100 V, 100 mA Constant On-Time Synchronous Buck Regulator
LM25019 TI1-LM25019_16 Datasheet
1Mb / 28P
[Old version datasheet]   100-mA Constant On-Time Synchronous Buck Regulator
LM5017 TI-LM5017_15 Datasheet
1Mb / 31P
[Old version datasheet]   100-V, 600-mA Constant On-Time Synchronous Buck Regulator
LM5018 TI1-LM5018_13 Datasheet
1Mb / 25P
[Old version datasheet]   100 V, 300 mA Constant On-Time Synchronous Buck Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com