データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM5006 データシート(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
部品番号 LM5006
部品情報  LM5006 80V, 600 mA Constant On-Time Buck Switching Regulator
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

LM5006 データシート(HTML) 11 Page - Texas Instruments

Back Button LM5006 Datasheet HTML 7Page - Texas Instruments LM5006 Datasheet HTML 8Page - Texas Instruments LM5006 Datasheet HTML 9Page - Texas Instruments LM5006 Datasheet HTML 10Page - Texas Instruments LM5006 Datasheet HTML 11Page - Texas Instruments LM5006 Datasheet HTML 12Page - Texas Instruments LM5006 Datasheet HTML 13Page - Texas Instruments LM5006 Datasheet HTML 14Page - Texas Instruments LM5006 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 27 page
background image
FB
SW
L1
C2
RFB2
VOUT
R3
LM5006
RFB1
DC =
tON
tON + tOFF
=
VOUT
VIN
F =
VOUT x (Vin - 0.5V)
1.25 x 10
-10 x V
IN x (RT + 500
:)
F =
VOUT
2 x L x 1.28 x 1020
RL x (RT)
2
LM5006
www.ti.com
SNVS646B – FEBRUARY 2011 – REVISED MARCH 2013
If the flyback diode (D1 in the Block Diagram) is used, the LM5006 operates in discontinuous conduction mode at
light load currents, and continuous conduction mode at heavy load current. In discontinuous conduction mode,
current through the output inductor starts at zero and ramps up to a peak during the on-time, then ramps back to
zero before the end of the off-time. The next on-time period starts when the voltage at FB falls below the internal
reference - until then the inductor current remains zero. In this mode the operating frequency is lower than in
continuous conduction mode, and varies with load current. Therefore at light loads the conversion efficiency is
maintained, since the switching losses reduce with the reduction in load and frequency. The discontinuous
operating frequency can be calculated as follows:
where
RL = the load resistance
(1)
In continuous conduction mode, current flows continuously through the inductor and never ramps down to zero.
In this mode the operating frequency is greater than the discontinuous mode frequency and remains relatively
constant with load and line variations. The approximate continuous mode operating frequency can be calculated
as follows:
(2)
The buck switch duty cycle is approximately equal to:
(3)
If a synchronous rectifier (Q1 in the Typical Application schematic on the front page) is used instead of a flyback
diode, the LM5006 operates in continuous conduction mode for all values of load current. The switching
frequency remains relatively constant with load and line variations, and can be calculated using Equation 2.
The output voltage (VOUT) is programmed by two external resistors as shown in the Block Diagram. The
regulation point can be calculated as follows:
VOUT = 2.5 x (RFB1 + RFB2) / RFB1
(4)
The LM5006 regulates the output voltage based on ripple voltage at the feedback input, requiring a minimum
amount of ESR for the output capacitor C2. A minimum of 25mV to 50mV of ripple voltage at the feedback pin
(FB) is required for the LM5006. In cases where the capacitor ESR is too small, additional series resistance may
be required (R3 in the Block Diagram).
For applications where lower output voltage ripple is required the output can be taken directly from a low ESR
output capacitor, as shown in Figure 32. However, R3 slightly degrades the load regulation.
Figure 32. Low Ripple Output Configuration
Start-Up Regulator (VCC)
The high voltage bias regulator is integrated within the LM5006. The input pin (VIN) can be connected directly to
line voltages between 6V and 75V, with transient capability to 80V. The VCC output is regulated at 7.5V. The VCC
regulator output current is limited at approximately 30 mA.
Copyright © 2011–2013, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LM5006


同様の部品番号 - LM5006

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LM5006 NSC-LM5006 Datasheet
526Kb / 14P
   Evaluation Board provides the design engineer with a fully functional
logo
Texas Instruments
LM5006 TI1-LM5006 Datasheet
850Kb / 25P
[Old version datasheet]   80V, 600 mA Constant On-Time Buck Switching Regulator
LM5006 TI1-LM5006_14 Datasheet
850Kb / 25P
[Old version datasheet]   80V, 600 mA Constant On-Time Buck Switching Regulator
More results

同様の説明 - LM5006

メーカー部品番号データシート部品情報
logo
Texas Instruments
LM34923 TI1-LM34923_14 Datasheet
1Mb / 26P
[Old version datasheet]   80V, 600 mA Constant On-Time Buck Switching Regulator
LM5006 TI1-LM5006_14 Datasheet
850Kb / 25P
[Old version datasheet]   80V, 600 mA Constant On-Time Buck Switching Regulator
LM34923 TI1-LM34923 Datasheet
1Mb / 26P
[Old version datasheet]   80-V 600-mA Constant On-Time Buck Switching Regulator
logo
National Semiconductor ...
LM34919B NSC-LM34919B Datasheet
497Kb / 20P
   Ultra Small 40V, 600 mA Constant On-Time Buck Switching Regulator
logo
Texas Instruments
LM5008A TI1-LM5008A_14 Datasheet
1Mb / 22P
[Old version datasheet]   350 mA Constant On-Time Buck Switching Regulator
logo
National Semiconductor ...
LM34919 NSC-LM34919_08 Datasheet
387Kb / 18P
   Ultra Small 40V, 600 mA Constant On-Time Buck Switching Regulator
logo
Texas Instruments
LM34919 TI1-LM34919_14 Datasheet
1Mb / 21P
[Old version datasheet]   Ultra-Small 40-V 600-mA Constant On-Time Buck Switching Regulator
LM34919B TI-LM34919B_15 Datasheet
1Mb / 27P
[Old version datasheet]   Ultra-Small 40-V 600-mA Constant On-Time Buck Switching Regulator
LM34919 TI1-LM34919_15 Datasheet
1Mb / 21P
[Old version datasheet]   Ultra-Small 40-V 600-mA Constant On-Time Buck Switching Regulator
logo
National Semiconductor ...
LM5009A NSC-LM5009A Datasheet
401Kb / 16P
   100V, 150 mA Constant On-Time Buck Switching Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com