データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM20125 データシート(PDF) 6 Page - Texas Instruments

部品番号 LM20125
部品情報  LM20125/LM20125Q 5A, 500kHz PowerWise짰 Synchronous Buck Regulator
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

LM20125 データシート(HTML) 6 Page - Texas Instruments

Back Button LM20125_15 Datasheet HTML 2Page - Texas Instruments LM20125_15 Datasheet HTML 3Page - Texas Instruments LM20125_15 Datasheet HTML 4Page - Texas Instruments LM20125_15 Datasheet HTML 5Page - Texas Instruments LM20125_15 Datasheet HTML 6Page - Texas Instruments LM20125_15 Datasheet HTML 7Page - Texas Instruments LM20125_15 Datasheet HTML 8Page - Texas Instruments LM20125_15 Datasheet HTML 9Page - Texas Instruments LM20125_15 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
LM20125
SNVS525E – OCTOBER 2007 – REVISED MARCH 2013
www.ti.com
TYPICAL PERFORMANCE CHARACTERISTICS (continued)
Unless otherwise specified: CIN = COUT = 100 µF, L = 1.5 µH (Coilcraft MSS1038), VIN = 5V, VOUT = 1.2V, RLOAD = 1.2Ω, TA =
25°C for efficiency curves, loop gain plots and waveforms, and TJ = 25°C for all others.
Feedback Voltage
Load Regulation
vs. Temperature
Figure 7.
Figure 8.
Switching Frequency
Quiescent Current vs.
vs. Temperature
VIN (Not Switching)
Figure 9.
Figure 10.
Shutdown Current
Enable Threshold
vs. Temperature
vs. Temperature
Figure 11.
Figure 12.
6
Submit Documentation Feedback
Copyright © 2007–2013, Texas Instruments Incorporated
Product Folder Links: LM20125


同様の部品番号 - LM20125_15

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LM20125MH NSC-LM20125MH Datasheet
580Kb / 20P
   5A, 500kHz PowerWise짰 Synchronous Buck Regulator
LM20125MHE NSC-LM20125MHE Datasheet
580Kb / 20P
   5A, 500kHz PowerWise짰 Synchronous Buck Regulator
LM20125MHX NSC-LM20125MHX Datasheet
580Kb / 20P
   5A, 500kHz PowerWise짰 Synchronous Buck Regulator
More results

同様の説明 - LM20125_15

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LM20125 NSC-LM20125 Datasheet
580Kb / 20P
   5A, 500kHz PowerWise짰 Synchronous Buck Regulator
LM20145 NSC-LM20145 Datasheet
692Kb / 22P
   5A, PowerWise짰 Adjustable Frequency Synchronous Buck Regulator
LM20145 NSC-LM20145_08 Datasheet
692Kb / 22P
   5A, PowerWise짰 Adjustable Frequency Synchronous Buck Regulator
LM20123 NSC-LM20123_08 Datasheet
581Kb / 20P
   3A, 1.5MHz PowerWise짰 Synchronous Buck Regulator
LM20124 NSC-LM20124_08 Datasheet
578Kb / 20P
   4A, 1MHz PowerWise짰 Synchronous Buck Regulator
LM20123 NSC-LM20123 Datasheet
581Kb / 20P
   3A, 1.5MHz PowerWise짰 Synchronous Buck Regulator
LM20124 NSC-LM20124 Datasheet
578Kb / 20P
   4A, 1MHz PowerWise짰 Synchronous Buck Regulator
logo
Texas Instruments
LM20124 TI-LM20124_15 Datasheet
1Mb / 28P
[Old version datasheet]   4A, 1MHz PowerWise짰 Synchronous Buck Regulator
logo
National Semiconductor ...
LM20143 NSC-LM20143 Datasheet
703Kb / 20P
   3A, PowerWise짰 Adjustable Frequency Synchronous Buck Regulator
LM20144 NSC-LM20144_08 Datasheet
835Kb / 20P
   4A, PowerWise짰 Adjustable Frequency Synchronous Buck Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com