データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM20136 データシート(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
部品番号 LM20136
部品情報  LM20136 6A, Synchronous Buck Regulator with Input Synchronization
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

LM20136 データシート(HTML) 5 Page - Texas Instruments

  LM20136 Datasheet HTML 1Page - Texas Instruments LM20136 Datasheet HTML 2Page - Texas Instruments LM20136 Datasheet HTML 3Page - Texas Instruments LM20136 Datasheet HTML 4Page - Texas Instruments LM20136 Datasheet HTML 5Page - Texas Instruments LM20136 Datasheet HTML 6Page - Texas Instruments LM20136 Datasheet HTML 7Page - Texas Instruments LM20136 Datasheet HTML 8Page - Texas Instruments LM20136 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 32 page
background image
VOUT = 1.2V
VOUT = 1.5V
VOUT = 2.5V
L=SPM6530T-1R0M120
VOUT = 1.2V
VOUT = 1.5V
VOUT = 2.5V
VOUT = 3.3V
L=SPM6530T-1R0M120
VOUT = 1.2V
VOUT = 1.5V
VOUT = 2.5V
VOUT = 3.3V
L=SPM6530T-R68M140
VOUT = 1.2V
VOUT = 1.5V
VOUT = 2.5V
L=SPM6530T-R68M140
LM20136
www.ti.com
SNVS564B – JANUARY 2009 – REVISED APRIL 2013
Typical Performance Characteristics
Unless otherwise specified: CIN = COUT = 100µF, L = 1.0µH (TDK SPM6530T-1R0M120), VIN = 5V, VOUT = 1.2V, RLOAD =
1.2
Ω, fSW = 1 MHz, TA = 25°C for efficiency curves, loop gain plots and waveforms, and TJ = 25°C for all others.
Efficiency
Efficiency
vs.
vs.
Load Current (VIN = 5V, fSW = 1 MHz)
Load Current (VIN = 3.3V, fSW = 1 MHz)
Figure 2.
Figure 3.
Efficiency
Efficiency
vs.
vs.
Load Current (VIN = 5V, fSW = 500 kHz)
Load Current (VIN = 3.3V, fSW = 500 kHz)
Figure 4.
Figure 5.
High-Side FET resistance
Low-Side FET resistance
vs.
vs.
Temperature (TJ)
Temperature (TJ)
Figure 6.
Figure 7.
Copyright © 2009–2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LM20136


同様の部品番号 - LM20136

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LM20136 NSC-LM20136 Datasheet
543Kb / 22P
   6A, Synchronous Buck Regulator with Input Synchronization
LM20136MH NSC-LM20136MH Datasheet
543Kb / 22P
   6A, Synchronous Buck Regulator with Input Synchronization
LM20136MHE NSC-LM20136MHE Datasheet
543Kb / 22P
   6A, Synchronous Buck Regulator with Input Synchronization
LM20136MHX NSC-LM20136MHX Datasheet
543Kb / 22P
   6A, Synchronous Buck Regulator with Input Synchronization
More results

同様の説明 - LM20136

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LM20136 NSC-LM20136 Datasheet
543Kb / 22P
   6A, Synchronous Buck Regulator with Input Synchronization
LM20133 NSC-LM20133_08 Datasheet
710Kb / 22P
   3A, PowerWise짰 Synchronous Buck Regulator with Input Synchronization
LM20133 NSC-LM20133 Datasheet
710Kb / 22P
   3A, PowerWise짰 Synchronous Buck Regulator with Input Synchronization
LM20134 NSC-LM20134 Datasheet
699Kb / 22P
   4A, PowerWise짰 Synchronous Buck Regulator with Input Synchronization
logo
Texas Instruments
LM20133 TI-LM20133_15 Datasheet
1Mb / 29P
[Old version datasheet]   3A, PowerWise Synchronous Buck Regulator with Input Synchronization
logo
National Semiconductor ...
LM20134 NSC-LM20134_08 Datasheet
699Kb / 22P
   4A, PowerWise짰 Synchronous Buck Regulator with Input Synchronization
logo
Fairchild Semiconductor
FAN21SV06 FAIRCHILD-FAN21SV06 Datasheet
1Mb / 17P
   TinyBuck??6A, 24V Single-Input Integrated Synchronous Buck Regulator, Synchronization Capability
logo
Texas Instruments
LM20134MH TI1-LM20134MH Datasheet
1Mb / 31P
[Old version datasheet]   LM20134/LM20134Q 4A, PowerWise Synchronous Buck Regulator with Input Synchronization
LM20333 TI1-LM20333_14 Datasheet
1Mb / 30P
[Old version datasheet]   3A Synchronous Buck Regulator with Frequency Synchronization
logo
ON Semiconductor
FAN2356AMPX ONSEMI-FAN2356AMPX Datasheet
1Mb / 21P
   6A Synchronous Buck Regulator
Rev. 1.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com