データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM20333 データシート(PDF) 11 Page - Texas Instruments

部品番号 LM20333
部品情報  LM20333 36V, 3A Synchronous Buck Regulator with Frequency Synchronization
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

LM20333 データシート(HTML) 11 Page - Texas Instruments

Back Button LM20333_15 Datasheet HTML 7Page - Texas Instruments LM20333_15 Datasheet HTML 8Page - Texas Instruments LM20333_15 Datasheet HTML 9Page - Texas Instruments LM20333_15 Datasheet HTML 10Page - Texas Instruments LM20333_15 Datasheet HTML 11Page - Texas Instruments LM20333_15 Datasheet HTML 12Page - Texas Instruments LM20333_15 Datasheet HTML 13Page - Texas Instruments LM20333_15 Datasheet HTML 14Page - Texas Instruments LM20333_15 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 29 page
background image
LM20333
www.ti.com
SNVS558D – MAY 2008 – REVISED APRIL 2013
CURRENT LIMIT
The precise current limit enables the device to operate with smaller inductors that have lower saturation currents.
When the peak inductor current reaches the current limit threshold, an over current event is triggered and the
internal high-side FET turns off and the low-side FET turns on, allowing the inductor current to ramp down until
the next switching cycle. For each sequential over-current event, the reference voltage is decremented and PWM
pulses are skipped resulting in a current limit that does not aggressively fold back for brief over-current events,
while at the same time providing frequency and voltage foldback protection during hard short circuit conditions.
SOFT-START AND VOLTAGE TRACKING
The SS/TRK pin is a dual function pin that can be used to set the startup time or track an external voltage
source. The startup or soft-start time can be adjusted by connecting a capacitor from the SS/TRK pin to ground.
The soft-start feature allows the regulator output to gradually reach the steady state operating point, thus
reducing stresses on the input supply and controlling startup current. If no soft-start capacitor is used the device
defaults to the internal soft-start circuitry resulting in a startup time of approximately 1 ms. For applications that
require a monotonic startup or utilize the PGOOD pin, an external soft-start capacitor is recommended. The
SS/TRK pin can also be set to track an external voltage source. The tracking behavior can be adjusted by two
external resistors connected to the SS/TRK pin as shown in Figure 30 in the design guide.
PRE-BIAS STARTUP CAPABILITY
The LM20333 is in a pre-biased state when it starts up with an output voltage greater than zero. This often
occurs in many multi-rail applications such as when powering an FPGA, ASIC, or DSP. In these applications the
output can be pre-biased through parasitic conduction paths from one supply rail to another. Even though the
LM20333 is a synchronous converter, it will not pull the output low when a pre-bias condition exists. During start
up the LM20333 will not sink current until the soft-start voltage exceeds the voltage on the FB pin. Since the
device cannot sink current, it protects the load from damage that might otherwise occur if current is conducted
through the parasitic paths of the load.
POWER GOOD AND OVER VOLTAGE FAULT HANDLING
The LM20333 has built in under and over voltage comparators that control the power switches. Whenever there
is an excursion in output voltage above the set OVP threshold, the part will terminate the present on-pulse, turn-
on the low-side FET, and pull the PGOOD pin low. The low-side FET will remain on until either the FB voltage
falls back into regulation or the negative current limit is triggered which in turn tri-states the FETs. If the output
reaches the UVP threshold the part will continue switching and the PGOOD pin will be deasserted and go low.
Typical values for the PGOOD resistor are on the order of 100 k
Ω or less. To avoid false tripping during transient
glitches the PGOOD pin has 20 µs of built in deglitch time to both rising and falling edges.
UVLO
The LM20333 has an internal under-voltage lockout protection circuit that keeps the device from switching until
the input voltage reaches 4.25V (typical). The UVLO threshold has 350 mV of hysteresis that keeps the device
from responding to power-on glitches during start up. If desired the turn-on point of the supply can be changed
by using the precision enable pin and a resistor divider network connected to VIN as shown in Figure 29 in the
design guide.
THERMAL PROTECTION
Internal thermal shutdown circuitry is provided to protect the integrated circuit in the event that the maximum
junction temperature is exceeded. When activated, typically at 170°C, the LM20333 tri-states the power FETs
and resets soft-start. After the junction cools to approximately 150°C, the part starts up using the normal start up
routine. This feature is provided to prevent catastrophic failures from accidental device overheating.
Copyright © 2008–2013, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LM20333


同様の部品番号 - LM20333_15

メーカー部品番号データシート部品情報
logo
Texas Instruments
LM20333 TI1-LM20333_14 Datasheet
1Mb / 30P
[Old version datasheet]   3A Synchronous Buck Regulator with Frequency Synchronization
More results

同様の説明 - LM20333_15

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LM20333A NSC-LM20333A Datasheet
541Kb / 22P
   36V, 3A Synchronous Buck Regulator with Frequency Synchronization
LM20333 NSC-LM20333 Datasheet
520Kb / 20P
   36V, 3A PowerWise짰 Synchronous Buck Regulator with Frequency Synchronization
logo
Texas Instruments
LM20333 TI1-LM20333_14 Datasheet
1Mb / 30P
[Old version datasheet]   3A Synchronous Buck Regulator with Frequency Synchronization
LM20343 TI1-LM20343_14 Datasheet
1Mb / 30P
[Old version datasheet]   36V, 3A Adjustable Frequency Synchronous Buck Regulator
logo
National Semiconductor ...
LM20343 NSC-LM20343 Datasheet
546Kb / 20P
   36V, 3A Adjustable Frequency Synchronous Buck Regulator
logo
Texas Instruments
LM20343 TI-LM20343_15 Datasheet
1Mb / 29P
[Old version datasheet]   LM20343 36V, 3A Adjustable Frequency Synchronous Buck Regulator
LM20133 TI-LM20133_15 Datasheet
1Mb / 29P
[Old version datasheet]   3A, PowerWise Synchronous Buck Regulator with Input Synchronization
logo
National Semiconductor ...
LM20133 NSC-LM20133_08 Datasheet
710Kb / 22P
   3A, PowerWise짰 Synchronous Buck Regulator with Input Synchronization
LM20133 NSC-LM20133 Datasheet
710Kb / 22P
   3A, PowerWise짰 Synchronous Buck Regulator with Input Synchronization
LM20323A NSC-LM20323A Datasheet
505Kb / 20P
   36V, 3A 500 kHz Synchronous Buck Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com