データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM21212-2 データシート(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
部品番号 LM21212-2
部品情報  12A High Efficiency Synchronous Buck Regulator with Adjustable Switching Frequency
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

LM21212-2 データシート(HTML) 10 Page - Texas Instruments

Back Button LM21212-2 Datasheet HTML 6Page - Texas Instruments LM21212-2 Datasheet HTML 7Page - Texas Instruments LM21212-2 Datasheet HTML 8Page - Texas Instruments LM21212-2 Datasheet HTML 9Page - Texas Instruments LM21212-2 Datasheet HTML 10Page - Texas Instruments LM21212-2 Datasheet HTML 11Page - Texas Instruments LM21212-2 Datasheet HTML 12Page - Texas Instruments LM21212-2 Datasheet HTML 13Page - Texas Instruments LM21212-2 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 31 page
background image
LM21212-2
SNVS715A – MARCH 2011 – REVISED MARCH 2013
www.ti.com
OPERATION DESCRIPTION
GENERAL
The LM21212-2 switching regulator features all of the functions necessary to implement an efficient low voltage
buck regulator using a minimum number of external components. This easy to use regulator features two
integrated switches and is capable of supplying up to 12A of continuous output current. The regulator utilizes
voltage mode control with trailing edge modulation to optimize stability and transient response over the entire
output voltage range. The device can operate at high switching frequency allowing use of a small inductor while
still achieving high efficiency. The precision internal voltage reference allows the output to be set as low as 0.6V.
Fault protection features include: current limiting, thermal shutdown, over voltage protection, and shutdown
capability. The device is available in the HTSSOP-20 package featuring an exposed pad to aid thermal
dissipation. The LM21212-2 can be used in numerous applications to efficiently step-down from a 5V or 3.3V
bus.
PRECISION ENABLE
The enable (EN) pin allows the output of the device to be enabled or disabled with an external control signal.
This pin is a precision analog input that enables the device when the voltage exceeds 1.35V (typical). The EN pin
has 110 mV of hysteresis and will disable the output when the enable voltage falls below 1.24V (typical). If the
EN pin is not used, it can be left open, and will be pulled high by an internal 2 µA current source. Since the
enable pin has a precise turn-on threshold it can be used along with an external resistor divider network from VIN
to configure the device to turn-on at a precise input voltage.
UVLO
The LM21212-2 has a built-in under-voltage lockout protection circuit that keeps the device from switching until
the input voltage reaches 2.7V (typical). The UVLO threshold has 200 mV of hysteresis that keeps the device
from responding to power-on glitches during start up. If desired the turn-on point of the supply can be changed
by using the precision enable pin and a resistor divider network connected to VIN as shown in Figure 27 in the
design guide.
CURRENT LIMIT
The LM21212-2 has current limit protection to avoid dangerous current levels on the power FETs and inductor. A
current limit condition is met when the current through the high side FET exceeds the rising current limit level
(ICLR). The control circuitry will respond to this event by turning off the high side FET and turning on the low side
FET. This forces a negative voltage on the inductor, thereby causing the inductor current to decrease. The high
side FET will not conduct again until the lower current limit level (ICLF) is sensed on the low side FET. At this
point, the device will resume normal switching.
A current limit condition will cause the internal soft-start voltage to ramp downward. After the internal soft-start
ramps below the Feedback (FB) pin voltage, (nominally 0.6 V), FB will begin to ramp downward, as well. This
voltage foldback will limit the power consumption in the device, thereby protecting the device from continuously
supplying power to the load under a condition that does not fall within the device SOA. After the current limit
condition is cleared, the internal soft-start voltage will ramp up again. Figure 23 shows current limit behavior with
VSS, VFB, VOUT and VSW.
SHORT-CIRCUIT PROTECTION
In the unfortunate event that the output is shorted with a low impedance to ground, the LM21212-2 will limit the
current into the short by resetting the device. A short-circuit condition is sensed by a current-limit condition
coinciding with a voltage on the FB pin that is lower than 100 mV. When this condition occurs, the device will
begin its reset sequence, turning off both power FETs and discharging the soft-start capacitor after tRESETSS
(nominally 110 µs). The device will then attempt to restart. If the short-circuit condition still exists, it will reset
again, and repeat until the short-circuit is cleared. The reset prevents excess current flowing through the FETs in
a highly inefficient manner, potentially causing thermal damage to the device or the bus supply.
10
Submit Documentation Feedback
Copyright © 2011–2013, Texas Instruments Incorporated
Product Folder Links: LM21212-2


同様の部品番号 - LM21212-2

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LM21212-2 NSC-LM21212-2 Datasheet
1Mb / 10P
   Evaluation Board provides a solution to examine the high efficiency
logo
Texas Instruments
LM21212-2 TI1-LM21212-2 Datasheet
1Mb / 32P
[Old version datasheet]   12A High Efficiency Synchronous Buck Regulator with Adjustable Switching Frequency
LM21212-2 TI1-LM21212-2_14 Datasheet
1Mb / 32P
[Old version datasheet]   12A High Efficiency Synchronous Buck Regulator with Adjustable Switching Frequency
More results

同様の説明 - LM21212-2

メーカー部品番号データシート部品情報
logo
Texas Instruments
LM21212-2 TI1-LM21212-2_14 Datasheet
1Mb / 32P
[Old version datasheet]   12A High Efficiency Synchronous Buck Regulator with Adjustable Switching Frequency
LM21212-1 TI-LM21212-1_15 Datasheet
1Mb / 33P
[Old version datasheet]   12A High Efficiency Synchronous Point of Load Buck Regulator with Frequency Synchronization
LM20146 TI1-LM20146_15 Datasheet
1Mb / 29P
[Old version datasheet]   Adjustable Frequency Synchronous Buck Regulator
LM21212MHX-1 TI1-LM21212MHX-1 Datasheet
1Mb / 33P
[Old version datasheet]   12A High Efficiency Synchronous Point of Load Buck Regulator
LM20146 TI1-LM20146_14 Datasheet
1Mb / 29P
[Old version datasheet]   6A, Adjustable Frequency Synchronous Buck Regulator
LM21305 TI1-LM21305_14 Datasheet
1Mb / 34P
[Old version datasheet]   5A Adjustable Frequency Synchronous Buck Regulator
LM21305 TI-LM21305_15 Datasheet
1Mb / 33P
[Old version datasheet]   5A Adjustable Frequency Synchronous Buck Regulator
logo
National Semiconductor ...
LM20146 NSC-LM20146 Datasheet
522Kb / 22P
   6A, Adjustable Frequency Synchronous Buck Regulator
LM21305 NSC-LM21305_11 Datasheet
1Mb / 24P
   5A Adjustable Frequency Synchronous Buck Regulator
logo
Micrel Semiconductor
MIC24055 MICREL-MIC24055 Datasheet
1Mb / 29P
   12V, 12A High-Efficiency Buck Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com