データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM21305 データシート(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
部品番号 LM21305
部品情報  5A Adjustable Frequency Synchronous Buck Regulator
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

LM21305 データシート(HTML) 4 Page - Texas Instruments

  LM21305 Datasheet HTML 1Page - Texas Instruments LM21305 Datasheet HTML 2Page - Texas Instruments LM21305 Datasheet HTML 3Page - Texas Instruments LM21305 Datasheet HTML 4Page - Texas Instruments LM21305 Datasheet HTML 5Page - Texas Instruments LM21305 Datasheet HTML 6Page - Texas Instruments LM21305 Datasheet HTML 7Page - Texas Instruments LM21305 Datasheet HTML 8Page - Texas Instruments LM21305 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 33 page
background image
LM21305
SNVS639F – DECEMBER 2009 – REVISED MARCH 2013
www.ti.com
ESD Ratings
All pins, Human Body Model (1)
±2kV
(1)
The Human Body Model is a 100 pF capacitor discharged through a 1.5 k
Ω resistor into each pin (MIL-STD-883 3015.7).
Operating Ratings
PVIN to PGND, AGND
3V to 18V
AVIN to PGND, AGND
3V to 18V
Junction Temperature
−40°C to 125°C
Ambient Temperature(1)
−40°C to 85°C
Junction-to-Ambient Thermal Resistance
θJA
(2)
32.4°C/W
(1)
In applications where high power dissipation and/or poor package thermal resistance is present, the maximum ambient temperature may
have to be de-rated. Maximum ambient temperature (TA-MAX) is dependent on the maximum operating junction temperature (TJ-MAX-OP =
125°C), the maximum power dissipation of the device in the application (PD-MAX), and the junction-to ambient thermal resistance of the
part/package in the application (
θJA), as given by the following equation: TA-MAX = TJ-MAX-OP – (θJA × PD-MAX).
(2)
Junction-to-ambient thermal resistance (
θJA) is taken from a thermal modeling result, performed under the conditions and guidelines set
forth in the JEDEC standard JESD51-7. The test board is a 4-layer standard JEDEC thermal test board or 4LJEDEC, 4" x 3" in size,
with a 3 by 3 array of thermal vias. The board has two embedded copper layers which cover roughly the same size as the board. The
copper thickness for the four layers, starting from the top one, is 2 oz./1oz./1oz./2 oz. For WQFN, thermal vias are placed between the
die attach pad in the 1st. copper layer and 2nd. copper layer. Detailed description of the board can be found in JESD 51-7. Ambient
temperature in the simulation is 22°C, still air. Power dissipation is 1W. The value of
θJA of this product can vary significantly depending
on PCB material, layout, and environmental conditions. In applications with high power dissipation (e.g. high VOUT, high IOUT), special
care must be paid to thermal dissipation issues. For more information on these topics, please refer to Application Note AN-1187:
Leadless Leadframe Package (LLP) (literature number SNOA401).
Electrical Characteristics
(1) (2) (2)
Specifications with standard typeface are for TJ = 25°C, and those in boldface type apply over the full Operating
Temperature Range (TJ = -40°C to +125°C). Unless otherwise specified, VIN = VPVIN = VAVIN = 12V, VOUT = 3.3V, IOUT = 0A.
Symbol
Parameter
Remarks
Min
Typ
Max
Unit
Feedback pin factory-default
VFB-default
0.588
0.598
0.608
V
voltage
ΔVOUT/ΔIOUT
Load Regulation
IOUT = 0.1A to 5A
0.02
%/A
ΔVOUT/ΔVIN
Line Regulation
VPVIN = 3V to 18V
0.01
%/V
High-Side Switch On
RDSonHS
IDS = 5A
44
m
Resistance
Low-Side Switch On
RDSonLS
IDS = 5A
22
m
Resistance
ICL-HS
High-Side Switch Current Limit
High-side FET
5.9
7.0
7.87
A
ICL-LS
Low-Side Switch Current Limit
Low-side FET (3)
5.9
8.0
10.2
A
Low-Side Switch Negative
INEG-CL-LS
Low-side FET
-7.0
-4.1
-1.64
A
Current Limit
VAVIN = V PVIN = 5V
0.1
2
ISD
Quiescent Current, disabled
µA
VAVIN = V PVIN = 18V
1
4.1
Quiescent Current, enabled,
IQ
VAVIN = V PVIN = 18V
9
9.7
mA
not switching
Feedback Pin Input Bias
IFB
VFB = 0.598V
1
nA
Current
Error Amplifier
GM
2400
µS
Transconductance
AVOL
Error Amplifier Voltage Gain
65
dB
Output voltage rising threshold,
VIH-OVP
OVP Tripping Threshold
103.5
109.5
115
%
percentage of VOUT
VHYST-OVP
OVP Hysteresis Window
Percentage of VOUT
-4.3
%
(1)
All limits are specified by design, test and/or statistical analysis. All electrical characteristics having room-temperature limits are tested
during production with TJ = 25°C. All hot and cold limits are specified by correlating the electrical characteristics to process and
temperature variations and applying statistical process control.
(2)
Capacitors: low ESR surface-mount ceramic capacitors (MLCCs) are used in setting electrical characteristics.
(3)
The low-side switch current limit is ensured to be higher than the high-side current limit.
4
Submit Documentation Feedback
Copyright © 2009–2013, Texas Instruments Incorporated
Product Folder Links: LM21305


同様の部品番号 - LM21305

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LM21305 NSC-LM21305 Datasheet
1Mb / 24P
   5A Adjustable Frequency Synchronous Buck Regulator
LM21305 NSC-LM21305 Datasheet
3Mb / 12P
   Evaluation Board full featured adjustable frequency synchronous
logo
Texas Instruments
LM21305 TI1-LM21305 Datasheet
1Mb / 34P
[Old version datasheet]   5A Adjustable Frequency Synchronous Buck Regulator
logo
National Semiconductor ...
LM21305SQ NSC-LM21305SQ Datasheet
1Mb / 24P
   5A Adjustable Frequency Synchronous Buck Regulator
LM21305SQE NSC-LM21305SQE Datasheet
1Mb / 24P
   5A Adjustable Frequency Synchronous Buck Regulator
More results

同様の説明 - LM21305

メーカー部品番号データシート部品情報
logo
Texas Instruments
LM21305 TI1-LM21305_14 Datasheet
1Mb / 34P
[Old version datasheet]   5A Adjustable Frequency Synchronous Buck Regulator
logo
National Semiconductor ...
LM21305 NSC-LM21305_11 Datasheet
1Mb / 24P
   5A Adjustable Frequency Synchronous Buck Regulator
LM20145 NSC-LM20145 Datasheet
692Kb / 22P
   5A, PowerWise짰 Adjustable Frequency Synchronous Buck Regulator
LM20145 NSC-LM20145_08 Datasheet
692Kb / 22P
   5A, PowerWise짰 Adjustable Frequency Synchronous Buck Regulator
logo
Texas Instruments
LM20145 TI-LM20145_15 Datasheet
1Mb / 29P
[Old version datasheet]   5A PowerWise Adjustable Frequency Synchronous Buck Regulator
LM20146 TI1-LM20146_15 Datasheet
1Mb / 29P
[Old version datasheet]   Adjustable Frequency Synchronous Buck Regulator
LM20146 TI1-LM20146_14 Datasheet
1Mb / 29P
[Old version datasheet]   6A, Adjustable Frequency Synchronous Buck Regulator
logo
National Semiconductor ...
LM20146 NSC-LM20146 Datasheet
522Kb / 22P
   6A, Adjustable Frequency Synchronous Buck Regulator
LM20343 NSC-LM20343 Datasheet
546Kb / 20P
   36V, 3A Adjustable Frequency Synchronous Buck Regulator
LM20143 NSC-LM20143 Datasheet
703Kb / 20P
   3A, PowerWise짰 Adjustable Frequency Synchronous Buck Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com