データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM22679-Q1 データシート(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
部品番号 LM22679-Q1
部品情報  LM22679/-Q1 42-V, 5-A SIMPLE SWITCHER짰 Step-Down Voltage Regulator With Features
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

LM22679-Q1 データシート(HTML) 1 Page - Texas Instruments

  LM22679-Q1 Datasheet HTML 1Page - Texas Instruments LM22679-Q1 Datasheet HTML 2Page - Texas Instruments LM22679-Q1 Datasheet HTML 3Page - Texas Instruments LM22679-Q1 Datasheet HTML 4Page - Texas Instruments LM22679-Q1 Datasheet HTML 5Page - Texas Instruments LM22679-Q1 Datasheet HTML 6Page - Texas Instruments LM22679-Q1 Datasheet HTML 7Page - Texas Instruments LM22679-Q1 Datasheet HTML 8Page - Texas Instruments LM22679-Q1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 27 page
background image
LM22679-ADJ
VIN
SS
SW
BOOT
FB
GND
VIN
VOUT
IADJ
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
LM22679, LM22679-Q1
SNVS581L – FEBRUARY 2013 – REVISED NOVEMBER 2014
LM22679/-Q1 42-V, 5-A SIMPLE SWITCHER® Step-Down Voltage Regulator
With Features
1 Features
3 Description
The LM22679 switching regulator provides all of the
1
Wide Input Voltage Range: 4.5 V to 42 V
functions necessary to implement an efficient high-
Internally Compensated Voltage Mode Control
voltage step-down (buck) regulator using a minimum
Stable With Low ESR Ceramic Capacitors
of external components. This easy-to-use regulator
incorporates a 42-V N-channel MOSFET switch that
100-m
Ω N-Channel MOSFET
can provide up to 5 A of load current. Excellent line
Output Voltage Options:
and load regulation along with high efficiency (> 90%)
-ADJ (Outputs as Low as 1.285 V)
are featured. Voltage mode control offers short
-5.0 (Output Fixed to 5 V)
minimum on-time, allowing the widest ratio between
±1.5% Feedback Reference Accuracy
input and output voltages. Internal loop compensation
means that the user is free from the tedious task of
Switching Frequency of 500 kHz
calculating the loop compensation components. Fixed
–40°C to 125°C Operating Junction Temperature
5-V output and adjustable output voltage options are
Range
available. A switching frequency of 500 kHz allows for
Adjustable Soft-Start
small
external
components
and
good
transient
response. An adjustable soft-start feature is provided
Adjustable Current Limit
through the selection of a single external capacitor. In
Integrated Boot-Strap Diode
addition, the switch-current limit can be programmed
Fully WEBENCH® Enabled
with a single external resistor, allowing solution
optimization. The LM22679 device also has built-in
LM22679-Q1 is AEC-Q100 Qualified and
thermal shutdown and current limiting to protect
Manufactured on an Automotive-Grade Flow
against accidental overloads.
PFM (Exposed Pad) Package
SIMPLE
SWITCHER®
family.
The
SIMPLE
SWITCHER concept provides for an easy to use
2 Applications
complete design using a minimum number of external
Industrial Control
components and the TI WEBENCH design tool. TI's
Telecom and Datacom Systems
WEBENCH tool includes features such as external
component calculation, electrical simulation, thermal
Embedded Systems
simulation, and Build-It boards for easy design-in.
Conversions from Standard 24-V, 12-V and 5-V
Input Rails
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
LM22679
TO-263 (7)
10.16 mm x 9.85 mm
LM22679-Q1
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Simplified Application Schematic
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


同様の部品番号 - LM22679-Q1

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LM22679 NSC-LM22679 Datasheet
386Kb / 16P
   5A SIMPLE SWITCHER짰, Step-Down Voltage Regulator with Adjustable Soft-Start and Current Limit
LM22679TJ-5.0 NSC-LM22679TJ-5.0 Datasheet
386Kb / 16P
   5A SIMPLE SWITCHER짰, Step-Down Voltage Regulator with Adjustable Soft-Start and Current Limit
LM22679TJ-ADJ NSC-LM22679TJ-ADJ Datasheet
386Kb / 16P
   5A SIMPLE SWITCHER짰, Step-Down Voltage Regulator with Adjustable Soft-Start and Current Limit
LM22679TJE-5.0 NSC-LM22679TJE-5.0 Datasheet
386Kb / 16P
   5A SIMPLE SWITCHER짰, Step-Down Voltage Regulator with Adjustable Soft-Start and Current Limit
LM22679TJE-ADJ NSC-LM22679TJE-ADJ Datasheet
386Kb / 16P
   5A SIMPLE SWITCHER짰, Step-Down Voltage Regulator with Adjustable Soft-Start and Current Limit
More results

同様の説明 - LM22679-Q1

メーカー部品番号データシート部品情報
logo
Texas Instruments
LM22677 TI-LM22677_15 Datasheet
1Mb / 28P
[Old version datasheet]   LM22677/-Q1 42-V, 5-A SIMPLE SWITCHER짰, Step-Down Voltage Regulator With Features
LM22675 TI-LM22675_15 Datasheet
1Mb / 26P
[Old version datasheet]   LM22675/-Q1 42 V, 1 A SIMPLE SWITCHER짰 Step-Down Voltage Regulator with Features
LM22676 TI-LM22676_15 Datasheet
1Mb / 29P
[Old version datasheet]   LM22676/-Q1 42 V, 3 A SIMPLE SWITCHER짰 Step-Down Voltage Regulator with Features
LM22673 TI-LM22673_15 Datasheet
1Mb / 29P
[Old version datasheet]   LM22673/-Q1 42 V, 3 A SIMPLE SWITCHER짰, Step-Down Voltage Regulator with Features
LM22670 TI-LM22670_15 Datasheet
1Mb / 32P
[Old version datasheet]   LM22670/-Q1 42 V, 3 A SIMPLE SWITCHER짰, Step-Down Voltage Regulator with Features
LM22674 TI-LM22674_15 Datasheet
1Mb / 26P
[Old version datasheet]   LM22674/-Q1 42 V, 500 mA SIMPLE SWITCHER짰 Step-Down Voltage Regulator with Features
LM22671 TI-LM22671_15 Datasheet
1Mb / 29P
[Old version datasheet]   LM22671/-Q1 42 V, 500 mA SIMPLE SWITCHER짰 Step-Down Voltage Regulator with Features
LM22672 TI-LM22672_15 Datasheet
1Mb / 30P
[Old version datasheet]   SIMPLE SWITCHER짰 Step-Down Voltage Regulator with Features
logo
National Semiconductor ...
LM22680 NSC-LM22680 Datasheet
568Kb / 16P
   2A SIMPLE SWITCHER짰, Step-Down Voltage Regulator with Features
logo
Texas Instruments
LM22680 TI-LM22680_15 Datasheet
1Mb / 27P
[Old version datasheet]   42 V, 2 A SIMPLE SWITCHER Step-Down Voltage Regulator With Features
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com