データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BAT15-02EL データシート(PDF) 3 Page - Infineon Technologies AG

部品番号 BAT15-02EL
部品情報  Low barrier type for DBS mixer applications
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  INFINEON [Infineon Technologies AG]
ホームページ  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BAT15-02EL データシート(HTML) 3 Page - Infineon Technologies AG

  BAT15-02EL Datasheet HTML 1Page - Infineon Technologies AG BAT15-02EL Datasheet HTML 2Page - Infineon Technologies AG BAT15-02EL Datasheet HTML 3Page - Infineon Technologies AG BAT15-02EL Datasheet HTML 4Page - Infineon Technologies AG BAT15-02EL Datasheet HTML 5Page - Infineon Technologies AG BAT15-02EL Datasheet HTML 6Page - Infineon Technologies AG BAT15-02EL Datasheet HTML 7Page - Infineon Technologies AG BAT15-02EL Datasheet HTML 8Page - Infineon Technologies AG BAT15-02EL Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
2015-01-27
3
BAT15...
Electrical Characteristics at TA = 25 °C, unless otherwise specified
Parameter
Symbol
Values
Unit
min.
typ.
max.
DC Characteristics
Breakdown voltage
I(BR) = 100 µA
V(BR)
4
-
-
V
Reverse current
VR = 1 V
IR
-
-
5
µA
Forward voltage
IF = 1 mA
IF = 10 mA
VF
0.16
0.25
0.23
0.32
0.32
0.41
V
Forward voltage matching1)
IF = 10 mA
∆ VF
-
-
20
mV
AC Characteristics
Diode capacitance
VR = 0 V, f = 1 MHz, BAT15-02ELS
VR = 0 V, f = 1 MHz, BAT15-099R
VR = 0 V, f = 1 MHz, all others types
CT
-
-
-
-
-
-
0.
23
0.5
0.35
pF
Differential forward resistance
IF = 10 mA / 50 mA
RF
-
5.5
-
1∆VF is the difference between lowest and highest VF in a multiple diode component.


同様の部品番号 - BAT15-02EL

メーカー部品番号データシート部品情報
logo
Infineon Technologies A...
BAT15-02EL INFINEON-BAT15-02EL Datasheet
1Mb / 16P
   Silicon Schottky Diodes
2015-01-27
BAT15-02EL INFINEON-BAT15-02EL Datasheet
1Mb / 16P
   Silicon Schottky Diodes
2015-01-27
BAT15-02ELS INFINEON-BAT15-02ELS Datasheet
1Mb / 16P
   Silicon Schottky Diodes
2015-01-27
BAT15-02ELS INFINEON-BAT15-02ELS Datasheet
1Mb / 16P
   Silicon Schottky Diodes
2015-01-27
More results

同様の説明 - BAT15-02EL

メーカー部品番号データシート部品情報
logo
Siemens Semiconductor G...
BAT15-03W SIEMENS-BAT15-03W Datasheet
65Kb / 4P
   Silicon Schottky Diode (DBS mixer applications to 12 GHz Low noise figure Low barrier type)
BAT15-04 SIEMENS-BAT15-04 Datasheet
67Kb / 3P
   Silicon Dual Schottky Diode (DBS mixer applications to 12 GHz Low noise figure Low barrier type)
BAT14-03W SIEMENS-BAT14-03W Datasheet
36Kb / 4P
   Silicon Schottky Diode (DBS mixer application to 12GHz Medium barrier type Low capacitance)
BAT15-098 SIEMENS-BAT15-098 Datasheet
88Kb / 4P
   Silicon Schottky Diode (DBS mixer application to 10 GHz Low noise figure Low barrier type)
BAT15-099 SIEMENS-BAT15-099 Datasheet
143Kb / 4P
   Silicon Dual Schottky Diode (DBS mixer application to 12 GHz Low noise figure Low barrier type)
BAT14-098 SIEMENS-BAT14-098 Datasheet
88Kb / 4P
   Silicon Schottky Diode (DBS mixer application to 12 GHz Low noise figure Medium barrier type)
BAT14-099 SIEMENS-BAT14-099 Datasheet
79Kb / 4P
   Silicon Dual Schottky Diode (DBS mixer application to 12 GHz Low noise figure Medium barrier type)
logo
Maxim Integrated Produc...
MAX2104 MAXIM-MAX2104_05 Datasheet
186Kb / 9P
   Direct-Conversion Tuner IC for Digital DBS Applications
Rev 4; 6/05
MAX2102 MAXIM-MAX2102 Datasheet
151Kb / 16P
   Direct-Conversion Tuner ICs for Digital DBS Applications
19-1256; Rev 2; 10/98
MAX2104 MAXIM-MAX2104 Datasheet
148Kb / 9P
   Direct-Conversion Tuner IC for Digital DBS Applications
19-1431; Rev 3; 12/01
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com