データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM43600-Q1 データシート(PDF) 2 Page - Texas Instruments

部品番号 LM43600-Q1
部品情報  SIMPLE SWITCHER 3.5 V to 36 V 0.5 A Synchronous Step-Down Voltage
Download  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

LM43600-Q1 データシート(HTML) 2 Page - Texas Instruments

  LM43600-Q1_15 Datasheet HTML 1Page - Texas Instruments LM43600-Q1_15 Datasheet HTML 2Page - Texas Instruments LM43600-Q1_15 Datasheet HTML 3Page - Texas Instruments LM43600-Q1_15 Datasheet HTML 4Page - Texas Instruments LM43600-Q1_15 Datasheet HTML 5Page - Texas Instruments LM43600-Q1_15 Datasheet HTML 6Page - Texas Instruments LM43600-Q1_15 Datasheet HTML 7Page - Texas Instruments LM43600-Q1_15 Datasheet HTML 8Page - Texas Instruments LM43600-Q1_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 53 page
background image
LM43600-Q1
SNVSA99A – JULY 2015 – REVISED AUGUST 2015
www.ti.com
Table of Contents
8.1
Overview ................................................................. 14
1
Features .................................................................. 1
8.2
Functional Block Diagram ....................................... 14
2
Applications ........................................................... 1
8.3
Feature Description................................................. 15
3
Description ............................................................. 1
8.4
Device Functional Modes........................................ 23
4
Simplified Schematic............................................. 1
9
Applications and Implementation ...................... 24
5
Revision History..................................................... 2
9.1
Application Information............................................ 24
6
Pin Configuration and Functions ......................... 3
9.2
Typical Applications ................................................ 24
7
Specifications......................................................... 4
10
Power Supply Recommendations ..................... 42
7.1
Absolute Maximum Ratings ...................................... 4
11
Layout................................................................... 42
7.2
ESD Ratings.............................................................. 4
11.1
Layout Guidelines ................................................. 42
7.3
Recommended Operating Conditions ....................... 4
11.2
Layout Example .................................................... 45
7.4
Thermal Information .................................................. 5
12
Device and Documentation Support ................. 46
7.5
Electrical Characteristics........................................... 5
12.1
Trademarks ........................................................... 46
7.6
Timing Requirements ................................................ 6
12.2
Electrostatic Discharge Caution ............................ 46
7.7
Switching Characteristics .......................................... 7
12.3
Glossary ................................................................ 46
7.8
Typical Characteristics .............................................. 8
13
Mechanical, Packaging, and Orderable
8
Detailed Description ............................................ 14
Information ........................................................... 46
5 Revision History
Changes from Original (July 2015) to Revision A
Page
Changed from Preview to Production Data ............................................................................................................................ 1
2
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated
Product Folder Links: LM43600-Q1


同様の部品番号 - LM43600-Q1_15

メーカー部品番号データシート部品情報
logo
Texas Instruments
LM43600-Q1 TI1-LM43600-Q1_17 Datasheet
2Mb / 54P
[Old version datasheet]   3.5-V to 36-V, 0.5-A Synchronous Step-Down Voltage Converter
More results

同様の説明 - LM43600-Q1_15

メーカー部品番号データシート部品情報
logo
Texas Instruments
LM43600 TI-LM43600_15 Datasheet
1Mb / 53P
[Old version datasheet]   SIMPLE SWITCHER 3.5 V to 36 V 0.5 A Synchronous Step-Down Voltage Converter
LM46000-Q1 TI-LM46000-Q1_15 Datasheet
1Mb / 50P
[Old version datasheet]   SIMPLE SWITCHER 3.5 V to 60 V 0.5 A Synchronous Step-Down Voltage Converter
LM43602-Q1 TI1-LM43602-Q1 Datasheet
1Mb / 48P
[Old version datasheet]   SIMPLE SWITCHER 3.5 V to 36 V 2-A Synchronous Step-Down Voltage Converter
LM43603-Q1 TI1-LM43603-Q1 Datasheet
1Mb / 50P
[Old version datasheet]   SIMPLE SWITCHER 3.5 V to 36 V 3 A Synchronous Step-Down Voltage Converter
LM43603-Q1 TI1-LM43603-Q1_17 Datasheet
1Mb / 50P
[Old version datasheet]   SIMPLE SWITCHER 3.5 V to 36 V 3 A Synchronous Step-Down Voltage Converter
LM43600-Q1 TI1-LM43600-Q1_17 Datasheet
2Mb / 54P
[Old version datasheet]   3.5-V to 36-V, 0.5-A Synchronous Step-Down Voltage Converter
LM43601-Q1 TI-LM43601-Q1_15 Datasheet
1Mb / 51P
[Old version datasheet]   LM43601-Q1 SIMPLE SWITCHER 3.5 V to 36 V 1 A Synchronous Step-Down Voltage Converter
LM46002-Q1 TI-LM46002-Q1_15 Datasheet
1Mb / 52P
[Old version datasheet]   SIMPLE SWITCHER 3.5 V to 60 V 2 A Synchronous Step-Down Voltage Converter
LM46002 TI-LM46002_15 Datasheet
1Mb / 52P
[Old version datasheet]   SIMPLE SWITCHER 3.5 V to 60 V 2 A Synchronous Step-Down Voltage Converter
LMR33630 TI1-LMR33630_18 Datasheet
1Mb / 40P
[Old version datasheet]   SIMPLE SWITCHER 3.8-V to 36-V, 3-A Synchronous Step-Down Voltage Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com