データシートサーチシステム |
|
LM43600-Q1 データシート(PDF) 6 Page - Texas Instruments |
|
|
LM43600-Q1 データシート(HTML) 6 Page - Texas Instruments |
6 / 53 page LM43600-Q1 SNVSA99A – JULY 2015 – REVISED AUGUST 2015 www.ti.com Electrical Characteristics (continued) Limits apply over the recommended operating junction temperature (TJ) range of -40°C to +125°C, unless otherwise stated. Minimum and Maximum limits are specified through test, design or statistical correlation. Typical values represent the most likely parametric norm at TJ = 25°C, and are provided for reference purposes only. Unless otherwise stated, the following conditions apply: VIN = 12 V, VOUT = 3.3 V, FS = 500 kHz. SYMBOL PARAMETER CONDITIONS MIN TYP MAX UNIT VOLTAGE REFERENCE (FB PIN) TJ = 25 ºC 1.009 1.016 1.023 VFB Feedback voltage V TJ = -40 ºC to 125 ºC 0.999 1.016 1.039 ILKG-FB Input leakage current at FB pin FB = 1.011 V 0.2 65 nA THERMAL SHUTDOWN Shutdown threshold 160 ºC TSD (1) Thermal shutdown Recovery threshold 150 ºC CURRENT LIMIT AND HICCUP IHS-LIMIT Peak inductor current limit 1.04 1.33 1.56 A ILS-LIMIT Inductor current valley limit 0.46 0.60 0.75 A SOFT START (SS/TRK PIN) ISSC Soft-start charge current 1.17 2.2 2.85 µA RSSD Soft-start discharge resistance UVLO, TSD, OCP, or EN = 0 V 16 k Ω POWER GOOD (PGOOD PIN) Power-good flag over voltage tripping VPGOOD-HIGH % of FB voltage 110% 113% threshold Power-good flag under voltage tripping VPGOOD-LOW % of FB voltage 83% 90% threshold VPGOOD-HYS Power-good flag recovery hysteresis % of FB voltage 6% VEN = 3.3 V 40 125 PGOOD pin pull down resistance when RPGOOD Ω power bad VEN = 0 V 60 150 MOSFETS (2) IOUT = 0.5 A RDS-ON-HS High-side MOSFET ON-resistance 419 m Ω VBIAS = VOUT = 3.3 V IOUT = 0.5 A RDS-ON-LS Low-side MOSFET ON-resistance 231 m Ω VBIAS = VOUT = 3.3 V (1) Guaranteed by design (2) Measured at package pins 7.6 Timing Requirements PARAMETER MIN TYP MAX UNIT CURRENT LIMIT AND HICCUP NOC Hiccup wait cycles when LS current limit tripped 32 Cycles TOC Hiccup retry delay time 5.5 ms SOFT START (SS/TRK PIN) TSS Internal soft-start time when SS pin open circuit 3.86 ms POWER GOOD (PGOOD PIN) TPGOOD-RISE Power-good flag rising transition deglitch delay 220 µs TPGOOD-FALL Power-good flag falling transition deglitch delay 220 µs 6 Submit Documentation Feedback Copyright © 2015, Texas Instruments Incorporated Product Folder Links: LM43600-Q1 |
同様の部品番号 - LM43600-Q1 |
|
同様の説明 - LM43600-Q1 |
|
|
リンク URL |
プライバシーポリシー |
ALLDATASHEET.JP |
ALLDATASHEETはお客様のビジネスに役立ちますか? [ DONATE ] |
Alldatasheetは | 広告 | お問い合わせ | プライバシーポリシー | リンク交換 | メーカーリスト All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |