データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM43603-Q1 データシート(PDF) 8 Page - Texas Instruments

部品番号 LM43603-Q1
部品情報  LM43603-Q1 SIMPLE SWITCHER짰 3.5 V to 36 V 3 A Synchronous Step-Down Voltage Converter
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

LM43603-Q1 データシート(HTML) 8 Page - Texas Instruments

Back Button LM43603-Q1_15 Datasheet HTML 4Page - Texas Instruments LM43603-Q1_15 Datasheet HTML 5Page - Texas Instruments LM43603-Q1_15 Datasheet HTML 6Page - Texas Instruments LM43603-Q1_15 Datasheet HTML 7Page - Texas Instruments LM43603-Q1_15 Datasheet HTML 8Page - Texas Instruments LM43603-Q1_15 Datasheet HTML 9Page - Texas Instruments LM43603-Q1_15 Datasheet HTML 10Page - Texas Instruments LM43603-Q1_15 Datasheet HTML 11Page - Texas Instruments LM43603-Q1_15 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 50 page
background image
40
50
60
70
80
90
100
0.001
0.01
0.1
1
Current (A)
24VIN
36VIN
C049
40
50
60
70
80
90
100
0.001
0.01
0.1
1
Current (A)
12VIN
16VIN
C001
40
50
60
70
80
90
100
0.001
0.01
0.1
1
Current (A)
12VIN
24VIN
C001
40
50
60
70
80
90
100
0.001
0.01
0.1
1
Current (A)
12VIN
24VIN
C001
40
50
60
70
80
90
100
0.001
0.01
0.1
1
Current (A)
5VIN
12VIN
24VIN
C001
40
50
60
70
80
90
100
0.001
0.01
0.1
1
Current (A)
12VIN
24VIN
C001
LM43603-Q1
SNVSA82A – APRIL 2015 – REVISED MAY 2015
www.ti.com
7.8 Typical Characteristics
Unless otherwise specified, VIN = 12 V, VOUT = 3.3 V, FS = 500 kHz, L = 6.8 µH. Please refer to Application Performance
Curves for bill of materials for other VOUT and FS combinations.
VOUT = 3.3 V
FS = 500 kHz
VOUT = 5V
FS = 200 kHz
Figure 1. Efficiency
Figure 2. Efficiency
VOUT = 5 V
FS = 500 kHz
VOUT = 5 V
FS = 1 MHz
Figure 3. Efficiency
Figure 4. Efficiency
VOUT = 5 V
FS = 2.2 MHz
VOUT = 12 V
FS = 500 kHz
Figure 5. Efficiency
Figure 6. Efficiency
8
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated
Product Folder Links: LM43603-Q1


同様の部品番号 - LM43603-Q1_15

メーカー部品番号データシート部品情報
logo
Texas Instruments
LM43603-Q1 TI1-LM43603-Q1_17 Datasheet
1Mb / 50P
[Old version datasheet]   SIMPLE SWITCHER 3.5 V to 36 V 3 A Synchronous Step-Down Voltage Converter
More results

同様の説明 - LM43603-Q1_15

メーカー部品番号データシート部品情報
logo
Texas Instruments
LM43603 TI1-LM43603 Datasheet
1Mb / 50P
[Old version datasheet]   LM43603 SIMPLE SWITCHER짰 3.5 V to 36 V 3 A Synchronous Step-Down Voltage Converter
LM43603 TI-LM43603_15 Datasheet
1Mb / 50P
[Old version datasheet]   LM43603 SIMPLE SWITCHER짰 3.5 V to 36 V 3 A Synchronous Step-Down Voltage Converter
LM43602-Q1 TI-LM43602-Q1_15 Datasheet
1Mb / 43P
[Old version datasheet]   LM43602-Q1 SIMPLE SWITCHER짰 3.5 V to 36 V 2-A Synchronous Step-Down Voltage Converter
LM43601-Q1 TI1-LM43601-Q1_16 Datasheet
1Mb / 53P
[Old version datasheet]   LM43601-Q1 SIMPLE SWITCHER짰 3.5 V to 36 V 1 A Synchronous Step-Down Voltage Converter
LM43602 TI1-LM43602 Datasheet
1Mb / 44P
[Old version datasheet]   LM43602 SIMPLE SWITCHER짰 3.5 V to 36 V 2-A Synchronous Step-Down Voltage Converter
LM43601 TI-LM43601_15 Datasheet
1Mb / 53P
[Old version datasheet]   LM43601 SIMPLE SWITCHER짰 3.5 V to 36 V 1 A Synchronous Step-Down Voltage Converter
LM43602 TI-LM43602_15 Datasheet
1Mb / 44P
[Old version datasheet]   LM43602 SIMPLE SWITCHER짰 3.5 V to 36 V 2-A Synchronous Step-Down Voltage Converter
LM43601 TI1-LM43601_16 Datasheet
1Mb / 53P
[Old version datasheet]   LM43601 SIMPLE SWITCHER짰 3.5 V to 36 V 1 A Synchronous Step-Down Voltage Converter
LM46001-Q1 TI1-LM46001-Q1 Datasheet
1Mb / 53P
[Old version datasheet]   LM46001-Q1 SIMPLE SWITCHER짰 3.5 V to 60 V 1 A Synchronous Step-Down Voltage Converter
LM43603-Q1 TI1-LM43603-Q1 Datasheet
1Mb / 50P
[Old version datasheet]   SIMPLE SWITCHER 3.5 V to 36 V 3 A Synchronous Step-Down Voltage Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com