データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM46001 データシート(PDF) 9 Page - Texas Instruments

部品番号 LM46001
部品情報  LM46001 SIMPLE SWITCHER짰 3.5 V to 60 V 1 A Synchronous Step-Down Voltage Converter
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

LM46001 データシート(HTML) 9 Page - Texas Instruments

Back Button LM46001_15 Datasheet HTML 5Page - Texas Instruments LM46001_15 Datasheet HTML 6Page - Texas Instruments LM46001_15 Datasheet HTML 7Page - Texas Instruments LM46001_15 Datasheet HTML 8Page - Texas Instruments LM46001_15 Datasheet HTML 9Page - Texas Instruments LM46001_15 Datasheet HTML 10Page - Texas Instruments LM46001_15 Datasheet HTML 11Page - Texas Instruments LM46001_15 Datasheet HTML 12Page - Texas Instruments LM46001_15 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 52 page
background image
11.5
11.6
11.7
11.8
11.9
12.0
12.1
12.2
12.3
12.4
12.5
0.001
0.010
0.100
1.000
Load Current (A)
VIN = 24V
VIN = 28V
VIN = 36V
VIN = 42V
VIN = 48V
VIN = 60V
C017
23.0
23.2
23.4
23.6
23.8
24.0
24.2
24.4
24.6
24.8
25.0
0.001
0.010
0.100
1.000
Load Current (A)
VIN = 36V
VIN = 42V
VIN = 48V
VIN = 60V
C018
4.80
4.85
4.90
4.95
5.00
5.05
5.10
5.15
0.001
0.010
0.100
1.000
Load Current (A)
VIN = 8V
VIN = 12V
VIN = 18V
VIN = 24V
VIN = 28V
VIN = 36V
VIN = 42V
VIN = 48V
VIN = 60V
C014
4.80
4.85
4.90
4.95
5.00
5.05
5.10
5.15
5.20
0.001
0.010
0.100
1.000
Load Current (A)
VIN = 12V
VIN = 18V
VIN = 24V
VIN = 28V
C015
3.20
3.22
3.24
3.26
3.28
3.30
3.32
3.34
3.36
3.38
3.40
0.001
0.010
0.100
1.000
Load Current (A)
VIN = 8V
VIN = 12V
VIN = 18V
VIN = 24V
VIN = 28V
VIN = 36V
C012
4.80
4.85
4.90
4.95
5.00
5.05
5.10
5.15
5.20
0.001
0.010
0.100
1.000
Load Current (A)
VIN = 12V
VIN = 18V
VIN = 24V
VIN = 28V
VIN = 36V
VIN = 42V
C013
LM46001
www.ti.com
SNVSA46A – JUNE 2014 – REVISED JULY 2014
Typical Characteristics (continued)
Unless otherwise specified, VIN = 24 V, VOUT = 3.3 V, FS = 500 kHz, L = 18 µH, COUT = 100 µF, CFF = 33 pF. Please refer to
Application Performance Curves for Bill of Materials (BOM) for other VOUT and FS combinations.
VOUT = 3.3 V
FS = 500 kHz
VOUT = 5 V
FS = 500 kHz
Figure 7. VOUT Regulation
Figure 8. VOUT Regulation
VOUT = 5 V
FS = 200 kHz
VOUT = 5 V
FS = 1 MHz
Figure 9. VOUT Regulation
Figure 10. VOUT Regulation
VOUT = 12 V
FS = 500 kHz
VOUT = 24 V
FS = 500 kHz
Figure 11. VOUT Regulation
Figure 12. VOUT Regulation
Copyright © 2014, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: LM46001


同様の部品番号 - LM46001_15

メーカー部品番号データシート部品情報
logo
Texas Instruments
LM46001-Q1 TI1-LM46001-Q1 Datasheet
1Mb / 53P
[Old version datasheet]   LM46001-Q1 SIMPLE SWITCHER짰 3.5 V to 60 V 1 A Synchronous Step-Down Voltage Converter
LM46001-Q1 TI1-LM46001-Q1 Datasheet
2Mb / 55P
[Old version datasheet]   3.5-V to 60-V, 1 A Synchronous Step-Down Voltage Converter
LM46001-Q1 TI1-LM46001-Q1_17 Datasheet
2Mb / 55P
[Old version datasheet]   3.5-V to 60-V, 1 A Synchronous Step-Down Voltage Converter
LM46001A-Q1 TI1-LM46001A-Q1 Datasheet
2Mb / 55P
[Old version datasheet]   3.5-V to 60-V, 1 A Synchronous Step-Down Voltage Converter
LM46001AQPWPRQ1 TI1-LM46001AQPWPRQ1 Datasheet
2Mb / 55P
[Old version datasheet]   3.5-V to 60-V, 1 A Synchronous Step-Down Voltage Converter
More results

同様の説明 - LM46001_15

メーカー部品番号データシート部品情報
logo
Texas Instruments
LM46001 TI1-LM46001 Datasheet
1Mb / 52P
[Old version datasheet]   LM46001 SIMPLE SWITCHER짰 3.5 V to 60 V 1 A Synchronous Step-Down Voltage Converter
LM46001-Q1 TI1-LM46001-Q1 Datasheet
1Mb / 53P
[Old version datasheet]   LM46001-Q1 SIMPLE SWITCHER짰 3.5 V to 60 V 1 A Synchronous Step-Down Voltage Converter
LM46000 TI1-LM46000 Datasheet
2Mb / 56P
[Old version datasheet]   LM46000 SIMPLE SWITCHER짰 3.5 V to 60 V 0.5 A Synchronous Step-Down Voltage Converter
LM46000 TI-LM46000_15 Datasheet
1Mb / 53P
[Old version datasheet]   LM46000 SIMPLE SWITCHER짰 3.5 V to 60 V 0.5 A Synchronous Step-Down Voltage Converter
LM43601 TI-LM43601_15 Datasheet
1Mb / 53P
[Old version datasheet]   LM43601 SIMPLE SWITCHER짰 3.5 V to 36 V 1 A Synchronous Step-Down Voltage Converter
LM43601 TI1-LM43601_16 Datasheet
1Mb / 53P
[Old version datasheet]   LM43601 SIMPLE SWITCHER짰 3.5 V to 36 V 1 A Synchronous Step-Down Voltage Converter
LM43601-Q1 TI1-LM43601-Q1_16 Datasheet
1Mb / 53P
[Old version datasheet]   LM43601-Q1 SIMPLE SWITCHER짰 3.5 V to 36 V 1 A Synchronous Step-Down Voltage Converter
LM46001-Q1 TI1-LM46001-Q1_17 Datasheet
2Mb / 55P
[Old version datasheet]   3.5-V to 60-V, 1 A Synchronous Step-Down Voltage Converter
LM43603 TI1-LM43603 Datasheet
1Mb / 50P
[Old version datasheet]   LM43603 SIMPLE SWITCHER짰 3.5 V to 36 V 3 A Synchronous Step-Down Voltage Converter
LM43603 TI-LM43603_15 Datasheet
1Mb / 50P
[Old version datasheet]   LM43603 SIMPLE SWITCHER짰 3.5 V to 36 V 3 A Synchronous Step-Down Voltage Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com