データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LMR14203 データシート(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
部品番号 LMR14203
部品情報  SIMPLE SWITCHER 42Vin, 0.3A Step-Down Voltage Regulator in SOT-23
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

LMR14203 データシート(HTML) 9 Page - Texas Instruments

Back Button LMR14203 Datasheet HTML 5Page - Texas Instruments LMR14203 Datasheet HTML 6Page - Texas Instruments LMR14203 Datasheet HTML 7Page - Texas Instruments LMR14203 Datasheet HTML 8Page - Texas Instruments LMR14203 Datasheet HTML 9Page - Texas Instruments LMR14203 Datasheet HTML 10Page - Texas Instruments LMR14203 Datasheet HTML 11Page - Texas Instruments LMR14203 Datasheet HTML 12Page - Texas Instruments LMR14203 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
FB
GND
SW
V
IN
CB
SHDN
LMR14203
C
OUT
12V OUT
15V to 42V IN
L1
47
D1
60V 500 mA
C
BOOT
C
IN
R1
R2
14.7k
1k
22 PF
0.15 PF
PH
2.2 PF
FB
GND
SW
CB
SHDN
LMR14203
C
OUT
5V OUT
7V to 42V IN
L1
15
D1
C
BOOT
C
IN
R1
R2
5.62k
1.02k
47 PF
0.15 PF
PH
2.2 PF
VIN
60V 500 mA
FB
GND
SW
CB
SHDN
LMR14203
C
OUT
3.3V OUT
4.5V to 42V IN
L1
D1
60V 500 mA
C
IN
R1
R2
3.4k
1.02k
2.2 PF
0.15 PF
47 PF
15 PH
CBOOT
VIN
LMR14203
www.ti.com
SNVS732C – OCTOBER 2011 – REVISED APRIL 2013
Typical Applications
Figure 9. Application Circuit, 3.3V Output
Figure 10. Application Circuit, 5V Output
Figure 11. Application Circuit, 12V Output
Copyright © 2011–2013, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: LMR14203


同様の部品番号 - LMR14203

メーカー部品番号データシート部品情報
logo
Texas Instruments
LMR14203 TI1-LMR14203 Datasheet
272Kb / 13P
[Old version datasheet]   SIMPLE SWITCHER짰 42Vin, 0.3A Step-Down Voltage Regulator in SOT-23
LMR14203 TI-LMR14203 Datasheet
804Kb / 16P
[Old version datasheet]   Input Voltage Range of 4.5V to 42V, Output Voltage Range of 0.765V to 34V
LMR14203XMK TI1-LMR14203XMK Datasheet
272Kb / 13P
[Old version datasheet]   SIMPLE SWITCHER짰 42Vin, 0.3A Step-Down Voltage Regulator in SOT-23
LMR14203XMKE TI1-LMR14203XMKE Datasheet
272Kb / 13P
[Old version datasheet]   SIMPLE SWITCHER짰 42Vin, 0.3A Step-Down Voltage Regulator in SOT-23
LMR14203XMKX TI1-LMR14203XMKX Datasheet
272Kb / 13P
[Old version datasheet]   SIMPLE SWITCHER짰 42Vin, 0.3A Step-Down Voltage Regulator in SOT-23
More results

同様の説明 - LMR14203

メーカー部品番号データシート部品情報
logo
Texas Instruments
LMR14203 TI1-LMR14203 Datasheet
272Kb / 13P
[Old version datasheet]   SIMPLE SWITCHER짰 42Vin, 0.3A Step-Down Voltage Regulator in SOT-23
LMR14206XMK TI1-LMR14206XMK Datasheet
841Kb / 17P
[Old version datasheet]   LMR14206 SIMPLE SWITCHER 42Vin, 0.6A Step-Down Voltage Regulator in SOT-23
LMR14206XMK TI-LMR14206XMK Datasheet
817Kb / 17P
[Old version datasheet]   LMR14206 SIMPLE SWITCHER 42Vin, 0.6A Step-Down Voltage Regulator in SOT-23
LMR62014 TI1-LMR62014 Datasheet
366Kb / 12P
[Old version datasheet]   SIMPLE SWITCHER짰 42Vin, 0.6A Step-Down Voltage Regulator in SOT-23
LMR24210 TI-LMR24210_15 Datasheet
1Mb / 25P
[Old version datasheet]   SIMPLE SWITCHER 42Vin, 1.0A Step-Down Voltage Regulator
LMR24220 TI-LMR24220_15 Datasheet
1Mb / 24P
[Old version datasheet]   SIMPLE SWITCHER 42Vin, 2.0A Step-Down Voltage Regulator
LMR12010 TI-LMR12010_15 Datasheet
1Mb / 26P
[Old version datasheet]   SIMPLE SWITCHER 20Vin, 1A Step-Down Voltage Regulator in SOT-23
LMR62421 TI-LMR62421_15 Datasheet
1Mb / 32P
[Old version datasheet]   SIMPLE SWITCHER 24Vout, 2.1A Step-Up Voltage Regulator in SOT-23
LMR10515 TI1-LMR10515_15 Datasheet
1Mb / 26P
[Old version datasheet]   LMR10515 SIMPLE SWITCHER 5.5Vin, 1.5A Step-Down Voltage Regulator in SOT-23 and WSON
LMR10515XMFE TI-LMR10515XMFE Datasheet
1Mb / 26P
[Old version datasheet]   LMR10515 SIMPLE SWITCHER 5.5Vin, 1.5A Step-Down Voltage Regulator in SOT-23 and WSON
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com