データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LMR16006 データシート(PDF) 11 Page - Texas Instruments

部品番号 LMR16006
部品情報  LMR16006 SIMPLE SWITCHER짰 60 V 0.6 A Buck Regulators With High Efficiency ECO Mode
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

LMR16006 データシート(HTML) 11 Page - Texas Instruments

Back Button LMR16006_15 Datasheet HTML 7Page - Texas Instruments LMR16006_15 Datasheet HTML 8Page - Texas Instruments LMR16006_15 Datasheet HTML 9Page - Texas Instruments LMR16006_15 Datasheet HTML 10Page - Texas Instruments LMR16006_15 Datasheet HTML 11Page - Texas Instruments LMR16006_15 Datasheet HTML 12Page - Texas Instruments LMR16006_15 Datasheet HTML 13Page - Texas Instruments LMR16006_15 Datasheet HTML 14Page - Texas Instruments LMR16006_15 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
LMR16006
5 V, 0.6 A
CB
SW
FB
Cboot
100 nF
L1
22 µH
SHDN
VIN
VIN
GND
D1
Cin
R1
54.9 k
R2
10 k
Cout
10 µF
100 k

LMR16006
www.ti.com
SNVSA24 – OCTOBER 2014
9 Application and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
9.1 Application Information
The LMR16006 is a step down DC-to-DC regulator. It is typically used to convert a higher DC voltage to a lower
DC voltage with a maximum output current of 600 mA. The following design procedure can be used to select
components for the LMR16006. This section presents a simplified discussion of the design process.
9.2 Typical Application
Figure 9. Application Circuit, 5 V Output
9.2.1 Design Requirements
Table 1. Design Example Parameters
Input Voltage, VIN
9 V to 16 V, Typical 12 V
Output Voltage, VOUT
5.0 V ± 3%
Maximum Output Current IO_max
0.6 A
Minimum Output Current IO_min
0.03 A
Transient Response 0.03 A to 0.6 A
5%
Output Voltage Ripple
1%
Switching Frequency Fsw
0.7 MHz
Target during Load Transient
Over Voltage Peak Value
106% of Output Voltage
Under Voltage Value
91% of Output Voltage
9.2.2 Detailed Design Procedure
This example details the design of a high frequency switching regulator using ceramic output capacitors. A few
parameters must be known in order to start the design process. These parameters are typically determined at the
system level:
9.2.2.1 Output Inductor Selection
The most critical parameters for the inductor are the inductance, peak current and the DC resistance. The
inductance is related to the peak-to-peak inductor ripple current, the input and the output voltages. Since the
ripple current increases with the input voltage, the maximum input voltage is always used to determine the
inductance. To calculate the minimum value of the output inductor, use Equation 1. KIND is a coefficient that
represents the amount of inductor ripple current relative to the maximum output current. A reasonable value is
setting the ripple current to be 30%-40% of the DC output current. For this design example, the minimum
Copyright © 2014, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LMR16006


同様の部品番号 - LMR16006_15

メーカー部品番号データシート部品情報
logo
Texas Instruments
LMR16006XDDCR TI1-LMR16006XDDCR Datasheet
1Mb / 25P
[Old version datasheet]   LMR16006 SIMPLE SWITCHER짰 60 V 0.6 A Buck Regulators With High Efficiency ECO
LMR16006XDDCT TI1-LMR16006XDDCT Datasheet
1Mb / 25P
[Old version datasheet]   LMR16006 SIMPLE SWITCHER짰 60 V 0.6 A Buck Regulators With High Efficiency ECO
LMR16006Y-Q1 TI-LMR16006Y-Q1 Datasheet
1Mb / 23P
[Old version datasheet]   SIMPLE SWITCHER Buck Regulators With High-Efficiency ECO Mode
LMR16006Y-Q1 TI-LMR16006Y-Q1_15 Datasheet
1Mb / 23P
[Old version datasheet]   SIMPLE SWITCHER Buck Regulators With High-Efficiency ECO Mode
LMR16006YDDCR TI1-LMR16006YDDCR Datasheet
1Mb / 25P
[Old version datasheet]   LMR16006 SIMPLE SWITCHER짰 60 V 0.6 A Buck Regulators With High Efficiency ECO
More results

同様の説明 - LMR16006_15

メーカー部品番号データシート部品情報
logo
Texas Instruments
LMR16006 TI1-LMR16006 Datasheet
1Mb / 25P
[Old version datasheet]   LMR16006 SIMPLE SWITCHER짰 60 V 0.6 A Buck Regulators With High Efficiency ECO
LMR16006Y-Q1 TI-LMR16006Y-Q1_15 Datasheet
1Mb / 23P
[Old version datasheet]   SIMPLE SWITCHER Buck Regulators With High-Efficiency ECO Mode
LMR14006 TI1-LMR14006 Datasheet
1Mb / 20P
[Old version datasheet]   SIMPLE SWITCHER짰 40V 300/600mA Buck Regulators with High Efficiency Sleep Mode
LMR14006 TI-LMR14006_15 Datasheet
1Mb / 24P
[Old version datasheet]   LMR14006 SIMPLE SWITCHER짰 40 V 600 mA Buck Regulator With High Efficiency Sleep Mode
TPS53355 TI1-TPS53355 Datasheet
977Kb / 29P
[Old version datasheet]   High-Efficiency 30-A Synchronous Buck Converter with Eco-mode?
TPS53353 TI1-TPS53353 Datasheet
1,017Kb / 29P
[Old version datasheet]   High-Efficiency 20-A Synchronous Buck Converter with Eco-mode?
LMR14003 TI1-LMR14003 Datasheet
1Mb / 20P
[Old version datasheet]   SIMPLE SWITCHER 40V 300/600mA Buck Regulators with High Efficiency Sleep Mode
TPS53353 TI1-TPS53353_17 Datasheet
1Mb / 37P
[Old version datasheet]   High-Efficiency 20-A Synchronous Buck SWIFT Converter With Eco-mode
TPS53355 TI1-TPS53355_17 Datasheet
1Mb / 39P
[Old version datasheet]   High-Efficiency 30-A Synchronous Buck SWIFT Converter With Eco-mode
TPS53353 TI-TPS53353_15 Datasheet
1Mb / 37P
[Old version datasheet]   TPS53353 High-Efficiency 20-A Synchronous Buck Converter With Eco-mode?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com