データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LMR16006Y-Q1 データシート(PDF) 20 Page - Texas Instruments

部品番号 LMR16006Y-Q1
部品情報  SIMPLE SWITCHER Buck Regulators With High-Efficiency ECO Mode
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

LMR16006Y-Q1 データシート(HTML) 20 Page - Texas Instruments

Back Button LMR16006Y-Q1_15 Datasheet HTML 15Page - Texas Instruments LMR16006Y-Q1_15 Datasheet HTML 16Page - Texas Instruments LMR16006Y-Q1_15 Datasheet HTML 17Page - Texas Instruments LMR16006Y-Q1_15 Datasheet HTML 18Page - Texas Instruments LMR16006Y-Q1_15 Datasheet HTML 19Page - Texas Instruments LMR16006Y-Q1_15 Datasheet HTML 20Page - Texas Instruments LMR16006Y-Q1_15 Datasheet HTML 21Page - Texas Instruments LMR16006Y-Q1_15 Datasheet HTML 22Page - Texas Instruments LMR16006Y-Q1_15 Datasheet HTML 23Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 20 / 23 page
background image
*All dimensions are nominal
Device
Package Type
Package Drawing
Pins
SPQ
Length (mm)
Width (mm)
Height (mm)
LMR16006YQ3DDCRQ1
SOT
DDC
6
3000
210.0
185.0
35.0
LMR16006YQ3DDCTQ1
SOT
DDC
6
250
210.0
185.0
35.0
LMR16006YQ5DDCRQ1
SOT
DDC
6
3000
210.0
185.0
35.0
LMR16006YQ5DDCTQ1
SOT
DDC
6
250
210.0
185.0
35.0
LMR16006YQDDCRQ1
SOT
DDC
6
3000
210.0
185.0
35.0
LMR16006YQDDCTQ1
SOT
DDC
6
250
210.0
185.0
35.0
PACKAGE MATERIALS INFORMATION
www.ti.com
25-Jul-2015
Pack Materials-Page 2


同様の部品番号 - LMR16006Y-Q1_15

メーカー部品番号データシート部品情報
logo
Texas Instruments
LMR16006YDDCR TI1-LMR16006YDDCR Datasheet
1Mb / 25P
[Old version datasheet]   LMR16006 SIMPLE SWITCHER짰 60 V 0.6 A Buck Regulators With High Efficiency ECO
LMR16006YDDCT TI1-LMR16006YDDCT Datasheet
1Mb / 25P
[Old version datasheet]   LMR16006 SIMPLE SWITCHER짰 60 V 0.6 A Buck Regulators With High Efficiency ECO
More results

同様の説明 - LMR16006Y-Q1_15

メーカー部品番号データシート部品情報
logo
Texas Instruments
LMR14003 TI1-LMR14003 Datasheet
1Mb / 20P
[Old version datasheet]   SIMPLE SWITCHER 40V 300/600mA Buck Regulators with High Efficiency Sleep Mode
LMR16006 TI-LMR16006_15 Datasheet
1Mb / 24P
[Old version datasheet]   LMR16006 SIMPLE SWITCHER짰 60 V 0.6 A Buck Regulators With High Efficiency ECO Mode
LMR16006 TI1-LMR16006 Datasheet
1Mb / 25P
[Old version datasheet]   LMR16006 SIMPLE SWITCHER짰 60 V 0.6 A Buck Regulators With High Efficiency ECO
LMR14006 TI1-LMR14006 Datasheet
1Mb / 20P
[Old version datasheet]   SIMPLE SWITCHER짰 40V 300/600mA Buck Regulators with High Efficiency Sleep Mode
TPS53355 TI1-TPS53355 Datasheet
977Kb / 29P
[Old version datasheet]   High-Efficiency 30-A Synchronous Buck Converter with Eco-mode?
TPS53353 TI1-TPS53353 Datasheet
1,017Kb / 29P
[Old version datasheet]   High-Efficiency 20-A Synchronous Buck Converter with Eco-mode?
TPS53353 TI1-TPS53353_17 Datasheet
1Mb / 37P
[Old version datasheet]   High-Efficiency 20-A Synchronous Buck SWIFT Converter With Eco-mode
TPS53355 TI1-TPS53355_17 Datasheet
1Mb / 39P
[Old version datasheet]   High-Efficiency 30-A Synchronous Buck SWIFT Converter With Eco-mode
TPS53353 TI-TPS53353_15 Datasheet
1Mb / 37P
[Old version datasheet]   TPS53353 High-Efficiency 20-A Synchronous Buck Converter With Eco-mode?
TPS53355 TI-TPS53355_15 Datasheet
1Mb / 37P
[Old version datasheet]   TPS53355 High-Efficiency 30-A Synchronous Buck Converter With Eco-mode?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com