データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LMR16006YQ5DDCRQ1 データシート(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
部品番号 LMR16006YQ5DDCRQ1
部品情報  SIMPLE SWITCHER Buck Regulators With High-Efficiency ECO Mode
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

LMR16006YQ5DDCRQ1 データシート(HTML) 4 Page - Texas Instruments

  LMR16006YQ5DDCRQ1 Datasheet HTML 1Page - Texas Instruments LMR16006YQ5DDCRQ1 Datasheet HTML 2Page - Texas Instruments LMR16006YQ5DDCRQ1 Datasheet HTML 3Page - Texas Instruments LMR16006YQ5DDCRQ1 Datasheet HTML 4Page - Texas Instruments LMR16006YQ5DDCRQ1 Datasheet HTML 5Page - Texas Instruments LMR16006YQ5DDCRQ1 Datasheet HTML 6Page - Texas Instruments LMR16006YQ5DDCRQ1 Datasheet HTML 7Page - Texas Instruments LMR16006YQ5DDCRQ1 Datasheet HTML 8Page - Texas Instruments LMR16006YQ5DDCRQ1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
LMR16006Y-Q1
SNVSAC1 – JUNE 2015
www.ti.com
7 Specifications
7.1 Absolute Maximum Ratings
(1)
MIN
MAX
UNIT
VIN to GND
-0.3
65
SHDN to GND
-0.3
65
Input voltages
FB to GND
-0.3
7
V
CB to SW
-0.3
7
SW to GND
-1
60
Output voltages
SW to GND less than 30 ns transients
-2
60
TJ Operation junction temperature
-40
150
°C
Storage temperature, Tstg
-55
165
°C
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
7.2 ESD Ratings
VALUE
UNIT
Human-body model (HBM), per AEC Q100-002(1)
±2000
V(ESD)
Electrostatic discharge
V
Charged-device model (CDM), per AEC Q100-011
±500
(1)
AEC Q100-002 indicates that HBM stressing shall be in accordance with the ANSI/ESDA/JEDEC JS-001 specification.
7.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
(1)
MIN
MAX
UNIT
VIN
4
40
CB
4
46
Buck regulator
CB to SW
-0.3
6
V
SW
-1
40
FB
0
5.5
Control
SHDN
0
40
Temperature
Operating junction temperature range, TJ
-40
125
°C
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
7.4 Thermal Information
over operating free-air temperature range (unless otherwise noted)
THERMAL METRIC (1)
LMR16006Y-Q1
UNIT
DDC (SOT)
(6 PINS)
RθJA
Junction-to-ambient thermal resistance
102
RθJCtop
Junction-to-case (top) thermal resistance
36.9
°C/W
RθJB
Junction-to board characterization parameter
28.4
(1)
All numbers apply for packages soldered directly onto a 3" x 3" PC board with 2 oz. copper on 4 layers in still air in accordance to
JEDEC standards. Thermal resistance varies greatly with layout, copper thickness, number of layers in PCB, power distribution,
numberof thermal vias, board size, ambient temperature, and air flow.
4
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated
Product Folder Links: LMR16006Y-Q1


同様の部品番号 - LMR16006YQ5DDCRQ1

メーカー部品番号データシート部品情報
logo
Texas Instruments
LMR16006YDDCR TI1-LMR16006YDDCR Datasheet
1Mb / 25P
[Old version datasheet]   LMR16006 SIMPLE SWITCHER짰 60 V 0.6 A Buck Regulators With High Efficiency ECO
LMR16006YDDCT TI1-LMR16006YDDCT Datasheet
1Mb / 25P
[Old version datasheet]   LMR16006 SIMPLE SWITCHER짰 60 V 0.6 A Buck Regulators With High Efficiency ECO
More results

同様の説明 - LMR16006YQ5DDCRQ1

メーカー部品番号データシート部品情報
logo
Texas Instruments
LMR14003 TI1-LMR14003 Datasheet
1Mb / 20P
[Old version datasheet]   SIMPLE SWITCHER 40V 300/600mA Buck Regulators with High Efficiency Sleep Mode
LMR16006 TI-LMR16006_15 Datasheet
1Mb / 24P
[Old version datasheet]   LMR16006 SIMPLE SWITCHER짰 60 V 0.6 A Buck Regulators With High Efficiency ECO Mode
LMR16006 TI1-LMR16006 Datasheet
1Mb / 25P
[Old version datasheet]   LMR16006 SIMPLE SWITCHER짰 60 V 0.6 A Buck Regulators With High Efficiency ECO
LMR14006 TI1-LMR14006 Datasheet
1Mb / 20P
[Old version datasheet]   SIMPLE SWITCHER짰 40V 300/600mA Buck Regulators with High Efficiency Sleep Mode
TPS53355 TI1-TPS53355 Datasheet
977Kb / 29P
[Old version datasheet]   High-Efficiency 30-A Synchronous Buck Converter with Eco-mode?
TPS53353 TI1-TPS53353 Datasheet
1,017Kb / 29P
[Old version datasheet]   High-Efficiency 20-A Synchronous Buck Converter with Eco-mode?
TPS53353 TI1-TPS53353_17 Datasheet
1Mb / 37P
[Old version datasheet]   High-Efficiency 20-A Synchronous Buck SWIFT Converter With Eco-mode
TPS53355 TI1-TPS53355_17 Datasheet
1Mb / 39P
[Old version datasheet]   High-Efficiency 30-A Synchronous Buck SWIFT Converter With Eco-mode
TPS53353 TI-TPS53353_15 Datasheet
1Mb / 37P
[Old version datasheet]   TPS53353 High-Efficiency 20-A Synchronous Buck Converter With Eco-mode?
TPS53355 TI-TPS53355_15 Datasheet
1Mb / 37P
[Old version datasheet]   TPS53355 High-Efficiency 30-A Synchronous Buck Converter With Eco-mode?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com