データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LMR16006YQ5DDCTQ1 データシート(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
部品番号 LMR16006YQ5DDCTQ1
部品情報  SIMPLE SWITCHER Buck Regulators With High-Efficiency ECO Mode
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

LMR16006YQ5DDCTQ1 データシート(HTML) 1 Page - Texas Instruments

  LMR16006YQ5DDCTQ1 Datasheet HTML 1Page - Texas Instruments LMR16006YQ5DDCTQ1 Datasheet HTML 2Page - Texas Instruments LMR16006YQ5DDCTQ1 Datasheet HTML 3Page - Texas Instruments LMR16006YQ5DDCTQ1 Datasheet HTML 4Page - Texas Instruments LMR16006YQ5DDCTQ1 Datasheet HTML 5Page - Texas Instruments LMR16006YQ5DDCTQ1 Datasheet HTML 6Page - Texas Instruments LMR16006YQ5DDCTQ1 Datasheet HTML 7Page - Texas Instruments LMR16006YQ5DDCTQ1 Datasheet HTML 8Page - Texas Instruments LMR16006YQ5DDCTQ1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
Output Current (mA)
1
10
100
1000
20
30
40
50
60
70
80
90
100
D001
VIN = 12 V
LMR16006Y
CB
SW
FB
Cboot
L1
D1
R1
R2
Cout
SHDN
Cin
VIN
GND
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
LMR16006Y-Q1
SNVSAC1 – JUNE 2015
LMR16006Y-Q1 SIMPLE SWITCHER® Buck Regulators With High-Efficiency ECO Mode
1 Features
3 Description
The LMR16006Y-Q1 is a PWM DC-DC buck (step-
1
LMR16006Y-Q1 is an Automotive Grade Product
down) regulator. It is suitable for a wide range of
that is a AEC-Q100 Grade 1 Qualified (-40°C to
application from industrial to automotive for power
+125°C Operating Junction Temperature)
conditioning
from
an
unregulated
source.
The
Input Voltage Range 4 V to 40 V with Transient
regulator’s standby current is 28 µA in ECO mode,
Up to 65 V
which is suitable for battery operating systems. An
ultra-low 1 µA shutdown current can further prolong
Output Current up to 600 mA
battery life. Operating frequency is fixed at 2.1 MHz
2.1 MHz Switching Frequency
allowing the use of small external components while
Ultra Low 28 µA Standby Current in ECO Mode
still being able to have low output ripple voltage. Soft-
1 µA Shutdown Current
start and compensation circuits are implemented
internally, which allows the device to be used with
High Duty Cycle Operation Supported
minimized external components. The LMR16006Y-Q1
ADJ, Fixed 3.3 V and Fixed 5 V Output Option
is optimized for up to 600 mA load currents. It has a
Internal Compensation
0.765 V typical feedback voltage. The device has
built-in protection features such as pulse by pulse
High Voltage Enable Input
current limit, thermal sensing and shutdown due to
Internal Soft Start
excessive power dissipation. The LMR16006Y-Q1 is
Over Current Protection
available in a low profile SOT-6L package (2.9 mm x
1.6 mm).
Over Temperature Protection
Small Overall Solution Size (SOT-6L Package)
Device Information(1)
PART NUMBER
PACKAGE
OUTPUT VOLTAGE
2 Applications
LMR16006YQ
Adjustable
Automotive
LMR16006YQ3
SOT (6)
Fixed 3.3 V
Battery Powered Equipment
LMR16006YQ5
Fixed 5 V
Industrial Distributed Power Systems
(1) For all available packages, see the orderable addendum at
Portable Handheld Instruments
the end of the datasheet.
Portable Media Players
Aftermarket Automotive Accessories: Video, GPS,
Entertainment
4 Simplified Schematic
Efficiency vs Output Current
SW= 2.1 MHz, VOUT= 3.3 V)
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


同様の部品番号 - LMR16006YQ5DDCTQ1

メーカー部品番号データシート部品情報
logo
Texas Instruments
LMR16006YDDCR TI1-LMR16006YDDCR Datasheet
1Mb / 25P
[Old version datasheet]   LMR16006 SIMPLE SWITCHER짰 60 V 0.6 A Buck Regulators With High Efficiency ECO
LMR16006YDDCT TI1-LMR16006YDDCT Datasheet
1Mb / 25P
[Old version datasheet]   LMR16006 SIMPLE SWITCHER짰 60 V 0.6 A Buck Regulators With High Efficiency ECO
More results

同様の説明 - LMR16006YQ5DDCTQ1

メーカー部品番号データシート部品情報
logo
Texas Instruments
LMR14003 TI1-LMR14003 Datasheet
1Mb / 20P
[Old version datasheet]   SIMPLE SWITCHER 40V 300/600mA Buck Regulators with High Efficiency Sleep Mode
LMR16006 TI-LMR16006_15 Datasheet
1Mb / 24P
[Old version datasheet]   LMR16006 SIMPLE SWITCHER짰 60 V 0.6 A Buck Regulators With High Efficiency ECO Mode
LMR16006 TI1-LMR16006 Datasheet
1Mb / 25P
[Old version datasheet]   LMR16006 SIMPLE SWITCHER짰 60 V 0.6 A Buck Regulators With High Efficiency ECO
LMR14006 TI1-LMR14006 Datasheet
1Mb / 20P
[Old version datasheet]   SIMPLE SWITCHER짰 40V 300/600mA Buck Regulators with High Efficiency Sleep Mode
TPS53355 TI1-TPS53355 Datasheet
977Kb / 29P
[Old version datasheet]   High-Efficiency 30-A Synchronous Buck Converter with Eco-mode?
TPS53353 TI1-TPS53353 Datasheet
1,017Kb / 29P
[Old version datasheet]   High-Efficiency 20-A Synchronous Buck Converter with Eco-mode?
TPS53353 TI1-TPS53353_17 Datasheet
1Mb / 37P
[Old version datasheet]   High-Efficiency 20-A Synchronous Buck SWIFT Converter With Eco-mode
TPS53355 TI1-TPS53355_17 Datasheet
1Mb / 39P
[Old version datasheet]   High-Efficiency 30-A Synchronous Buck SWIFT Converter With Eco-mode
TPS53353 TI-TPS53353_15 Datasheet
1Mb / 37P
[Old version datasheet]   TPS53353 High-Efficiency 20-A Synchronous Buck Converter With Eco-mode?
TPS53355 TI-TPS53355_15 Datasheet
1Mb / 37P
[Old version datasheet]   TPS53355 High-Efficiency 30-A Synchronous Buck Converter With Eco-mode?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com