データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SLW07 データシート(PDF) 1 Page - KOA Speer Electronics, Inc.

部品番号 SLW07
部品情報  surface mount molded current sense resistors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  KOA [KOA Speer Electronics, Inc.]
ホームページ  http://www.koaspeer.com
Logo KOA - KOA Speer Electronics, Inc.

SLW07 データシート(HTML) 1 Page - KOA Speer Electronics, Inc.

  SLW07 Datasheet HTML 1Page - KOA Speer Electronics, Inc. SLW07 Datasheet HTML 2Page - KOA Speer Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SLW07, SLW1, SLN3
surface mount molded current sense resistors
features
Surface mount type
Flameproof UL94V0 molded polymer case
Excellent dimension accuracy, mountability
and shock resistance
Low profile type available (TSL)
Marking: Black body color with white marking or laser marking
Products with lead-free terminations meet EU RoHS
requirements. EU RoHS regulation is not intended for
Pb-glass contained in electrode, resistor element and glass.
AEC-Q200 Qualified
ordering information
D: ±0.5%
F: ±1%
J: ±5%
T: Sn
±0.5%, ±1%: 4 digits
±5%: 3 digits
W07: 1W
W1: 1.5W
3: 3W
SL
SLN
TE: Embossed plastic
TED: 10" embossed plastic
For further information on
packaging please refer to
Appendix A
SL
Type Size&Power
Ratings
Nominal
Resistance
Tolerance
Termination
Material
Packaging
NewPart#
1
TE
10L0
F
T
dimensions and construction
W
t
L
a
b
c
c Molded
Resin
Resistive
Element
Electrode
.276±.008
(7.0±0.2)
.094±.008
(2.4±0.2)
.453±.012
(11.5±0.3)
.217±.008
(5.5±0.2)
.100±.016
(2.55±0.4)
SLW1
(2512)
SLN3
(4528)
c
b
a
t
W
L
Dimensionsinches(mm)
.248±.012
(6.3±0.3)
.122±.008
(3.1±0.2)
.075±.008
(1.9±0.2)
.047±.008
(1.2±0.2)
.063±.008
(1.6±0.2)
.047±.012
(1.2±0.3)
.094±.008
(2.4±0.2)
SLW07
(2010) .197±.012
(5.0±0.3)
.098±.008
(2.5±0.2)
.067±.008
(1.7±0.2)
.047±.008
(0.9±0.2)
.035±.012
(1.2±0.3)
.079±.008
(2.0±0.2)
Size
Code
EU
Resistance
Tolerance
E-24*
Resistance
Range
Part
Designation
Operating
Temperature
Range
Power
Rating
T.C.R.
(ppm/°C)
Max.**
applications and ratings
-55°C to +180°C
RatedTerminal
PartTemperature
120°C
125°C
* 5m, 6m, 7m, 8m, 9mΩ also available inside resistance range
** Please contact factory for T.C.R.: ±50ppm/°C and ±75ppm/°C
SLN3
3W
5mΩ - 110mΩ
±110: R<10mΩ
±75: R=>10mΩ
(D: ±0.5%)
(F: ±1%)
(J: ±5%)
SLW07
1W
0~200: R=<10mΩ
0~150: R=>11mΩ
5mΩ - 100mΩ
SLW1
1.5W
±180: R=<13mΩ
±100: R=>15mΩ
5mΩ - 100mΩ
5mΩ ~ 100mΩ
(J: ±5%)
(F: ±1%)
10mΩ - 100mΩ
(D: ±0.5%)
(J: ±5%)
(F: ±1%)
67
KOASpeerElectronics,Inc. • 199BolivarDrive • Bradford,PA16701 • USA • 814-362-5536 • Fax:814-362-8883 • www.koaspeer.com
Specificationsgivenhereinmaybechangedatanytimewithoutpriornotice.Pleaseconfirmtechnicalspecificationsbeforeyouorderand/oruse.
11/30/14


同様の部品番号 - SLW07

メーカー部品番号データシート部品情報
logo
Mean Well Enterprises C...
SLW05 MEANWELL-SLW05 Datasheet
185Kb / 1P
   5W DC-DC Regulated Single Output Converter
SLW05A-05 MEANWELL-SLW05A-05 Datasheet
185Kb / 1P
   5W DC-DC Regulated Single Output Converter
SLW05A-09 MEANWELL-SLW05A-09 Datasheet
185Kb / 1P
   5W DC-DC Regulated Single Output Converter
SLW05A-12 MEANWELL-SLW05A-12 Datasheet
185Kb / 1P
   5W DC-DC Regulated Single Output Converter
SLW05A-15 MEANWELL-SLW05A-15 Datasheet
185Kb / 1P
   5W DC-DC Regulated Single Output Converter
More results

同様の説明 - SLW07

メーカー部品番号データシート部品情報
logo
KOA Speer Electronics, ...
SL1TTE20L0F KOA-SL1TTE20L0F Datasheet
284Kb / 2P
   surface mount molded current sense resistors
SL1TTE13L0F KOA-SL1TTE13L0F Datasheet
281Kb / 2P
   Surface mount molded current sense resistors
SL1TTE51L0F KOA-SL1TTE51L0F Datasheet
327Kb / 3P
   surface mount molded current sense resistors
SL1TTE KOA-SL1TTE Datasheet
102Kb / 2P
   surface mount molded current sense resistors
SL3TTER100F KOA-SL3TTER100F Datasheet
382Kb / 4P
   surface mount molded current sense resistors
TSL KOA-TSL Datasheet
453Kb / 3P
   surface mount molded current sense resistors
logo
American Accurate Compo...
CSRMS1R005DM AAC-CSRMS1R005DM Datasheet
107Kb / 2P
   CURRENT SENSE - Molded Current Sense Resistors
logo
KOA Speer Electronics, ...
NPR1TTE KOA-NPR1TTE Datasheet
98Kb / 2P
   surface mount molded current sense resistor
NPR1TTE100J KOA-NPR1TTE100J Datasheet
257Kb / 2P
   surface mount molded current sense resistor
logo
List of Unclassifed Man...
ULR3-R001FT2 ETC2-ULR3-R001FT2 Datasheet
390Kb / 4P
   Metal Strip Current Sense Resistors Surface Mount
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com