データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BTA04 データシート(PDF) 3 Page - Unisonic Technologies

部品番号 BTA04
部品情報  SENSITIVE GATE TRIAC
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  UTC [Unisonic Technologies]
ホームページ  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

BTA04 データシート(HTML) 3 Page - Unisonic Technologies

  BTA04_15 Datasheet HTML 1Page - Unisonic Technologies BTA04_15 Datasheet HTML 2Page - Unisonic Technologies BTA04_15 Datasheet HTML 3Page - Unisonic Technologies BTA04_15 Datasheet HTML 4Page - Unisonic Technologies BTA04_15 Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
BTA04
TRIAC
UNISONICTECHNOLOGIESCO.,LTD
3 of 5
www.unisonic.com.tw
QW-R401-034.F
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
RATINGS
UNIT
RMS On-State Current
(360° Conduction Angle)
TC=90°C
IT(RMS)
4
A
tp=8.3ms
42
A
Non Repetitive Surge Peak On-State
Current (TJ initial=25°C)
tp=10ms
ITSM
40
A
I
2t Value
tp=10ms
I
2t
8
A
2s
Repetitive F=50Hz
10
A/µs
Critical Rate of Rise of On-State Current:
IG=50mA, dIG/dt=0.1A/µs
Non Repetitive
dI/dt
50
A/µs
400 T/A
400
V
600 T/D
600
V
700 T/S
700
V
Repetitive Peak Off-State Voltage
(TJ=110°C)
800 T/S
VDRM/VRRM
800
V
Peak Gate Current
tp=20µs
IGM
4
A
Peak Positive Gate Voltage
tp=20µs
VGM
16
V
Peak Positive Gate Power Dissipation
tp=20µs
PGM)
40
W
Average Gate Power Dissipation
PG(AV)
1
W
Operating Junction Temperature
TJ
-40~+110
°C
Storage Junction Temperature
TSTG
-40~+150
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
THERMAL RESISTANCES
PARAMETER
SYMBOL
RATINGS
UNIT
Junction to Ambient
θJA
60
°C/W
Junction to Case for 360° Conduction Angle (F=50Hz) (AC)
3.3
°C/W
Junction to Case (DC)
θJC
4.4
°C/W


同様の部品番号 - BTA04_15

メーカー部品番号データシート部品情報
logo
STMicroelectronics
BTA04-400 STMICROELECTRONICS-BTA04-400 Datasheet
438Kb / 6P
   SENSITIVE GATE TRIACS
BTA04-400A STMICROELECTRONICS-BTA04-400A Datasheet
69Kb / 5P
   SENSITIVE GATE TRIACS
BTA04-400A STMICROELECTRONICS-BTA04-400A Datasheet
438Kb / 6P
   SENSITIVE GATE TRIACS
logo
Shenzhen Luguang Electr...
BTA04-400A LUGUANG-BTA04-400A Datasheet
717Kb / 5P
   SENSITIVE GATE TRIACS
logo
STMicroelectronics
BTA04-400D STMICROELECTRONICS-BTA04-400D Datasheet
438Kb / 6P
   SENSITIVE GATE TRIACS
More results

同様の説明 - BTA04_15

メーカー部品番号データシート部品情報
logo
Apollo Electron Co., Lt...
TP4A60S APOLLOELECTRON-TP4A60S Datasheet
1Mb / 5P
   Sensitive Gate Triac
logo
New Jersey Semi-Conduct...
T2322B NJSEMI-T2322B Datasheet
103Kb / 2P
   Sensitive Gate Triac
logo
Apollo Electron Co., Lt...
TD4A60S APOLLOELECTRON-TD4A60S Datasheet
1Mb / 5P
   Sensitive Gate Triac
TR4A60S APOLLOELECTRON-TR4A60S Datasheet
4Mb / 6P
   Sensitive Gate Triac
logo
Shenzhen Winsemi Microe...
STU4A60S WINSEMI-STU4A60S Datasheet
483Kb / 5P
   Sensitive Gate Triac
WTD4A60S WINSEMI-WTD4A60S Datasheet
445Kb / 5P
   Sensitive Gate Triac
logo
NTE Electronics
NTE56045 NTE-NTE56045 Datasheet
21Kb / 2P
   TRIAC, 16A, Sensitive Gate
NTE56039 NTE-NTE56039 Datasheet
20Kb / 2P
   TRIAC, 4A Sensitive Gate
NTE56040 NTE-NTE56040 Datasheet
20Kb / 2P
   TRIAC, 4A Sensitive Gate
NTE5655 NTE-NTE5655 Datasheet
19Kb / 2P
   TRIAC - 800mA Sensitive Gate
More results


Html Pages

1 2 3 4 5


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com