データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BTA08AL-6-BW-TF3-T データシート(PDF) 2 Page - Unisonic Technologies

部品番号 BTA08AL-6-BW-TF3-T
部品情報  8A TRIACS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  UTC [Unisonic Technologies]
ホームページ  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

BTA08AL-6-BW-TF3-T データシート(HTML) 2 Page - Unisonic Technologies

  BTA08AL-6-BW-TF3-T Datasheet HTML 1Page - Unisonic Technologies BTA08AL-6-BW-TF3-T Datasheet HTML 2Page - Unisonic Technologies BTA08AL-6-BW-TF3-T Datasheet HTML 3Page - Unisonic Technologies BTA08AL-6-BW-TF3-T Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
BTA08A
Preliminary
TRIACS
UNISONICTECHNOLOGIESCO.,LTD
2 of 4
www.unisonic.com.tw
QW-R401-051.C
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
RATINGS
UNIT
RMS On-State Current (Full Sine Wave) TC=100°C
IT(RMS)
8
A
F=50Hz t=20ms
80
A
Non Repetitive Surge Peak On-State
Current (Full Cycle TJ initial=25°C)
F=60Hz t=16.7ms
ITSM
84
A
I
2t Value for Fusing
tP=10ms
I
2t
36
A
2s
Critical Rate of Rise of On-State Current:
IG=2xIGT, tr≤100ns
F=120Hz TJ=125°C
dI/dt
50
A/µs
Peak Gate Current
tP=20µs TJ=125°C
IGM
4
A
Average Gate Power Dissipation
TJ=125°C
PG(AV)
1
W
Operating Junction Temperature
TJ
-40~+125
°C
Storage Junction Temperature
TSTG
-40~+150
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
THERMAL RESISTANCES
PARAMETER
SYMBOL
RATINGS
UNIT
Junction to Ambient
θJA
60
°C/W
Junction to Case (AC)
θJC
2.5
°C/W
ELECTRICAL CHARACTERISTICS (TJ= 25°C, unless otherwise specified)
FOR SNUBBERLESS AND LOGIC LEVEL (3 QUADRANTS)
TW
SW
CW
BW
PARAMETER
SYMBOL
TEST
CONDITIONS
MIN TYP MAX MIN TYP MAX MIN TYP MAX MIN TYP MAX
UNIT
Gate Trigger
Current (Note 1)
IGT
I-II-III
5
10
35
50
mA
Gate Trigger
Voltage
VGT
VD=12V
RL=30Ω
I-II-III
1.3
1.3
1.3
1.3
V
Gate Non-Trigger
Voltage
VGD
VD=VDRM,
RL=3.3kΩ,
TJ=125°C
I-II-III 0.2
0.2
0.2
0.2
V
Holding Current
(Note 2)
IH
IT=100mA
10
15
35
50
mA
I-III
10
25
50
70
mA
Latching Current
IL
IG=1.2IGT
II
15
30
60
80
mA
Critical Rate of
Rise of Off-State
Voltage(Note 2)
dV/dt
VD=67%VDRM,
Gate Open,
TJ=125°C
20
40
400
1000
V/µs
(dV/dt)c=0.1V/µs,
TJ=125°C
3.5
5.4
A/ms
(dV/dt)c=10V/µs,
TJ=125°C
1.5
2.98
A/ms
Critical Rate of
Rise of Off-State
Voltage at
Commutation
(Note 2)
(dI/dt)c
Without Snubber
TJ= 125°C
4.5
7
A/ms
Notes: 1. Minimum IGT is guaranteed at 5% of IGT max.
2. For both polarities of MT2 referenced to MT1.


同様の部品番号 - BTA08AL-6-BW-TF3-T

メーカー部品番号データシート部品情報
logo
Unisonic Technologies
BTA08AL-6-CW-TF3-T UTC-BTA08AL-6-CW-TF3-T Datasheet
170Kb / 4P
   8A TRIACS
More results

同様の説明 - BTA08AL-6-BW-TF3-T

メーカー部品番号データシート部品情報
logo
Unisonic Technologies
BTA08 UTC-BTA08_15 Datasheet
195Kb / 3P
   8A TRIACS
BTB08A UTC-BTB08A Datasheet
187Kb / 4P
   8A TRIACS
logo
JIEJIE MICROELECTRONICS...
ACJT8 JIEJIE-ACJT8 Datasheet
390Kb / 6P
   8A TRIACs
logo
Tiger Electronic Co.,Lt...
T810-600B TGS-T810-600B Datasheet
56Kb / 1P
   8A TRIACS
BTA08-600B TGS-BTA08-600B Datasheet
93Kb / 1P
   8A TRIACS
logo
JIEJIE MICROELECTRONICS...
BTA08 JIEJIE-BTA08 Datasheet
589Kb / 5P
   8A TRIACs
logo
Unisonic Technologies
BTA08A UTC-BTA08A Datasheet
170Kb / 4P
   8A TRIACS
logo
JIEJIE MICROELECTRONICS...
JST08 JIEJIE-JST08 Datasheet
554Kb / 5P
   8A TRIACs
JST08I JIEJIE-JST08I Datasheet
562Kb / 5P
   8A TRIACs
logo
Tiger Electronic Co.,Lt...
BTA08-600C TGS-BTA08-600C Datasheet
31Kb / 1P
   8A TRIACS
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com