データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BTA12L-8-C-TF3-T データシート(PDF) 1 Page - Unisonic Technologies

部品番号 BTA12L-8-C-TF3-T
部品情報  12A TRIACS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  UTC [Unisonic Technologies]
ホームページ  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

BTA12L-8-C-TF3-T データシート(HTML) 1 Page - Unisonic Technologies

  BTA12L-8-C-TF3-T Datasheet HTML 1Page - Unisonic Technologies BTA12L-8-C-TF3-T Datasheet HTML 2Page - Unisonic Technologies BTA12L-8-C-TF3-T Datasheet HTML 3Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
UNISONIC TECHNOLOGIES CO., LTD
BTA12
TRIAC
www.unisonic.com.tw
1 of 3
Copyright © 2015 Unisonic Technologies Co., Ltd
QW-R401-026.E
12A TRIACS
DESCRIPTION
The UTC BTA12 is a 12A triacs which can be operated in 4
quadrants, it uses UTC’s advanced technology to provide customers
with high commutation performances, etc.
The UTC BTA12 is suitable for AC switching application and phase
control application such as fan speed and temperature modulation
control, lighting control and static switching relay, either in through-hole
or surface-mount packages.
SYMBOL
ORDERING INFORMATION
Ordering Number
Pin Assignment
Lead Free
Halogen Free
Package
1
2
3
Packing
BTA12L-x-x-TF3-T
BTA12G-x-x-TF3-T
TO-220F
MT1 MT2
G
Tube
SENSITIVITY AND TYPE
VOLTAGE
PART NUMBER
600V
800V
SENSITIVITY
TYPE
B
50mA
STANDARD
C
25mA
STANDARD
: Available
MARKING


同様の部品番号 - BTA12L-8-C-TF3-T

メーカー部品番号データシート部品情報
logo
Unisonic Technologies
BTA12L-6-B-TF3-T UTC-BTA12L-6-B-TF3-T Datasheet
164Kb / 3P
   12A TRIACS
More results

同様の説明 - BTA12L-8-C-TF3-T

メーカー部品番号データシート部品情報
logo
JIEJIE MICROELECTRONICS...
JST12FH JIEJIE-JST12FH Datasheet
493Kb / 4P
   12A TRIACs
logo
STMicroelectronics
T1235H STMICROELECTRONICS-T1235H Datasheet
94Kb / 7P
   12A TRIACS
logo
Kersemi Electronic Co.,...
BTB12-700C KERSEMI-BTB12-700C Datasheet
1,011Kb / 5P
   12A TRIACS
BTB12-800C KERSEMI-BTB12-800C Datasheet
1,011Kb / 5P
   12A TRIACS
BTB12-800B KERSEMI-BTB12-800B Datasheet
1,011Kb / 5P
   12A TRIACS
BTA12-600CW KERSEMI-BTA12-600CW Datasheet
1,011Kb / 5P
   12A TRIACS
BTA12-600BW KERSEMI-BTA12-600BW Datasheet
1,011Kb / 5P
   12A TRIACS
BTB12-800BW KERSEMI-BTB12-800BW Datasheet
1,011Kb / 5P
   12A TRIACS
BTA12-700SW KERSEMI-BTA12-700SW Datasheet
1,011Kb / 5P
   12A TRIACS
BTA12-600C KERSEMI-BTA12-600C Datasheet
1,011Kb / 5P
   12A TRIACS
logo
Unisonic Technologies
BTA12A UTC-BTA12A Datasheet
171Kb / 4P
   12A TRIACS
More results


Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com