データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BTB24AG-6-CW-TA3-T データシート(PDF) 1 Page - Unisonic Technologies

部品番号 BTB24AG-6-CW-TA3-T
部品情報  25A TRIACS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  UTC [Unisonic Technologies]
ホームページ  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

BTB24AG-6-CW-TA3-T データシート(HTML) 1 Page - Unisonic Technologies

  BTB24AG-6-CW-TA3-T Datasheet HTML 1Page - Unisonic Technologies BTB24AG-6-CW-TA3-T Datasheet HTML 2Page - Unisonic Technologies BTB24AG-6-CW-TA3-T Datasheet HTML 3Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
UNISONIC TECHNOLOGIES CO., LTD
BTB24A
Preliminary
TRIAC
www.unisonic.com.tw
1 of 3
Copyright © 2013 Unisonic Technologies Co., Ltd
QW-R401-060.b
25A TRIACS
DESCRIPTION
The UTC BTB24A is a 25A triacs which can be operated in 3
quadrants, it uses UTC’s advanced technology to provide
customers with high commutation performances.
The UTC BTB24A is suitable for inductive load switching
operations, also can be used in ON/OFF function applications such
as induction motor starting circuits, heating regulation, static relays
etc.
SYMBOL
ORDERING INFORMATION
Ordering Number
Package
Pin Assignment
Packing
Lead Free
Halogen Free
1
2
3
BTB24AL-x-xx-TA3-T
BTB24AG-x-xx-TA3-T
TO-220
MT1
MT2
G
Tube
SENSITIVITY AND TYPE
PART NUMBER
VOLTAGE
SENSITIVITY
TYPE
600V
800V
BW
50mA
SNUBBERLESS
CW
35mA
SNUBBERLESS
: Available
MARKING


同様の部品番号 - BTB24AG-6-CW-TA3-T

メーカー部品番号データシート部品情報
logo
Unisonic Technologies
BTB24AG-8-CW-TA3-T UTC-BTB24AG-8-CW-TA3-T Datasheet
165Kb / 3P
   25A TRIACS
More results

同様の説明 - BTB24AG-6-CW-TA3-T

メーカー部品番号データシート部品情報
logo
STMicroelectronics
BTA24 STMICROELECTRONICS-BTA24 Datasheet
137Kb / 12P
   25A TRIACS
logo
Tiger Electronic Co.,Lt...
BTA24-600B TGS-BTA24-600B Datasheet
128Kb / 1P
   25A TRIACS
BTA26-600BW TGS-BTA26-600BW Datasheet
67Kb / 1P
   25A TRIACS
BTA24-600C TGS-BTA24-600C Datasheet
285Kb / 1P
   25A TRIACS
logo
Unisonic Technologies
BTB24 UTC-BTB24 Datasheet
171Kb / 3P
   25A TRIACS
logo
Tiger Electronic Co.,Lt...
BTA24-600BW TGS-BTA24-600BW Datasheet
59Kb / 1P
   25A TRIACS
BTA24-800BW TGS-BTA24-800BW Datasheet
59Kb / 1P
   25A TRIACS
TPDV1225-E TGS-TPDV1225-E Datasheet
202Kb / 1P
   25A TRIACS
logo
Kersemi Electronic Co.,...
T2550H-600T KERSEMI-T2550H-600T Datasheet
498Kb / 5P
   25A TRIACS
logo
Tiger Electronic Co.,Lt...
BTA24-600BF TGS-BTA24-600BF Datasheet
61Kb / 1P
   25A TRIACS
More results


Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com