データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SI1553CDL データシート(PDF) 1 Page - Vishay Telefunken

部品番号 SI1553CDL
部品情報  N- and P-Channel 20 V (D-S) MOSFET
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TFUNK [Vishay Telefunken]
ホームページ  http://www.vishay.com
Logo TFUNK - Vishay Telefunken

SI1553CDL データシート(HTML) 1 Page - Vishay Telefunken

  SI1553CDL Datasheet HTML 1Page - Vishay Telefunken SI1553CDL Datasheet HTML 2Page - Vishay Telefunken SI1553CDL Datasheet HTML 3Page - Vishay Telefunken SI1553CDL Datasheet HTML 4Page - Vishay Telefunken SI1553CDL Datasheet HTML 5Page - Vishay Telefunken SI1553CDL Datasheet HTML 6Page - Vishay Telefunken SI1553CDL Datasheet HTML 7Page - Vishay Telefunken SI1553CDL Datasheet HTML 8Page - Vishay Telefunken SI1553CDL Datasheet HTML 9Page - Vishay Telefunken Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
Si1553CDL
www.vishay.com
Vishay Siliconix
S14-1130-Rev. B, 02-Jun-14
1
Document Number: 67693
For technical questions, contact: pmostechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
N- and P-Channel 20 V (D-S) MOSFET
Marking Code: RH
Ordering Information:
Si1553CDL-T1-GE3 (Lead (Pb)-free and Halogen-free)
FEATURES
• TrenchFET® power MOSFET
• 100 % Rg tested
• Material categorization:
for definitions of compliance please see
www.vishay.com/doc?99912
APPLICATIONS
•Load switch
•DC/DC converter
Notes
a. Based on TC = 25 °C.
b. Surface mounted on 1" x 1" FR4 board.
c. t = 10 s.
d. Maximum under steady state conditions is 486 °C/W (N-Channel) and 486 °C/W (P-Channel).
PRODUCT SUMMARY
VDS (V)
RDS(on) (
Ω)ID (A) a Qg (TYP.)
N-Channel
20
0.390 at VGS = 4.5 V
0.7
0.55
0.510 at VGS = 2.7 V
0.5
0.578 at VGS = 2.5 V
0.5
P-Channel
-20
0.850 at VGS = -4.5 V
-0.5
0.95
1.350 at VGS = -2.7 V
-0.5
1.480 at VGS = -2.5 V
-0.3
SOT-363
SC-70 Dual (6 leads)
Top View
1
S
1
2
G
1
3
D
2
D
1
6
G
2
5
S
2
4
N-Channel MOSFET
D1
G1
S1
S2
G2
D2
P-Channel MOSFET
ABSOLUTE MAXIMUM RATINGS (TA = 25 °C, unless otherwise noted)
PARAMETER
SYMBOL
N-CHANNEL
P-CHANNEL
UNIT
Drain-Source Voltage
VDS
20
-20
V
Gate-Source Voltage
VGS
± 12
Continuous Drain Current (TJ = 150 °C)
TC = 25 °C
ID
0.7
-0.5
A
TC = 70 °C
0.6
-0.4
TA = 25 °C
0.7 b, c
-0.4 b, c
TA = 70 °C
0.5 b, c
-0.4 b, c
Source-Drain Current Diode Current
TC = 25 °C
IS
0.3
-0.3
TA = 25 °C
0.2 b, c
-0.2 b, c
Pulsed Drain Current (t = 300 μs)
IDM
2-1
Maximum Power Dissipation
TC = 25 °C
PD
0.34
0.34
W
TC = 70 °C
0.22
0.22
TA = 25 °C
0.29 b, c
0.29 b, c
TA = 70 °C
0.18 b, c
0.18 b, c
Operating Junction and Storage Temperature Range
TJ, Tstg
-55 to 150
°C
THERMAL RESISTANCE RATINGS
PARAMETER
SYMBOL
N-CHANNEL
P-CHANNEL
UNIT
TYP.
MAX.
TYP.
MAX.
Maximum Junction-to-Ambient b, d
t
≤ 10 s
RthJA
365
438
365
438
°C/W
Maximum Junction-to-Foot (Drain)
Steady State
RthJF
308
370
308
370


同様の部品番号 - SI1553CDL

メーカー部品番号データシート部品情報
logo
Vishay Siliconix
SI1553CDL VISHAY-SI1553CDL Datasheet
262Kb / 16P
   N- and P-Channel 20 V (D-S) MOSFET
Rev. A, 02-May-11
SI1553CDL VISHAY-SI1553CDL Datasheet
278Kb / 16P
   N- and P-Channel 20 V (D-S) MOSFET
01-Jan-2022
logo
VBsemi Electronics Co.,...
SI1553CDL-T1-GE3 VBSEMI-SI1553CDL-T1-GE3 Datasheet
1Mb / 9P
   N- and P- Channel 20 V (D-S) MOSFET
logo
Vishay Siliconix
SI1553CDL-T1-GE3 VISHAY-SI1553CDL-T1-GE3 Datasheet
278Kb / 16P
   N- and P-Channel 20 V (D-S) MOSFET
01-Jan-2022
SI1553CDL VISHAY-SI1553CDL_V01 Datasheet
278Kb / 16P
   N- and P-Channel 20 V (D-S) MOSFET
01-Jan-2022
More results

同様の説明 - SI1553CDL

メーカー部品番号データシート部品情報
logo
Vishay Siliconix
SI3588DV VISHAY-SI3588DV Datasheet
59Kb / 7P
   N- and P-Channel 20-V (D-S) MOSFET
Rev. A, 23-Oct-00
SI3586DV VISHAY-SI3586DV Datasheet
362Kb / 4P
   N- and P-Channel 20-V (D-S) MOSFET
Rev. B, 16-May-05
SI1553CDL VISHAY-SI1553CDL Datasheet
262Kb / 16P
   N- and P-Channel 20 V (D-S) MOSFET
Rev. A, 02-May-11
SI3586DV VISHAY-SI3586DV_09 Datasheet
212Kb / 13P
   N- and P-Channel 20-V (D-S) MOSFET
Rev. D, 12-Oct-09
logo
Vaishali Semiconductor
SI3585DV VAISH-SI3585DV Datasheet
67Kb / 7P
   N- and P-Channel 20-V (D-S) MOSFET
logo
Vishay Siliconix
SI4511DY VISHAY-SI4511DY Datasheet
77Kb / 8P
   N- and P-Channel 20-V (D-S) MOSFET
Rev. B, 09-Aug-04
SI5509DC VISHAY-SI5509DC_08 Datasheet
134Kb / 12P
   N- and P-Channel 20-V (D-S) MOSFET
Rev. A, 20-Mar-06
SI5515CDC VISHAY-SI5515CDC_10 Datasheet
276Kb / 16P
   N- and P-Channel 20 V (D-S) MOSFET
Rev. B, 08-Mar-10
SIA519EDJ VISHAY-SIA519EDJ Datasheet
275Kb / 14P
   N- and P-Channel 20-V (D-S) MOSFET
Rev. B, 14-Dec-09
SI4511DY VISHAY-SI4511DY_V01 Datasheet
142Kb / 9P
   N- and P-Channel 20-V (D-S) MOSFET
01-Jan-2022
logo
VBsemi Electronics Co.,...
AO7600 VBSEMI-AO7600 Datasheet
1Mb / 9P
   N- and P- Channel 20 V (D-S) MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com