データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SIA533EDJ データシート(PDF) 2 Page - Vishay Telefunken

部品番号 SIA533EDJ
部品情報  N- and P-Channel 12-V (D-S) MOSFET
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TFUNK [Vishay Telefunken]
ホームページ  http://www.vishay.com
Logo TFUNK - Vishay Telefunken

SIA533EDJ データシート(HTML) 2 Page - Vishay Telefunken

  SIA533EDJ Datasheet HTML 1Page - Vishay Telefunken SIA533EDJ Datasheet HTML 2Page - Vishay Telefunken SIA533EDJ Datasheet HTML 3Page - Vishay Telefunken SIA533EDJ Datasheet HTML 4Page - Vishay Telefunken SIA533EDJ Datasheet HTML 5Page - Vishay Telefunken SIA533EDJ Datasheet HTML 6Page - Vishay Telefunken SIA533EDJ Datasheet HTML 7Page - Vishay Telefunken SIA533EDJ Datasheet HTML 8Page - Vishay Telefunken SIA533EDJ Datasheet HTML 9Page - Vishay Telefunken Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
www.vishay.com
2
Document Number: 65706
S10-0214-Rev. A, 25-Jan-10
Vishay Siliconix
SiA533EDJ
New Product
Notes:
a. Package limited.
b. Surface mounted on 1" x 1" FR4 board.
c. t = 5 s.
d. See solder profile (
www.vishay.com/ppg?73257). The PowerPAK SC-70 is a leadless package. The end of the lead terminal is exposed copper
(not plated) as a result of the singulation process in manufacturing. A solder fillet at the exposed copper tip cannot be guaranteed and is not
required to ensure adequate bottom side solder interconnection.
e. Rework conditions: manual soldering with a soldering iron is not recommended for leadless components.
f. Maximum under steady state conditions is 110 °C/W.
THERMAL RESISTANCE RATINGS
Parameter
Symbol
N-Channel
P-Channel
Unit
Typ.
Max.
Typ.
Max.
Maximum Junction-to-Ambientb, f
t
≤ 5 s
RthJA
52
65
52
65
°C/W
Maximum Junction-to-Case (Drain)
Steady State
RthJC
12.5
16
12.5
16
SPECIFICATIONS TJ = 25 °C, unless otherwise noted
Parameter
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
Static
Drain-Source Breakdown Voltage
VDS
VGS = 0 V, ID = 250 µA
N-Ch
12
V
VGS = 0 V, ID = - 250 µA
P-Ch
- 12
VDS Temperature Coefficient
ΔV
DS/TJ
ID = 250 µA
N-Ch
19
mV/°C
ID = - 250 µA
P-Ch
- 5.7
VGS(th) Temperature Coefficient
ΔV
GS(th)/TJ
ID = 250 µA
N-Ch
- 2.7
ID = - 250 µA
P-Ch
1.7
Gate Threshold Voltage
VGS(th)
VDS = VGS, ID = 250 µA
N-Ch
0.4
1.0
V
VDS = VGS, ID = - 250 µA
P-Ch
- 0.4
- 1.0
Gate-Body Leakage
IGSS
VDS = 0 V, VGS = ± 4.5 V
N-Ch
± 0.5
µA
P-Ch
± 0.5
VDS = 0 V, VGS = ± 8 V
N-Ch
± 5
P-Ch
± 5
Zero Gate Voltage Drain Current
IDSS
VDS = 12 V, VGS = 0 V
N-Ch
1
VDS = - 12 V, VGS = 0 V
P-Ch
- 1
VDS = 12 V, VGS = 0 V, TJ = 55 °C
N-Ch
10
VDS = - 12 V, VGS = 0 V, TJ = 55 °C
P-Ch
- 10
On-State Drain Currentb
ID(on)
VDS ≥ 5 V, VGS = 4.5 V
N-Ch
10
A
VDS ≤ - 5 V, VGS = - 4.5 V
P-Ch
- 10
Drain-Source On-State Resistanceb
RDS(on)
VGS = 4.5 V, ID = 4.6 A
N-Ch
0.028
0.034
Ω
VGS = - 4.5 V, ID = - 3.6 A
P-Ch
0.048
0.059
VGS = 2.5 V, ID = 4.2 A
N-Ch
0.032
0.040
VGS = - 2.5 V, ID = - 3.1 A
P-Ch
0.066
0.081
VGS = 1.8 V, ID = 3.8 A
N-Ch
0.038
0.050
VGS = - 1.8 V, ID = - 2.6 A
P-Ch
0.093
0.115
VGS = 1.5 V, ID = 1.5 A
N-Ch
0.045
0.070
VGS = - 1.5 V, ID = - 0.5 A
P-Ch
0.120
0.215
Forward Transconductanceb
gfs
VDS = 6 V, ID = 4.6 A
N-Ch
21
S
VDS = - 6 V, ID = - 3.6 A
P-Ch
11
Input Capacitance
Ciss
N-Channel
VDS = 6 V, VGS = 0 V, f = 1 MHz
P-Channel
VDS = - 6 V, VGS = 0 V, f = 1 MHz
N-Ch
420
pF
P-Ch
545
Output Capacitance
Coss
N-Ch
100
P-Ch
192
Reverse Transfer Capacitance
Crss
N-Ch
62
P-Ch
175


同様の部品番号 - SIA533EDJ

メーカー部品番号データシート部品情報
logo
Vishay Siliconix
SIA533EDJ VISHAY-SIA533EDJ Datasheet
278Kb / 14P
   N- and P-Channel 12-V (D-S) MOSFET
Rev. A, 25-Jan-10
SIA533EDJ VISHAY-SIA533EDJ Datasheet
405Kb / 14P
   N- and P-Channel 12 V (D-S) MOSFET
01-Jan-2022
SIA533EDJ-T1-GE3 VISHAY-SIA533EDJ-T1-GE3 Datasheet
278Kb / 14P
   N- and P-Channel 12-V (D-S) MOSFET
Rev. A, 25-Jan-10
SIA533EDJ-T1-GE3 VISHAY-SIA533EDJ-T1-GE3 Datasheet
405Kb / 14P
   N- and P-Channel 12 V (D-S) MOSFET
01-Jan-2022
SIA533EDJ VISHAY-SIA533EDJ_V01 Datasheet
405Kb / 14P
   N- and P-Channel 12 V (D-S) MOSFET
01-Jan-2022
More results

同様の説明 - SIA533EDJ

メーカー部品番号データシート部品情報
logo
Vishay Siliconix
SIA527DJ VISHAY-SIA527DJ Datasheet
333Kb / 14P
   N- and P-Channel 12-V (D-S) MOSFET
Rev. A, 29-Jul-13
SMMA511DJ VISHAY-SMMA511DJ Datasheet
264Kb / 14P
   N- and P-Channel 12 V (D-S) MOSFET
Rev. B, 05-Oct-09
SI7540DP VISHAY-SI7540DP Datasheet
74Kb / 8P
   N- and P-Channel 12-V (D-S) MOSFET
Rev.. C, 16-Dec-02
SIA527DJ VISHAY-SIA527DJ_V01 Datasheet
343Kb / 14P
   N- and P-Channel 12-V (D-S) MOSFET
01-Jan-2022
logo
Vishay Telefunken
SI7540DP TFUNK-SI7540DP Datasheet
365Kb / 15P
   N- and P-Channel 12-V (D-S) MOSFET
logo
Vishay Siliconix
SI7540DP VISHAY-SI7540DP_15 Datasheet
361Kb / 16P
   N- and P-Channel 12-V (D-S) MOSFET
Rev. F, 09-Feb-09
SIA511DJ VISHAY-SIA511DJ Datasheet
321Kb / 6P
   N- and P-Channel 12-V (D-S) MOSFET
Rev. A, 19-Nov-07
SIA517DJ VISHAY-SIA517DJ_V01 Datasheet
326Kb / 14P
   N- and P-Channel 12-V (D-S) MOSFET
01-Jan-2022
logo
Shenzhen Tuofeng Semico...
SIA517 TUOFENG-SIA517 Datasheet
3Mb / 10P
   N- and P-Channel 12-V (D-S) MOSFET
Feb,2018 V1.0
logo
DinTek Semiconductor Co...
DTQ2D106 DINTEK-DTQ2D106 Datasheet
1Mb / 9P
   N- and P-Channel 12 V (D-S) MOSFET
REV 1.0
logo
Vishay Siliconix
SI7540DP VISHAY-SI7540DP_09 Datasheet
534Kb / 15P
   N- and P-Channel 12-V (D-S) MOSFET
Rev. F, 09-Feb-09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com