データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

DZ1070N22K データシート(PDF) 6 Page - Infineon Technologies AG

部品番号 DZ1070N22K
部品情報  Pressure contact technology for high reliability
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  INFINEON [Infineon Technologies AG]
ホームページ  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

DZ1070N22K データシート(HTML) 6 Page - Infineon Technologies AG

Back Button DZ1070N22K Datasheet HTML 2Page - Infineon Technologies AG DZ1070N22K Datasheet HTML 3Page - Infineon Technologies AG DZ1070N22K Datasheet HTML 4Page - Infineon Technologies AG DZ1070N22K Datasheet HTML 5Page - Infineon Technologies AG DZ1070N22K Datasheet HTML 6Page - Infineon Technologies AG DZ1070N22K Datasheet HTML 7Page - Infineon Technologies AG DZ1070N22K Datasheet HTML 8Page - Infineon Technologies AG DZ1070N22K Datasheet HTML 9Page - Infineon Technologies AG DZ1070N22K Datasheet HTML 10Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
Netz-Dioden-Modul
Rectifier Diode Module
Technische Information /
technical information
DZ1070N22K
Date of Publication 2014-04-17
Revision 3.2
6/10
Seite/page
Erhöhung des Zth DC bei Sinus und Rechteckströmen mit unterschiedlichen Stromflusswinkeln Θ
Rise of Zth DC for sinewave and rectangular current with different current conduction angles Θ
ΔZth Θ rec / ΔZth Θ sin
Θ = 180°
Θ = 120°
Θ = 90°
Θ = 60°
Θ = 30°
ΔZ
th
Θ rec
[K/W]
0,00126
0,00766
0,00222
0,00259
0,00299
ΔZ
th
Θ sin
[K/W]
0,04797
0,04785
0,04896
0,04938
0,04963
Zth Θ rec = Zth DC + Zth Θ rec
Zth Θ sin = Zth DC + Zth Θ sin


同様の部品番号 - DZ1070N22K

メーカー部品番号データシート部品情報
logo
Infineon Technologies A...
DZ1070N26K INFINEON-DZ1070N26K Datasheet
328Kb / 10P
   Pressure contact technology for high reliability
2017-02-07 Revision 3.1
DZ1070N28K INFINEON-DZ1070N28K Datasheet
319Kb / 10P
   Pressure contact technology for high reliability
2014-04-17 Revision 3.2
More results

同様の説明 - DZ1070N22K

メーカー部品番号データシート部品情報
logo
Infineon Technologies A...
DD600N INFINEON-DD600N Datasheet
347Kb / 10P
   Pressure contact technology for high reliability
2014-03-10 Revision 3.1
TZ800N INFINEON-TZ800N Datasheet
429Kb / 11P
   Pressure contact technology for high reliability
2014-04-16 Revision: 3.2
TZ860N16KOF INFINEON-TZ860N16KOF Datasheet
428Kb / 11P
   Pressure contact technology for high reliability
2014-04-11 Revision: 3.1
DD435N INFINEON-DD435N Datasheet
653Kb / 11P
   Pressure contact technology for high reliability
2016-09-27 Revision 3.0
TT270N16KOF INFINEON-TT270N16KOF Datasheet
408Kb / 11P
   Pressure contact technology for high reliability
2014-12-18 Revision: 3.2
TT305N16KOF INFINEON-TT305N16KOF Datasheet
458Kb / 11P
   Pressure contact technology for high reliability
2012-11-05 Revision: 3.0
TT500N INFINEON-TT500N Datasheet
414Kb / 11P
   Pressure contact technology for high reliability
2016-11-25 Revision: 3.4
TZ425N INFINEON-TZ425N Datasheet
977Kb / 14P
   Pressure contact technology for high reliability
2018-04-17 Revision 3.3
DD175N INFINEON-DD175N Datasheet
645Kb / 11P
   Pressure contact technology for high reliability
2016-09-27 Revision 3.0
TT260N22KOF INFINEON-TT260N22KOF Datasheet
373Kb / 11P
   Pressure contact technology for high reliability
2013-08-01 Revision: 3.1
TT251N INFINEON-TT251N Datasheet
431Kb / 11P
   Pressure contact technology for high reliability
2014-04-09 Revision: 3.2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com