データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SIA400EDJ データシート(PDF) 2 Page - Vishay Telefunken

部品番号 SIA400EDJ
部品情報  N-Channel 30 V (D-S) MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TFUNK [Vishay Telefunken]
ホームページ  http://www.vishay.com
Logo TFUNK - Vishay Telefunken

SIA400EDJ データシート(HTML) 2 Page - Vishay Telefunken

  SIA400EDJ Datasheet HTML 1Page - Vishay Telefunken SIA400EDJ Datasheet HTML 2Page - Vishay Telefunken SIA400EDJ Datasheet HTML 3Page - Vishay Telefunken SIA400EDJ Datasheet HTML 4Page - Vishay Telefunken SIA400EDJ Datasheet HTML 5Page - Vishay Telefunken SIA400EDJ Datasheet HTML 6Page - Vishay Telefunken SIA400EDJ Datasheet HTML 7Page - Vishay Telefunken SIA400EDJ Datasheet HTML 8Page - Vishay Telefunken SIA400EDJ Datasheet HTML 9Page - Vishay Telefunken  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
www.vishay.com
2
Document Number: 67844
S13-0787-Rev. B, 15-Apr-13
Vishay Siliconix
SiA400EDJ
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
For technical questions, contact: pmostechsupport@vishay.com
Notes:
a. Pulse test; pulse width
 300 µs, duty cycle  2 %.
b. Guaranteed by design, not subject to production testing.
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation
of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum
rating conditions for extended periods may affect device reliability.
SPECIFICATIONS (TJ = 25 °C, unless otherwise noted)
Parameter
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
Static
Drain-Source Breakdown Voltage
VDS
VGS = 0, ID = 250 µA
30
V
VDS Temperature Coefficient
V
DS/TJ
ID = 250 µA
34
mV/°C
VGS(th) Temperature Coefficient
V
GS(th)/TJ
- 3.8
Gate-Source Threshold Voltage
VGS(th)
VDS = VGS , ID = 250 µA
0.6
1.5
V
Gate-Source Leakage
IGSS
VDS = 0 V, VGS = ± 12 V
± 15
µA
Zero Gate Voltage Drain Current
IDSS
VDS = 30 V, VGS = 0 V
1
µA
VDS = 30 V, VGS = 0 V, TJ = 55 °C
10
On-State Drain Currenta
ID(on)
VDS 5 V, VGS = 10 V
20
A
Drain-Source On-State Resistancea
RDS(on)
VGS 4.5 V, ID = 11 A
0.016
0.019
VGS 2.5 V, ID = 9.6 A
0.019
0.025
Forward Transconductancea
gfs
VDS = 10 V, ID = 11 A
50
S
Dynamicb
Input Capacitance
Ciss
VDS = 15 V, VGS = 0 V, f = 1 MHz
1265
pF
Output Capacitance
Coss
132
Reverse Transfer Capacitance
Crss
80
Total Gate Charge
Qg
VDS = 15 V, VGS = 10 V, ID = 10 A
24
36
nC
VDS = 15 V, VGS = 4.5 V, ID = 10 A
11.6
17.4
Gate-Source Charge
Qgs
2.9
Gate-Drain Charge
Qgd
2.2
Gate Resistance
Rg
f = 1 MHz
0.6
3.3
6.6
Turn-On Delay Time
td(on)
VDD = 15 V, RL = 1.7 
ID  8.8 A, VGEN = 4.5 V, Rg = 1 
10
15
ns
Rise Time
tr
23
35
Turn-Off Delay Time
td(off)
26
39
Fall Time
tf
918
Turn-On Delay Time
td(on)
VDD = 15 V, RL = 1.7 
ID  8.8 A, VGEN = 10 V, Rg = 1 
48
Rise Time
tr
14
21
Turn-Off Delay Time
td(off)
25
38
Fall Time
tf
918
Drain-Source Body Diode Characteristics
Continuous Source-Drain Diode Current
IS
TC = 25 °C
12
A
Pulse Diode Forward Current
ISM
30
Body Diode Voltage
VSD
IS = 8.8 A, VGS 0 V
0.8
1.2
V
Body Diode Reverse Recovery Time
trr
IF = 8.8 A, dI/dt = 100 A/µs, TJ = 25 °C
15
23
ns
Body Diode Reverse Recovery Charge
Qrr
714
nC
Reverse Recovery Fall Time
ta
9
ns
Reverse Recovery Rise Time
tb
6


同様の部品番号 - SIA400EDJ

メーカー部品番号データシート部品情報
logo
Vishay Siliconix
SIA400EDJ VISHAY-SIA400EDJ Datasheet
224Kb / 9P
   N-Channel 30 V (D-S) MOSFET
Rev. A, 13-Jun-11
SIA400EDJ-T1-GE3 VISHAY-SIA400EDJ-T1-GE3 Datasheet
224Kb / 9P
   N-Channel 30 V (D-S) MOSFET
Rev. A, 13-Jun-11
SIA400EDJ VISHAY-SIA400EDJ_V01 Datasheet
218Kb / 9P
   N-Channel 30 V (D-S) MOSFET
01-Jan-2022
More results

同様の説明 - SIA400EDJ

メーカー部品番号データシート部品情報
logo
Vishay Siliconix
SI3456DV VISHAY-SI3456DV Datasheet
61Kb / 4P
   N-Channel 30-V (D-S) MOSFET
Rev. B, 23-Nov-98
SUU50N03-12P VISHAY-SUU50N03-12P Datasheet
60Kb / 4P
   N-Channel 30-V (D-S) MOSFET
Rev. A, 15-Sep-03
SI4894DY VISHAY-SI4894DY Datasheet
129Kb / 3P
   N-Channel 30-V (D-S) MOSFET
17-May-04
SI4406DY VISHAY-SI4406DY Datasheet
38Kb / 4P
   N-Channel 30-V (D-S) MOSFET
Rev. C, 26-May-03
SI7380DP VISHAY-SI7380DP Datasheet
180Kb / 3P
   N-Channel 30-V (D-S) MOSFET
24-May-04
SI733ADP VISHAY-SI733ADP Datasheet
61Kb / 5P
   N-Channel 30-V (D-S) MOSFET
Rev. A, 25-Oct-04
SI4892DY VISHAY-SI4892DY Datasheet
71Kb / 4P
   N-Channel 30-V (D-S) MOSFET
Rev. F, 01-Aug-05
logo
Vaishali Semiconductor
SI4356ADY VAISH-SI4356ADY Datasheet
143Kb / 3P
   N-Channel 30-V (D-S) MOSFET
logo
Vishay Siliconix
SIRA00DP VISHAY-SIRA00DP Datasheet
513Kb / 13P
   N-Channel 30 V (D-S) MOSFET
Rev. A, 13-Feb-12
SIRA04DP VISHAY-SIRA04DP Datasheet
513Kb / 13P
   N-Channel 30 V (D-S) MOSFET
Rev. A, 13-Feb-12
SIRA14DP VISHAY-SIRA14DP Datasheet
513Kb / 13P
   N-Channel 30 V (D-S) MOSFET
Rev. A, 12-Mar-12
More results


Html Pages

1 2 3 4 5 6 7 8 9


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com