データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TC1791 データシート(PDF) 10 Page - Infineon Technologies AG

部品番号 TC1791
部品情報  32-Bit Single-Chip Microcontroller
Download  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  INFINEON [Infineon Technologies AG]
ホームページ  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TC1791 データシート(HTML) 10 Page - Infineon Technologies AG

Back Button TC1791 Datasheet HTML 6Page - Infineon Technologies AG TC1791 Datasheet HTML 7Page - Infineon Technologies AG TC1791 Datasheet HTML 8Page - Infineon Technologies AG TC1791 Datasheet HTML 9Page - Infineon Technologies AG TC1791 Datasheet HTML 10Page - Infineon Technologies AG TC1791 Datasheet HTML 11Page - Infineon Technologies AG TC1791 Datasheet HTML 12Page - Infineon Technologies AG TC1791 Datasheet HTML 13Page - Infineon Technologies AG TC1791 Datasheet HTML 14Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 153 page
background image
TC1791
Summary of Features
Data Sheet
3
V 1.1, 2014-05
– 200 MHz operation at full temperature range
Multiple on-chip memories
– 4 Mbyte Program Flash Memory (PFLASH) with ECC
– 192 Kbyte Data Flash Memory (DFLASH) usable for EEPROM emulation
– 2 x 8 Kbyte Key Flash
– 128 Kbyte Data Scratch-Pad RAM (DSPR)
– 16 Kbyte Instruction Cache (ICACHE)
– 32 Kbyte Instruction Scratch-Pad RAM (PSPR)
– 16 Kbyte Data Cache (DACHE)
– 128 Kbyte Memory (SRAM)
– 16 Kbyte BootROM (BROM)
16-Channel DMA Controller
8-Channel Safe DMA (SDMA) Controller
Sophisticated interrupt system with 2
× 255 hardware priority arbitration levels
serviced by CPU or PCP2
High performing on-chip bus structure
– 64-bit Cross Bar Interconnect between CPU, Flash and Data Memory
– 32-bit System Peripheral Bus (SPB) for on-chip peripheral and functional units
– One bus bridge (SFI Bridge)
Versatile On-chip Peripheral Units
– Two Asynchronous/Synchronous Serial Channels (ASC) with baud rate generator,
parity, framing and overrun error detection
– Four High-Speed Synchronous Serial Channels (SSC) with programmable data
length and shift direction
– Four SSC Guardian (SSCG) modules, one for each SSC
– Two serial Micro Second Bus interfaces (MSC) for serial port expansion to external
power devices
– Two High-Speed Micro Link interfaces (MLI) for serial inter-processor
communication
– One MultiCAN Module with 4 CAN nodes and 128 free assignable message
objects for high efficiency data handling via FIFO buffering and gateway data
transfer (one CAN node supports TTCAN functionality)
– One FlexRayTM module with 2 channels (E-Ray).
– Two General Purpose Timer Array Modules (GPTA) with additional Local Timer
Cell Array (LTCA2) providing a powerful set of digital signal filtering and timer
functionality to realize autonomous and complex Input/Output management
– Two Capture / Compare 6 modules
– Two General Purpose 12 Timer Units (GPT120 and GPT121)
44 analog input lines for ADC
– 4 independent kernels (ADC0, ADC1, and ADC2)
– Analog supply voltage range from 3.3 V to 5 V (single supply)
4 different FADC input channels
– channels with impedance control and overlaid with ADC1 inputs


同様の部品番号 - TC1791

メーカー部品番号データシート部品情報
logo
Infineon Technologies A...
TC1793 INFINEON-TC1793 Datasheet
4Mb / 189P
   32-Bit Single-Chip Microcontroller
V 1.2 2014-05
TC1796 INFINEON-TC1796 Datasheet
3Mb / 134P
   32-Bit Single-Chip Microcontroller TriCore
V1.0, Apr. 2008
TC1797 INFINEON-TC1797 Datasheet
5Mb / 190P
   32-Bit Single-Chip Microcontroller
V1.1 2009-04
TC1797 INFINEON-TC1797 Datasheet
2Mb / 192P
   32-Bit Single-Chip Microcontroller
V1.3 2014-08
TC1797 INFINEON-TC1797_14 Datasheet
2Mb / 192P
   32-Bit Single-Chip Microcontroller
V1.3 2014-08
More results

同様の説明 - TC1791

メーカー部品番号データシート部品情報
logo
Renesas Technology Corp
V850E2 RENESAS-V850E2 Datasheet
2Mb / 88P
   32-bit Single-Chip Microcontroller
logo
Epson Company
S1C33L03 EPSON-S1C33L03 Datasheet
324Kb / 2P
   32-bit Single Chip Microcontroller
logo
Infineon Technologies A...
TC1736 INFINEON-TC1736 Datasheet
793Kb / 123P
   32-Bit Single-Chip Microcontroller
V1.1 2009-08
logo
Epson Company
S1C33209 EPSON-S1C33209 Datasheet
391Kb / 2P
   32-bit Single Chip Microcontroller
logo
Renesas Technology Corp
V850E2FL4-H RENESAS-V850E2FL4-H_15 Datasheet
2Mb / 80P
   32-bit Single-Chip Microcontroller
logo
Infineon Technologies A...
TC11IB INFINEON-TC11IB Datasheet
1Mb / 108P
   32-Bit Single-Chip Microcontroller
V2.3, Nov. 2003
logo
Panasonic Semiconductor
MN103SFM8K PANASONIC-MN103SFM8K Datasheet
486Kb / 25P
   32-bit Single-chip Microcontroller
MN103SJ7 PANASONIC-MN103SJ7 Datasheet
473Kb / 16P
   32-bit Single-chip Microcontroller
logo
Infineon Technologies A...
TC260 INFINEON-TC260 Datasheet
4Mb / 318P
   32-Bit Single-Chip Microcontroller
V 1.0, 2017-06
TC233 INFINEON-TC233 Datasheet
7Mb / 238P
   32-Bit Single-Chip Microcontroller
V 1.0, 2017-03
logo
Renesas Technology Corp
V850E2FL4-H RENESAS-V850E2FL4-H Datasheet
2Mb / 80P
   32-bit Single-Chip Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com