データシートサーチシステム |
|
ES1D データシート(PDF) 1 Page - Unisonic Technologies |
|
ES1D データシート(HTML) 1 Page - Unisonic Technologies |
1 / 3 page UNISONIC TECHNOLOGIES CO., LTD ES1D Preliminary DIODE www.unisonic.com.tw 1 of 3 Copyright © 2014 Unisonic Technologies Co., Ltd QW-R601-236.a SURFACE MOUNT SUPER FAST RECTIFIER DESCRIPTION The UTC ES1D is a surface mount super fast rectifier, it uses UTC’s advanced technology to provide customers with super fast switching, high forward surge current and low reverse leakage, etc. The UTC ES1D is suitable for surface mounted applications. FEATURES * Super fast switching for high efficiency * Low reverse leakage * High forward surge current capability SYMBOL SMA (JEDEC DO-214AC) + - ORDERING INFORMATION Ordering Number Package Pin Assignment Packing Lead Free Halogen Free 1 2 ES1DL-SMA-R ES1DG-SMA-R SMA K A Tape Reel Note: Pin Assignment: A: Anode K: Cathode ES1DL-SMA-R (1)Packing Type (2)Package Type (1) R: Tape Reel (2) SMA: SMA (3) L: Lead Free, G: Halogen Free (3)Lead Free MARKING Date Code Cathode Band for uni-directional Only UTC ES 1D L: Lead Free G: Halogen Free |
同様の部品番号 - ES1D |
|
同様の説明 - ES1D |