データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BA595 データシート(PDF) 3 Page - Infineon Technologies AG

部品番号 BA595
部品情報  Current-controlled RF resistor for switching and attenuating applications
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  INFINEON [Infineon Technologies AG]
ホームページ  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BA595 データシート(HTML) 3 Page - Infineon Technologies AG

  BA595_14 Datasheet HTML 1Page - Infineon Technologies AG BA595_14 Datasheet HTML 2Page - Infineon Technologies AG BA595_14 Datasheet HTML 3Page - Infineon Technologies AG BA595_14 Datasheet HTML 4Page - Infineon Technologies AG BA595_14 Datasheet HTML 5Page - Infineon Technologies AG BA595_14 Datasheet HTML 6Page - Infineon Technologies AG BA595_14 Datasheet HTML 7Page - Infineon Technologies AG BA595_14 Datasheet HTML 8Page - Infineon Technologies AG BA595_14 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
2014-02-11
3
BA595/BA885/BA895...
Diode capacitance CT = ƒ (VR)
f = Parameter
0
5
10
15
20
V
30
VR
0
0.05
0.1
0.15
0.2
0.25
0.3
0.35
0.4
pF
0.5
1 MHz
100 MHz
1 GHz
Forward resistance rf = ƒ (IF)
f = Parameter
10
EHD07016
BA 885
r
f
F
Ι
-1
0
10
1
10
2
10
mA
0
10
10
3
10
1
10
2
Forward current IF = ƒ (VF)
TA = Parameter
0
0.2
0.4
0.6
0.8
1
°C
1.3
TS
-6
10
-5
10
-4
10
-3
10
-2
10
-1
10
0
10
mA
-40°C
+25°C
+85°C
+125°C
Forward current IF = ƒ (TS)
BA595
0
15
30
45
60
75
90 105 120 °C
150
TS
0
5
10
15
20
25
30
35
40
45
50
mA
60


同様の部品番号 - BA595_14

メーカー部品番号データシート部品情報
logo
Rohm
BA5954FM ROHM-BA5954FM Datasheet
310Kb / 7P
   BLT Driver For DVD-ROM
BA5954FM ROHM-BA5954FM Datasheet
102Kb / 6P
   BLT Driver For DVD-ROM
BA5954FM ROHM-BA5954FM Datasheet
474Kb / 3P
   Current feedback actuator driver
BA5954FM ROHM-BA5954FM_1 Datasheet
102Kb / 6P
   BLT Driver For DVD-ROM
BA5954FP ROHM-BA5954FP Datasheet
474Kb / 3P
   Current feedback actuator driver
More results

同様の説明 - BA595_14

メーカー部品番号データシート部品情報
logo
Infineon Technologies A...
BA779 INFINEON-BA779 Datasheet
62Kb / 5P
   Current-controlled RF resistor for switching and attenuating applications
2007-04-19
logo
Agilent(Hewlett-Packard...
1N5719 HP-1N5719 Datasheet
41Kb / 4P
   PIN Diodes for RF Switching and Attenuating
logo
Infineon Technologies A...
BAR64-06WH6327 INFINEON-BAR64-06WH6327 Datasheet
1,011Kb / 16P
   High voltage current controlled RF resistor for RF attenuator and switches
2011-07-18
logo
Siemens Semiconductor G...
BXY43P SIEMENS-BXY43P Datasheet
101Kb / 4P
   HiRel Silicon PIN Diode (HiRel Discrete and Microwave Semiconductor Current controlled RF resistor for RF attenuators and switches)
BXY44P SIEMENS-BXY44P Datasheet
101Kb / 4P
   HiRel Silicon PIN Diode (HiRel Discrete and Microwave Semiconductor Current controlled RF resistor for RF attenuators and switches)
BXY43 SIEMENS-BXY43 Datasheet
132Kb / 8P
   HiRel Silicon PIN Diode (HiRel Discrete and Microwave Semiconductor Current controlled RF resistor for RF attenuators and switches)
BXY44 SIEMENS-BXY44 Datasheet
135Kb / 8P
   HiRel Silicon PIN Diode (HiRel Discrete and Microwave Semiconductor Current controlled RF resistor for RF attenuators and switches)
BAR64-W SIEMENS-BAR64-W Datasheet
48Kb / 4P
   Silicon PIN Diode (High voltage current controlled RF resistor for RF attenuator and switches Frequency range above 1 MHz)
BAR64 SIEMENS-BAR64 Datasheet
89Kb / 4P
   Silicon PIN Diode (High voltage current controlled RF resistor for RF attenuator and swirches Freqency range above 1 MHz)
BAR64-02W SIEMENS-BAR64-02W Datasheet
25Kb / 4P
   Silicon PIN Diode (High voltage current controlled RF resistor for RF attenuator and switches Frequency range above 1 MHz)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com